Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-HJB33A-TRB Datasheet(PDF) 6 Page - BRIGHT LED ELECTRONICS CORP

Part # BL-HJB33A-TRB
Description  Super Orange Suitable for all SMT assembly methods.
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Direct Link  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BL-HJB33A-TRB Datasheet(HTML) 6 Page - BRIGHT LED ELECTRONICS CORP

  BL-HJB33A-TRB Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BL-HJB33A-TRB Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP BL-HJB33A-TRB Datasheet HTML 3Page - BRIGHT LED ELECTRONICS CORP BL-HJB33A-TRB Datasheet HTML 4Page - BRIGHT LED ELECTRONICS CORP BL-HJB33A-TRB Datasheet HTML 5Page - BRIGHT LED ELECTRONICS CORP BL-HJB33A-TRB Datasheet HTML 6Page - BRIGHT LED ELECTRONICS CORP BL-HJB33A-TRB Datasheet HTML 7Page - BRIGHT LED ELECTRONICS CORP BL-HJB33A-TRB Datasheet HTML 8Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
B
BR
RIIG
GH
HT
T L
LE
ED
D E
EL
LE
EC
CT
TR
RO
ON
NIIC
CS
S C
CO
OR
RP
P..
B
BL
L--H
HJJB
B3
33
3A
A--T
TR
RB
B
SINCE 1981
● Reliability Test
Classification
Test Item
Reference Standard
Test Conditions
Result
Operation Life MIL-STD-750:1026
MIL-STD-883:1005
JIS-C-7021
:B-1
Connect with a power If=20mA
Ta=Under room temperature
Test time=1,000hrs
0/20
High
Temperature
High Humidity
Storage
MIL-STD-202:103B
JIS-C-7021
:B-11
Ta=+65℃±5℃
RH=90%-95%
Test time=240hrs
0/20
High
Temperature
Storage
MIL-STD-883:1008
JIS-C-7021
:B-10
High Ta=+85℃±5℃
Test time=1,000hrs
0/20
Endurance
Test
Low
Temperature
Storage
JIS-C-7021
:B-12
Low Ta=-35℃±5℃
Test time=1,000hrs
0/20
Temperature
Cycling
MIL-STD-202:107D
MIL-STD-750:1051
MIL-STD-883:1010
JIS-C-7021
:A-4
-35℃ ~ +25℃ ~ +85℃ ~ +25℃
60min 20min
60min
20min
Test Time=5cycle
0/20
Thermal Shock MIL-STD-202:107D
MIL-STD-750:1051
MIL-STD-883:1011
-35℃±5℃ ~+85℃±5℃
20min
20min
Test Time=10cycle
0/20
Environmental
Test
Solder
Resistance
MIL-STD-202:201A
MIL-STD-750:2031
JIS-C-7021
:A-1
Preheating:
140℃-160℃,within 2 minutes.
Operation heating:
235℃(Max.), within 10seconds. (Max.)
0/20
● Judgment criteria of failure for the reliability
Measuring items
Symbol
Measuring conditions
Judgment criteria for failure
Forward voltage
VF ( V)
IF=20mA
Over Ux1.2
Reverse current
IR(uA)
VR=5V
Over Ux2
Luminous intensity
Iv ( mcd )
IF=20mA
Below SX0.5
Note: 1.U means the upper limit of specified characteristics. S means initial value.
2.Measurment shall be taken between 2 hours and after the test pieces have been returned to
normal ambient conditions after completion of each test.
Ver.2.0
Page 5 of 7


Similar Part No. - BL-HJB33A-TRB

ManufacturerPart #DatasheetDescription
logo
American Bright OPTOELE...
BL-HJB33A-TRB AMERICANBRIGHT-BL-HJB33A-TRB Datasheet
227Kb / 7P
   Top Emitting SMT LED Components
Ver.2.0
More results

Similar Description - BL-HJB33A-TRB

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BL-HJB34A-TRB BRIGHT-BL-HJB34A-TRB Datasheet
214Kb / 8P
   LED Super Orange Suitable for all SMT assembly methods.
BL-HJB36A-TRB BRIGHT-BL-HJB36A-TRB Datasheet
225Kb / 7P
   LED Super Orange Suitable for all SMT assembly methods.
BL-HJB36D-TRB BRIGHT-BL-HJB36D-TRB Datasheet
271Kb / 7P
   LED Super Orange Suitable for all SMT assembly methods.
BL-HJB34C-TRB BRIGHT-BL-HJB34C-TRB Datasheet
269Kb / 6P
   LED Super Orange Suitable for all SMT assembly methods.
BL-HJB35A-TRB BRIGHT-BL-HJB35A-TRB Datasheet
202Kb / 7P
   LED Super Orange Suitable for all SMT assembly methods.
BL-HJD34A-TRB BRIGHT-BL-HJD34A-TRB Datasheet
204Kb / 7P
   LED Super Orange Red Suitable for all SMT assembly methods.
BL-HJD33-TRB BRIGHT-BL-HJD33-TRB Datasheet
215Kb / 7P
   LED Super Orange Red Suitable for all SMT assembly methods.
BL-HJD36A-TRB BRIGHT-BL-HJD36A-TRB Datasheet
221Kb / 7P
   LED Super Orange Red Suitable for all SMT assembly methods.
BL-HJE36A-TRB BRIGHT-BL-HJE36A-TRB Datasheet
280Kb / 7P
   LED Super Orange Red Suitable for all SMT assembly methods.
BL-HJD35A-TRB BRIGHT-BL-HJD35A-TRB Datasheet
205Kb / 7P
   LED Super Orange Red Suitable for all SMT assembly methods.
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com