Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGW30N90D Datasheet(PDF) 6 Page - STMicroelectronics

Part # STGW30N90D
Description  N-channel 900V - 30A - TO-247 Very fast PowerMESH IGBT
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGW30N90D Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STGW30N90D Datasheet HTML 2Page - STMicroelectronics STGW30N90D Datasheet HTML 3Page - STMicroelectronics STGW30N90D Datasheet HTML 4Page - STMicroelectronics STGW30N90D Datasheet HTML 5Page - STMicroelectronics STGW30N90D Datasheet HTML 6Page - STMicroelectronics STGW30N90D Datasheet HTML 7Page - STMicroelectronics STGW30N90D Datasheet HTML 8Page - STMicroelectronics STGW30N90D Datasheet HTML 9Page - STMicroelectronics STGW30N90D Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Test circuit
STGW30N90D
6/10
3
Test circuit
Figure 2.
Test circuit for inductive load
switching
Figure 3.
Gate charge test circuit
Figure 4.
Switching waveform
Figure 5.
Diode recovery time waveform


Similar Part No. - STGW30N90D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGW30N120KD STMICROELECTRONICS-STGW30N120KD Datasheet
359Kb / 13P
   30 A - 1200 V - short circuit rugged IGBT
STGW30N120KD STMICROELECTRONICS-STGW30N120KD Datasheet
423Kb / 15P
   30 A, 1200 V short circuit rugged IGBT with Ultrafast diode
February 2012
STGW30N120KD STMICROELECTRONICS-STGW30N120KD_V01 Datasheet
423Kb / 15P
   30 A, 1200 V short circuit rugged IGBT with Ultrafast diode
February 2012
STGW30NB60H STMICROELECTRONICS-STGW30NB60H Datasheet
86Kb / 8P
   N-CHANNEL 30A - 600V TO-247 PowerMESH IGBT
STGW30NB60HD STMICROELECTRONICS-STGW30NB60HD Datasheet
91Kb / 8P
   N-CHANNEL 30A - 600V TO-247 PowerMESH IGBT
More results

Similar Description - STGW30N90D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGW20NC60VD STMICROELECTRONICS-STGW20NC60VD Datasheet
303Kb / 11P
   N-CHANNEL 30A - 600V TO-247 Very Fast PowerMESH IGBT
STGW30NC120HD_0710 STMICROELECTRONICS-STGW30NC120HD_0710 Datasheet
305Kb / 13P
   N-channel 1200V - 30A - TO-247 very fast PowerMESH IGBT
STGW30NC120HD STMICROELECTRONICS-STGW30NC120HD Datasheet
109Kb / 9P
   N-CHANNEL 30A - 1200V - TO-247 VERY FAST PowerMESH-TM IGBT
STGW30NC120HD STMICROELECTRONICS-STGW30NC120HD_07 Datasheet
295Kb / 13P
   N-channel 1200V - 30A - TO-247 Very fast PowerMESH TM IGBT
STGP20NC60V STMICROELECTRONICS-STGP20NC60V Datasheet
293Kb / 11P
   N-CHANNEL 30A - 600V - TO-220/TO-247 Very Fast PowerMESH IGBT
STGW30NB60HD STMICROELECTRONICS-STGW30NB60HD Datasheet
91Kb / 8P
   N-CHANNEL 30A - 600V TO-247 PowerMESH IGBT
STGW40NC60V STMICROELECTRONICS-STGW40NC60V_04 Datasheet
279Kb / 10P
   N-CHANNEL 50A - 600V - TO-247 Very Fast PowerMESH IGBT
STGW30NB60H STMICROELECTRONICS-STGW30NB60H Datasheet
86Kb / 8P
   N-CHANNEL 30A - 600V TO-247 PowerMESH IGBT
STGW39NC60VD STMICROELECTRONICS-STGW39NC60VD Datasheet
340Kb / 10P
   N-CHANNEL 40A - 600V - TO-247 Very Fast PowerMESH??IGBT
STGW30NC60WD STMICROELECTRONICS-STGW30NC60WD_07 Datasheet
306Kb / 14P
   N-channel 30A - 600V - TO-247 Ultra fast switching PowerMESH??IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com