Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FCZ100E-06RS-K Datasheet(PDF) 1 Page - YEONHO ELECTRONICS

Part # FCZ100E-06RS-K
Description  1.00mm PITCH CONNECTOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEONHO [YEONHO ELECTRONICS]
Direct Link  http://www.yeonho.com
Logo YEONHO - YEONHO ELECTRONICS

FCZ100E-06RS-K Datasheet(HTML) 1 Page - YEONHO ELECTRONICS

  FCZ100E-06RS-K Datasheet HTML 1Page - YEONHO ELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Material
Material
Material
Material
I/NO
I/NO
I/NO
I/NO DESCRIPTION
DESCRIPTION
DESCRIPTION
DESCRIPTION
MATERIAL
MATERIAL
MATERIAL
MATERIAL
1
HOUSING
P.B.T
2
TERMINAL
Phosphor Bronze, Tin-plated
Specification
Specification
Specification
Specification
ITEM
ITEM
ITEM
ITEM
SPEC
SPEC
SPEC
SPEC
Voltage Rating
AC/DC 50V
Current Rating
AC/DC 1A
Operating Temperature
-25
~+85
Contact Resistance
30m
MAX
Withstanding Voltage
AC500V/1min
Insulation Resistance
1000M
MIN
Applicable Wire
-
Applicable P.C.B
1.2 ~ 1.6mm
Applicable FPC/FFC
0.30±0.03m
Solder Height
0.15mm
Crimp Tensile Strength
-
UL FILE NO
-
Available Pin
Available Pin
Available Pin
Available Pin
PARTS
PARTS
PARTS
PARTS NO.
NO.
NO.
NO.
AAAA
BBBB
CCCC
FCZ100E-04RS-K
7.0
5.0
3.0
FCZ100E-05RS-K
8.0
6.0
4.0
FCZ100E-06RS-K
9.0
7.0
5.0
FCZ100E-07RS-K
10.0
8.0
6.0
FCZ100E-08RS-K
11.0
9.0
7.0
FCZ100E-09RS-K
12.0
10.0
8.0
FCZ100E-10RS-K
13.0
11.0
9.0
FCZ100E-11RS-K
14.0
12.0
10.0
FCZ100E-12RS-K
15.0
13.0
11.0
FCZ100E-13RS-K
16.0
14.0
12.0
FCZ100E-14RS-K
17.0
15.0
13.0
FCZ100E-15RS-K
18.0
16.0
14.0
FCZ100E-16RS-K
19.0
17.0
15.0
FCZ100E-17RS-K
20.0
18.0
16.0
FCZ100E-18RS-K
21.0
19.0
17.0
FCZ100E-19RS-K
22.0
20.0
18.0
FCZ100E-20RS-K
23.0
21.0
19.0
FCZ100E-21RS-K
24.0
22.0
20.0
FCZ100E-22RS-K
25.0
23.0
21.0
FCZ100E-23RS-K
26.0
24.0
22.0
FCZ100E-24RS-K
27.0
25.0
23.0
FCZ100E-25RS-K
28.0
26.0
24.0
FCZ100E-26RS-K
29.0
27.0
25.0
FCZ100E-27RS-K
30.0
28.0
26.0
FCZ100E-28RS-K
31.0
29.0
27.0
FCZ100E-29RS-K
32.0
30.0
28.0
FCZ100E-30RS-K
33.0
31.0
29.0
FCZ100E-32RS-K
35.0
33.0
31.0
Yeonho Electronics
Yeonho Electronics
Yeonho Electronics
Yeonho Electronics
http://www.yeonho.com
http://www.yeonho.com
http://www.yeonho.com
http://www.yeonho.com 35
35
35
35
No. of contacts/ ANGLE type
PARTS NO.
PARTS NO.
PARTS NO.
PARTS NO.
FCZ100C
FCZ100C
FCZ100C
FCZ100C ----NNR
NNR
NNR
NNR SSSS ----KKKK
Title
Kinked type
=STANDARD TYPE(A-TYPE PCB LAYOUT)
=REVERSE TYPE(B-TYPE PCB LAYOUT)
SSSS
RRRR
Option
PCB
PCB
PCB
PCB LAYOUT
LAYOUT
LAYOUT
LAYOUT (FCZ100E-RSK)
(FCZ100E-RSK)
(FCZ100E-RSK)
(FCZ100E-RSK)
PCB ASS‘Y
PCB ASS‘Y
PCB ASS‘Y
PCB ASS‘Y (FCZ100E-RSK)
(FCZ100E-RSK)
(FCZ100E-RSK)
(FCZ100E-RSK)


Similar Part No. - FCZ100E-06RS-K

ManufacturerPart #DatasheetDescription
logo
YEONHO ELECTRONICS
FCZ100E-06RS-K YEONHO-FCZ100E-06RS-K Datasheet
353Kb / 1P
   1.00mm PITCH CONNECTOR
More results

Similar Description - FCZ100E-06RS-K

ManufacturerPart #DatasheetDescription
logo
YEONHO ELECTRONICS
FCZ100E-SSK YEONHO-FCZ100E-SSK Datasheet
253Kb / 1P
   1.00mm PITCH CONNECTOR
10019HR YEONHO-10019HR Datasheet
431Kb / 1P
   1.00mm PITCH CONNECTOR
10008HR YEONHO-10008HR Datasheet
487Kb / 1P
   1.00mm PITCH CONNECTOR
10023HS YEONHO-10023HS Datasheet
571Kb / 1P
   1.00mm PITCH CONNECTOR
FCZ100E-RSK YEONHO-FCZ100E-RSK Datasheet
353Kb / 1P
   1.00mm PITCH CONNECTOR
FCZ100C-RSK YEONHO-FCZ100C-RSK Datasheet
360Kb / 1P
   1.00mm PITCH CONNECTOR
FCZ100C-04RS-K YEONHO-FCZ100C-04RS-K_07 Datasheet
851Kb / 1P
   1.00mm PITCH CONNECTOR
10024HS YEONHO-10024HS Datasheet
554Kb / 1P
   1.00mm PITCH CONNECTOR
10022HS YEONHO-10022HS Datasheet
558Kb / 1P
   1.00mm PITCH CONNECTOR
10003HR YEONHO-10003HR Datasheet
483Kb / 1P
   1.00mm PITCH CONNECTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com