Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-HKB35A-TRB Datasheet(PDF) 4 Page - BRIGHT LED ELECTRONICS CORP

Part # BL-HKB35A-TRB
Description  Super Yellow Suitable for all SMT assembly methods.
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Direct Link  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BL-HKB35A-TRB Datasheet(HTML) 4 Page - BRIGHT LED ELECTRONICS CORP

  BL-HKB35A-TRB Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BL-HKB35A-TRB Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP BL-HKB35A-TRB Datasheet HTML 3Page - BRIGHT LED ELECTRONICS CORP BL-HKB35A-TRB Datasheet HTML 4Page - BRIGHT LED ELECTRONICS CORP BL-HKB35A-TRB Datasheet HTML 5Page - BRIGHT LED ELECTRONICS CORP BL-HKB35A-TRB Datasheet HTML 6Page - BRIGHT LED ELECTRONICS CORP BL-HKB35A-TRB Datasheet HTML 7Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
B
BR
RIIG
GH
HT
T L
LE
ED
D E
EL
LE
EC
CT
TR
RO
ON
NIIC
CS
S C
CO
OR
RP
P..
B
BL
L--H
HK
KB
B3
35
5A
A--T
TR
RB
B
SINCE 1981
● Bin Limits
Intensit y Bin Limits (At 20mA)
BIN C O D E
Min. (m c d )
Max . (m cd)
M
24
48
N
37
72
P
55
110
Q
82
16 0
BI N : x
In tensity BIN CODE
Ver.1.0
Page 4 of 7


Similar Part No. - BL-HKB35A-TRB

ManufacturerPart #DatasheetDescription
logo
American Bright OPTOELE...
BL-HKB35A-TRB AMERICANBRIGHT-BL-HKB35A-TRB Datasheet
210Kb / 7P
   Top Emitting SMT LED Components
Ver.1.0
More results

Similar Description - BL-HKB35A-TRB

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BL-HKB36A-TRB BRIGHT-BL-HKB36A-TRB Datasheet
222Kb / 7P
   Super Yellow Suitable for all SMT assembly methods.
BL-HKD33-TRB BRIGHT-BL-HKD33-TRB Datasheet
220Kb / 8P
   Super Yellow Suitable for all SMT assembly methods.
BL-HKD34C-TRB BRIGHT-BL-HKD34C-TRB Datasheet
291Kb / 7P
   Super Yellow Suitable for all SMT assembly methods.
BL-HKD36A-TRB BRIGHT-BL-HKD36A-TRB Datasheet
226Kb / 8P
   Super Yellow Suitable for all SMT assembly methods.
BL-HKD34A-TRB BRIGHT-BL-HKD34A-TRB Datasheet
216Kb / 8P
   Super Yellow Suitable for all SMT assembly methods.
BL-HKB34C-TRB BRIGHT-BL-HKB34C-TRB Datasheet
197Kb / 6P
   LED Super Yellow Suitable for all SMT assembly methods.
BL-HGE36D-TRB BRIGHT-BL-HGE36D-TRB Datasheet
291Kb / 7P
   Super Yellow Green Suitable for all SMT assembly methods.
BL-HGE33A-TRB BRIGHT-BL-HGE33A-TRB Datasheet
266Kb / 7P
   Super Yellow Green Suitable for all SMT assembly methods.
BL-HGE33-TRB BRIGHT-BL-HGE33-TRB Datasheet
218Kb / 7P
   Super Yellow Green Suitable for all SMT assembly methods.
BL-HK836A-TRB BRIGHT-BL-HK836A-TRB Datasheet
227Kb / 7P
   LED super Yellow Suitable for all SMT assembly methods.
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com