Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-HY033A-TRB Datasheet(PDF) 3 Page - BRIGHT LED ELECTRONICS CORP

Part # BL-HY033A-TRB
Description  Yellow Suitable for all SMT assembly methods.
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Direct Link  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BL-HY033A-TRB Datasheet(HTML) 3 Page - BRIGHT LED ELECTRONICS CORP

  BL-HY033A-TRB Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BL-HY033A-TRB Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP BL-HY033A-TRB Datasheet HTML 3Page - BRIGHT LED ELECTRONICS CORP BL-HY033A-TRB Datasheet HTML 4Page - BRIGHT LED ELECTRONICS CORP BL-HY033A-TRB Datasheet HTML 5Page - BRIGHT LED ELECTRONICS CORP BL-HY033A-TRB Datasheet HTML 6Page - BRIGHT LED ELECTRONICS CORP BL-HY033A-TRB Datasheet HTML 7Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
B
BR
RIIG
GH
HT
T L
LE
ED
D E
EL
LE
EC
CT
TR
RO
ON
NIIC
CS
S C
CO
OR
RP
P..
B
BL
L--H
HY
Y0
03
33
3A
A--T
TR
RB
B
SINCE 1981
● Tapping and packaging specifications(Units: mm)
USER DIRECTION OF FEED
0.1
0.1
4.0 ±
START
1.98±
13.0± 0.5
NOTE: 3000 pcs PER REEL
1.5± 0.1
0.1
4.0 ±
2.0± 0.05
0.3
END
±
1.46 0.1
FIXING TAPE
TRAILER
LEADER
Package Method:(unit:mm)
220
245
470
Aluminum Foil Bag
220
645
200
187
6 box/carton
Bar Code Label
3000 pcs/reel
12 bag/box
215
Ver.2.0
Page 3 of 7


Similar Part No. - BL-HY033A-TRB

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BL-HY033A-AV-TR BRIGHT-BL-HY033A-AV-TR Datasheet
352Kb / 8P
   SURFACE MOUNT CHIP LED LAMP
BL-HY033A-AV-TRB BRIGHT-BL-HY033A-AV-TRB Datasheet
352Kb / 8P
   SURFACE MOUNT CHIP LED LAMP
More results

Similar Description - BL-HY033A-TRB

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BL-HY033-TRB BRIGHT-BL-HY033-TRB Datasheet
290Kb / 7P
   Yellow Suitable for all SMT assembly methods.
BL-HY034A-TRB BRIGHT-BL-HY034A-TRB Datasheet
298Kb / 8P
   Yellow Suitable for all SMT assembly methods.
BL-HY036D-TRB BRIGHT-BL-HY036D-TRB Datasheet
272Kb / 7P
   Yellow Suitable for all SMT assembly methods.
BL-HY035A-TRB BRIGHT-BL-HY035A-TRB Datasheet
285Kb / 7P
   Yellow Suitable for all SMT assembly methods.
BL-HY034C-TRB BRIGHT-BL-HY034C-TRB Datasheet
291Kb / 7P
   Yellow Suitable for all SMT assembly methods.
BL-HKB35A-TRB BRIGHT-BL-HKB35A-TRB Datasheet
206Kb / 7P
   Super Yellow Suitable for all SMT assembly methods.
BL-HKB36A-TRB BRIGHT-BL-HKB36A-TRB Datasheet
222Kb / 7P
   Super Yellow Suitable for all SMT assembly methods.
BL-HKD33-TRB BRIGHT-BL-HKD33-TRB Datasheet
220Kb / 8P
   Super Yellow Suitable for all SMT assembly methods.
BL-HKD34C-TRB BRIGHT-BL-HKD34C-TRB Datasheet
291Kb / 7P
   Super Yellow Suitable for all SMT assembly methods.
BL-HKD36A-TRB BRIGHT-BL-HKD36A-TRB Datasheet
226Kb / 8P
   Super Yellow Suitable for all SMT assembly methods.
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com