Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-HY036D-TRB Datasheet(PDF) 4 Page - BRIGHT LED ELECTRONICS CORP

Part # BL-HY036D-TRB
Description  Yellow Suitable for all SMT assembly methods.
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Direct Link  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BL-HY036D-TRB Datasheet(HTML) 4 Page - BRIGHT LED ELECTRONICS CORP

  BL-HY036D-TRB Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BL-HY036D-TRB Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP BL-HY036D-TRB Datasheet HTML 3Page - BRIGHT LED ELECTRONICS CORP BL-HY036D-TRB Datasheet HTML 4Page - BRIGHT LED ELECTRONICS CORP BL-HY036D-TRB Datasheet HTML 5Page - BRIGHT LED ELECTRONICS CORP BL-HY036D-TRB Datasheet HTML 6Page - BRIGHT LED ELECTRONICS CORP BL-HY036D-TRB Datasheet HTML 7Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
B
BR
RIIG
GH
HT
T L
LE
ED
D E
EL
LE
EC
CT
TR
RO
ON
NIIC
CS
S C
CO
OR
RP
P..
B
BL
L--H
HY
Y0
03
36
6D
D--T
TR
RB
B
SINCE 1981
Bin Limits
Intensit y Bin Limits (At 20mA)
BIN CO DE
Min. (mcd)
Max. (mcd)
F
2.1
4.2
G
3.2
6.3
H
4.8
9.4
J
7.0
14. 0
BIN:
x
I n t e n s i t y B I N C O D E
Ver.1.0 Page 4 of 7


Similar Part No. - BL-HY036D-TRB

ManufacturerPart #DatasheetDescription
logo
Yellow Stone Corp
BL-HY036D YSTONE-BL-HY036D Datasheet
252Kb / 1P
   SURFACE MOUNT CHIP LED LAMPS
BL-HY036D YSTONE-BL-HY036D Datasheet
393Kb / 1P
   SURFACE MOUNT CHIP LED LAMPS
More results

Similar Description - BL-HY036D-TRB

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BL-HY033-TRB BRIGHT-BL-HY033-TRB Datasheet
290Kb / 7P
   Yellow Suitable for all SMT assembly methods.
BL-HY034A-TRB BRIGHT-BL-HY034A-TRB Datasheet
298Kb / 8P
   Yellow Suitable for all SMT assembly methods.
BL-HY035A-TRB BRIGHT-BL-HY035A-TRB Datasheet
285Kb / 7P
   Yellow Suitable for all SMT assembly methods.
BL-HY033A-TRB BRIGHT-BL-HY033A-TRB Datasheet
221Kb / 7P
   Yellow Suitable for all SMT assembly methods.
BL-HY034C-TRB BRIGHT-BL-HY034C-TRB Datasheet
291Kb / 7P
   Yellow Suitable for all SMT assembly methods.
BL-HKB35A-TRB BRIGHT-BL-HKB35A-TRB Datasheet
206Kb / 7P
   Super Yellow Suitable for all SMT assembly methods.
BL-HKB36A-TRB BRIGHT-BL-HKB36A-TRB Datasheet
222Kb / 7P
   Super Yellow Suitable for all SMT assembly methods.
BL-HKD33-TRB BRIGHT-BL-HKD33-TRB Datasheet
220Kb / 8P
   Super Yellow Suitable for all SMT assembly methods.
BL-HKD34C-TRB BRIGHT-BL-HKD34C-TRB Datasheet
291Kb / 7P
   Super Yellow Suitable for all SMT assembly methods.
BL-HKD36A-TRB BRIGHT-BL-HKD36A-TRB Datasheet
226Kb / 8P
   Super Yellow Suitable for all SMT assembly methods.
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com