Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-HZP39M-TRB Datasheet(PDF) 6 Page - BRIGHT LED ELECTRONICS CORP

Part # BL-HZP39M-TRB
Description  White Mono-color type Suitable for all SMT assembly methods.
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Direct Link  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BL-HZP39M-TRB Datasheet(HTML) 6 Page - BRIGHT LED ELECTRONICS CORP

  BL-HZP39M-TRB Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BL-HZP39M-TRB Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP BL-HZP39M-TRB Datasheet HTML 3Page - BRIGHT LED ELECTRONICS CORP BL-HZP39M-TRB Datasheet HTML 4Page - BRIGHT LED ELECTRONICS CORP BL-HZP39M-TRB Datasheet HTML 5Page - BRIGHT LED ELECTRONICS CORP BL-HZP39M-TRB Datasheet HTML 6Page - BRIGHT LED ELECTRONICS CORP BL-HZP39M-TRB Datasheet HTML 7Page - BRIGHT LED ELECTRONICS CORP BL-HZP39M-TRB Datasheet HTML 8Page - BRIGHT LED ELECTRONICS CORP BL-HZP39M-TRB Datasheet HTML 9Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
B
BR
RIIG
GH
HT
T L
LE
ED
D E
EL
LE
EC
CT
TR
RO
ON
NIIC
CS
S C
CO
OR
RP
P..
B
BL
L--H
HZ
ZP
P3
39
9M
M--T
TR
RB
B
SINCE 1981
Color Bin Limits (IPF=350mA)
IN
Chromaticity Coordinates
x
0.28
0.26
0.26
0.28
F-1
y
0.26
0.26
0.28
0.28
x
0.28
0.26
0.26
0.28
F-2
y
0.28
0.28
0.30
0.30
x
0.30
0.28
0.28
0.30
F-3
y
0.26
0.26
0.28
0.28
x
0.30
0.28
0.28
0.30
F-4
y
0.28
0.28
0.30
0.30
x
0.30
0.28
0.28
0.30
F-5
y
0.30
0.30
0.32
0.32
x
0.32
0.30
0.30
0.32
F-6
y
0.28
0.28
0.30
0.30
x
0.32
0.30
0.30
0.32
F-7
y
0.30
0.30
0.32
0.32
Ver.1.0 Page 5 of 8
Chromaticity Coordinates
x
y


Similar Part No. - BL-HZP39M-TRB

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BL-HZ434A-TRB BRIGHT-BL-HZ434A-TRB Datasheet
219Kb / 8P
   White Mono-color type Suitable for all SMT assembly methods.
logo
American Bright OPTOELE...
BL-HZB32X-N AMERICANBRIGHT-BL-HZB32X-N Datasheet
331Kb / 10P
   PLCC/Ceramic Based LED Components
Ver.1.2
BL-HZD32X-N AMERICANBRIGHT-BL-HZD32X-N Datasheet
326Kb / 10P
   PLCC/Ceramic Based LED Components
Ver.1.4
BL-HZD32X-P AMERICANBRIGHT-BL-HZD32X-P Datasheet
429Kb / 9P
   PLCC/Ceramic Based LED Components
Ver1.0
BL-HZD32X-W AMERICANBRIGHT-BL-HZD32X-W Datasheet
438Kb / 10P
   PLCC/Ceramic Based LED Components
Ver1.0
More results

Similar Description - BL-HZP39M-TRB

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BL-HZD39T-TRB BRIGHT-BL-HZD39T-TRB Datasheet
199Kb / 9P
   White Mono-color type Suitable for all SMT assembly methods.
BL-HZD39A-TRB BRIGHT-BL-HZD39A-TRB Datasheet
304Kb / 8P
   White Mono-color type Suitable for all SMT assembly methods.
BR-HG033-12V-TRB BRIGHT-BR-HG033-12V-TRB Datasheet
206Kb / 6P
   White Mono-color type Suitable for all SMT assembly methods.
BL-HZ434A-TRB BRIGHT-BL-HZ434A-TRB Datasheet
219Kb / 8P
   White Mono-color type Suitable for all SMT assembly methods.
BL-HZF39G-TRB BRIGHT-BL-HZF39G-TRB Datasheet
196Kb / 8P
   White Mono-color type Suitable for all SMT assembly methods.
BR-HY033-05V-TRB BRIGHT-BR-HY033-05V-TRB Datasheet
287Kb / 6P
   Yellow Mono-color type Suitable for all SMT assembly methods.
BL-HG536A-TRB BRIGHT-BL-HG536A-TRB Datasheet
225Kb / 8P
   Yellow Green Mono-color type Suitable for all SMT assembly methods
BR-HUB33-05V-TRB BRIGHT-BR-HUB33-05V-TRB Datasheet
287Kb / 6P
   Super Red Mono-color type Suitable for all SMT assembly methods.
BL-HG635A-TRB BRIGHT-BL-HG635A-TRB Datasheet
192Kb / 6P
   Green Suitable for all SMT assembly methods.
BL-HY033-TRB BRIGHT-BL-HY033-TRB Datasheet
290Kb / 7P
   Yellow Suitable for all SMT assembly methods.
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com