Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-PDT-SJS-C10 Datasheet(PDF) 5 Page - BRIGHT LED ELECTRONICS CORP

Part # BL-PDT-SJS-C10
Description  DomiLED InGaN
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Direct Link  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BL-PDT-SJS-C10 Datasheet(HTML) 5 Page - BRIGHT LED ELECTRONICS CORP

  BL-PDT-SJS-C10 Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BL-PDT-SJS-C10 Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP BL-PDT-SJS-C10 Datasheet HTML 3Page - BRIGHT LED ELECTRONICS CORP BL-PDT-SJS-C10 Datasheet HTML 4Page - BRIGHT LED ELECTRONICS CORP BL-PDT-SJS-C10 Datasheet HTML 5Page - BRIGHT LED ELECTRONICS CORP BL-PDT-SJS-C10 Datasheet HTML 6Page - BRIGHT LED ELECTRONICS CORP BL-PDT-SJS-C10 Datasheet HTML 7Page - BRIGHT LED ELECTRONICS CORP BL-PDT-SJS-C10 Datasheet HTML 8Page - BRIGHT LED ELECTRONICS CORP BL-PDT-SJS-C10 Datasheet HTML 9Page - BRIGHT LED ELECTRONICS CORP Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
06/06/05
DomiLED InGaN DDx-xJx - Catalogue-v8
Page 5 of 5
Wavelength Grouping.
Color
Group
Wavelength distribution (nm)
Full
W
X
Y
464 - 476
464 - 468
468 - 472
472 - 476
Full
W
X
Y
499 - 511
499 - 503
503 - 507
507 - 511
Full
W
X
Y
Z
520 - 536
520 - 524
524 - 528
528 - 532
532 - 536
Dominant wavelength is measured with an accuracy of
±1 nm.
BL-PDB ; Blue
BL-PDC ; Cyan
BL-PDT ; True Green


Similar Part No. - BL-PDT-SJS-C10

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BL-PDT-SJS-C10 BRIGHT-BL-PDT-SJS-C10 Datasheet
1Mb / 12P
   High brightness surface mount LED.
More results

Similar Description - BL-PDT-SJS-C10

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BL-PDW-UJD-C20 BRIGHT-BL-PDW-UJD-C20 Datasheet
1Mb / 12P
   DomiLED InGaN
BL-PDC-SJS-C10 BRIGHT-BL-PDC-SJS-C10 Datasheet
1Mb / 12P
   DomiLED InGaN High brightness surface mount LED.
BL-PDT-UJS-C10 BRIGHT-BL-PDT-UJS-C10 Datasheet
1Mb / 12P
   DomiLED InGaN High brightness surface mount LED.
BL-PDT-CJS-C10 BRIGHT-BL-PDT-CJS-C10 Datasheet
1Mb / 12P
   DomiLED InGaN High brightness surface mount LED.
BL-PDW-SJD-C10 BRIGHT-BL-PDW-SJD-C10 Datasheet
1Mb / 12P
   DomiLED InGaN High brightness surface mount LED.
BL-PDW-CJD-C20 BRIGHT-BL-PDW-CJD-C20 Datasheet
1Mb / 12P
   DomiLED InGaN High brightness surface mount LED.
BL-PDC-CJS-C10 BRIGHT-BL-PDC-CJS-C10 Datasheet
1Mb / 12P
   DomiLED InGaN High brightness surface mount LED.
BL-PDW-UJD-C10 BRIGHT-BL-PDW-UJD-C10 Datasheet
1Mb / 12P
   DomiLED InGaN High brightness surface mount LED.
BL-PDW-CJD-C10 BRIGHT-BL-PDW-CJD-C10 Datasheet
1Mb / 12P
   DomiLED InGaN High brightness surface mount LED.
BL-PWC-SJS-C20 BRIGHT-BL-PWC-SJS-C20 Datasheet
235Kb / 8P
   Power DOMILED InGan High brightness surface mount LED.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com