Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-PDC-SRS-C10 Datasheet(PDF) 1 Page - BRIGHT LED ELECTRONICS CORP

Part # BL-PDC-SRS-C10
Description  Z-BEND DOMILED InGaN High brightness surface mount LED.
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Direct Link  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BL-PDC-SRS-C10 Datasheet(HTML) 1 Page - BRIGHT LED ELECTRONICS CORP

  BL-PDC-SRS-C10 Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BL-PDC-SRS-C10 Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP BL-PDC-SRS-C10 Datasheet HTML 3Page - BRIGHT LED ELECTRONICS CORP BL-PDC-SRS-C10 Datasheet HTML 4Page - BRIGHT LED ELECTRONICS CORP BL-PDC-SRS-C10 Datasheet HTML 5Page - BRIGHT LED ELECTRONICS CORP BL-PDC-SRS-C10 Datasheet HTML 6Page - BRIGHT LED ELECTRONICS CORP BL-PDC-SRS-C10 Datasheet HTML 7Page - BRIGHT LED ELECTRONICS CORP BL-PDC-SRS-C10 Datasheet HTML 8Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
AMERICAN BRIGHT OPTOELECTRONICS CORP.
Z-BEND DOMILED InGaN BL-PDx-xSx Series
V.2 Page: 1 of 8
Feature:
1. High brightness surface mount LED.
2. Based on InGaN technology.
3. 120
° viewing angle.
4. Small package outline (LxWxH) of 2.8 x 3.2 x 1.8 mm.
5. Qualified according to JEDEC moisture sensitivity Level 2.
6. Compatible to both IR reflow soldering and TTW soldering.
Package Dimension:
Recommended Solder Pad
7.
RoHS compliance


Similar Part No. - BL-PDC-SRS-C10

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BL-PDC-SRS-C10 BRIGHT-BL-PDC-SRS-C10 Datasheet
253Kb / 8P
   Z-BEND DOMILED InGaN High brightness surface mount LED.
More results

Similar Description - BL-PDC-SRS-C10

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BL-PDC-SRS-C10 BRIGHT-BL-PDC-SRS-C10 Datasheet
253Kb / 8P
   Z-BEND DOMILED InGaN High brightness surface mount LED.
BL-PDW-CRD-C10 BRIGHT-BL-PDW-CRD-C10 Datasheet
253Kb / 8P
   Z-BEND DOMILED InGaN High brightness surface mount LED.
BL-PDW-URD-C10 BRIGHT-BL-PDW-URD-C10 Datasheet
253Kb / 8P
   Z-BEND DOMILED InGaN High brightness surface mount LED.
BL-PDB-URS-C10 BRIGHT-BL-PDB-URS-C10 Datasheet
253Kb / 8P
   Z-BEND DOMILED InGaN High brightness surface mount LED.
BL-PDC-CRS-C10 BRIGHT-BL-PDC-CRS-C10 Datasheet
253Kb / 8P
   Z-BEND DOMILED InGaN High brightness surface mount LED.
BL-PDW-SRD-C10 BRIGHT-BL-PDW-SRD-C10 Datasheet
253Kb / 8P
   Z-BEND DOMILED InGaN High brightness surface mount LED.
BL-PDT-CRS-C10 BRIGHT-BL-PDT-CRS-C10 Datasheet
253Kb / 8P
   Z-BEND DOMILED InGaN High brightness surface mount LED.
BL-PDT-URS-C10 BRIGHT-BL-PDT-URS-C10 Datasheet
253Kb / 8P
   Z-BEND DOMILED InGaN High brightness surface mount LED.
BL-PDW-URD-C20 BRIGHT-BL-PDW-URD-C20 Datasheet
253Kb / 8P
   Z-BEND DOMILED InGaN High brightness surface mount LED.
BL-PDG-GRS-C10 BRIGHT-BL-PDG-GRS-C10 Datasheet
179Kb / 6P
   Z-BEND DOMILED Surface mount LED.
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com