Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-PDT-CRS-C10 Datasheet(PDF) 3 Page - BRIGHT LED ELECTRONICS CORP

Part # BL-PDT-CRS-C10
Description  Z-BEND DOMILED InGaN High brightness surface mount LED.
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Direct Link  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BL-PDT-CRS-C10 Datasheet(HTML) 3 Page - BRIGHT LED ELECTRONICS CORP

  BL-PDT-CRS-C10 Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BL-PDT-CRS-C10 Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP BL-PDT-CRS-C10 Datasheet HTML 3Page - BRIGHT LED ELECTRONICS CORP BL-PDT-CRS-C10 Datasheet HTML 4Page - BRIGHT LED ELECTRONICS CORP BL-PDT-CRS-C10 Datasheet HTML 5Page - BRIGHT LED ELECTRONICS CORP BL-PDT-CRS-C10 Datasheet HTML 6Page - BRIGHT LED ELECTRONICS CORP BL-PDT-CRS-C10 Datasheet HTML 7Page - BRIGHT LED ELECTRONICS CORP BL-PDT-CRS-C10 Datasheet HTML 8Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
AMERICAN BRIGHT OPTOELECTRONICS CORP.
Z-BEND DOMILED InGaN BL-PDx-xSx Series
V.2 Page: 3 of 8
Part Number
Chip Technology /
Color
Viewing
angle
Luminous Intensity @ If = 20mA
Iv ( mcd )
BL-PDW-CRD-C10
BIN R1
BIN R2
BIN S1
BIN S2
BL-PDW-SRD-C10
BIN S1
BIN S2
BIN T1
BIN T2
BL-PDW-URD-C10
BIN T1
BIN T2
BIN U1
BIN U2
BL-PDW-URD-C20
BIN U1
BIN U2
BIN V1
InGaN /
White
120
112.5 … 285.0
112.5 … 140.0
140.0 … 180.0
180.0 … 224.0
224.0 … 285.0
180.0 … 450.0
180.0 … 224.0
224.0 … 285.0
285.0 … 355.0
355.0 … 450.0
285.0 … 715.0
285.0 … 355.0
355.0 … 450.0
450.0 … 560.0
560.0 … 715.0
450.0 … 900.0
450.0 … 560.0
560.0 … 715.0
715.0 … 900.0
NOTE:
1.
Other luminous intensity groups are also available upon request.
2.
Luminous intensity is measured with an accuracy of
±11%.
3.
Wavelength binning is carried for all units as per the wavelength-binning table. Only one wavelength
group is allowed for each reel.
4.
An optional Vf binning is also available upon request. Binning scheme is as per following table.


Similar Part No. - BL-PDT-CRS-C10

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BL-PDT-CRS-C10 BRIGHT-BL-PDT-CRS-C10 Datasheet
253Kb / 8P
   Z-BEND DOMILED InGaN High brightness surface mount LED.
More results

Similar Description - BL-PDT-CRS-C10

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BL-PDC-SRS-C10 BRIGHT-BL-PDC-SRS-C10 Datasheet
253Kb / 8P
   Z-BEND DOMILED InGaN High brightness surface mount LED.
BL-PDW-CRD-C10 BRIGHT-BL-PDW-CRD-C10 Datasheet
253Kb / 8P
   Z-BEND DOMILED InGaN High brightness surface mount LED.
BL-PDW-URD-C10 BRIGHT-BL-PDW-URD-C10 Datasheet
253Kb / 8P
   Z-BEND DOMILED InGaN High brightness surface mount LED.
BL-PDB-URS-C10 BRIGHT-BL-PDB-URS-C10 Datasheet
253Kb / 8P
   Z-BEND DOMILED InGaN High brightness surface mount LED.
BL-PDC-CRS-C10 BRIGHT-BL-PDC-CRS-C10 Datasheet
253Kb / 8P
   Z-BEND DOMILED InGaN High brightness surface mount LED.
BL-PDW-SRD-C10 BRIGHT-BL-PDW-SRD-C10 Datasheet
253Kb / 8P
   Z-BEND DOMILED InGaN High brightness surface mount LED.
BL-PDT-CRS-C10 BRIGHT-BL-PDT-CRS-C10 Datasheet
253Kb / 8P
   Z-BEND DOMILED InGaN High brightness surface mount LED.
BL-PDT-URS-C10 BRIGHT-BL-PDT-URS-C10 Datasheet
253Kb / 8P
   Z-BEND DOMILED InGaN High brightness surface mount LED.
BL-PDW-URD-C20 BRIGHT-BL-PDW-URD-C20 Datasheet
253Kb / 8P
   Z-BEND DOMILED InGaN High brightness surface mount LED.
BL-PDG-GRS-C10 BRIGHT-BL-PDG-GRS-C10 Datasheet
179Kb / 6P
   Z-BEND DOMILED Surface mount LED.
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com