Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-PDT-SRS-C10 Datasheet(PDF) 2 Page - BRIGHT LED ELECTRONICS CORP

Part # BL-PDT-SRS-C10
Description  Z-BEND DOMILED InGaN High brightness surface mount LED.
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Direct Link  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BL-PDT-SRS-C10 Datasheet(HTML) 2 Page - BRIGHT LED ELECTRONICS CORP

  BL-PDT-SRS-C10 Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BL-PDT-SRS-C10 Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP BL-PDT-SRS-C10 Datasheet HTML 3Page - BRIGHT LED ELECTRONICS CORP BL-PDT-SRS-C10 Datasheet HTML 4Page - BRIGHT LED ELECTRONICS CORP BL-PDT-SRS-C10 Datasheet HTML 5Page - BRIGHT LED ELECTRONICS CORP BL-PDT-SRS-C10 Datasheet HTML 6Page - BRIGHT LED ELECTRONICS CORP BL-PDT-SRS-C10 Datasheet HTML 7Page - BRIGHT LED ELECTRONICS CORP BL-PDT-SRS-C10 Datasheet HTML 8Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
AMERICAN BRIGHT OPTOELECTRONICS CORP.
Z-BEND DOMILED InGaN BL-PDx-xSx Series
V.2 Page: 2 of 8
Optical Characteristics:
Part Number
Chip Technology /
Color
Viewing
angle
Luminous Intensity @ If = 20mA
Iv ( mcd )
BL-PDB-CRS-C10
BIN P1
BIN P2
BIN Q1
BIN Q2
BL-PDB-SRS-C10
BIN Q1
BIN Q2
BIN R1
BIN R2
BL-PDB-URS-C10
BIN R1
BIN R2
BIN S1
InGaN /
Blue, 470 nm
120
45.0 … 112.5
45.0 …
56.0
56.0 …
71.5
71.5 …
90.0
90.0 …
112.5
71.5 … 180.0
71.5 … 90.0
90.0 … 112.5
112.5 … 140.0
140.0 … 180.0
112.5 … 224.0
112.5 … 140.0
140.0 … 180.0
180.0 … 224.0
BL-PDC-CRS-C10
BIN R1
BIN R2
BIN S1
BIN S2
BL-PDC-SRS-C10
BIN S1
BIN S2
BIN T1
BIN T2
InGaN /
Cyan, 505 nm
120
112.5 … 285.0
112.5 … 140.0
140.0 … 180.0
180.0 … 224.0
224.0 … 285.0
180.0 … 450.0
180.0 … 224.0
224.0 … 285.0
285.0 … 355.0
355.0 … 450.0
BL-PDT-CRS-C10
BIN R1
BIN R2
BIN S1
BIN S2
BL-PDT-SRS-C10
BIN S1
BIN S2
BIN T1
BIN T2
BL-PDT-URS-C10
BIN T1
BIN T2
BIN U1
BIN U2
InGaN /
True Green, 525 nm
120
112.5 … 285.0
112.5 … 140.0
140.0 … 180.0
180.0 … 224.0
224.0 … 285.0
180.0 … 450.0
180.0 … 224.0
224.0 … 285.0
285.0 … 355.0
355.0 … 450.0
285.0 … 715.0
285.0 … 355.0
355.0 … 450.0
450.0 … 560.0
560.0 … 715.0


Similar Part No. - BL-PDT-SRS-C10

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BL-PDT-SRS-C10 BRIGHT-BL-PDT-SRS-C10 Datasheet
253Kb / 8P
   High brightness surface mount LED.
More results

Similar Description - BL-PDT-SRS-C10

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BL-PDC-SRS-C10 BRIGHT-BL-PDC-SRS-C10 Datasheet
253Kb / 8P
   Z-BEND DOMILED InGaN High brightness surface mount LED.
BL-PDW-CRD-C10 BRIGHT-BL-PDW-CRD-C10 Datasheet
253Kb / 8P
   Z-BEND DOMILED InGaN High brightness surface mount LED.
BL-PDW-URD-C10 BRIGHT-BL-PDW-URD-C10 Datasheet
253Kb / 8P
   Z-BEND DOMILED InGaN High brightness surface mount LED.
BL-PDB-URS-C10 BRIGHT-BL-PDB-URS-C10 Datasheet
253Kb / 8P
   Z-BEND DOMILED InGaN High brightness surface mount LED.
BL-PDC-CRS-C10 BRIGHT-BL-PDC-CRS-C10 Datasheet
253Kb / 8P
   Z-BEND DOMILED InGaN High brightness surface mount LED.
BL-PDW-SRD-C10 BRIGHT-BL-PDW-SRD-C10 Datasheet
253Kb / 8P
   Z-BEND DOMILED InGaN High brightness surface mount LED.
BL-PDT-CRS-C10 BRIGHT-BL-PDT-CRS-C10 Datasheet
253Kb / 8P
   Z-BEND DOMILED InGaN High brightness surface mount LED.
BL-PDT-URS-C10 BRIGHT-BL-PDT-URS-C10 Datasheet
253Kb / 8P
   Z-BEND DOMILED InGaN High brightness surface mount LED.
BL-PDW-URD-C20 BRIGHT-BL-PDW-URD-C20 Datasheet
253Kb / 8P
   Z-BEND DOMILED InGaN High brightness surface mount LED.
BL-PDG-GRS-C10 BRIGHT-BL-PDG-GRS-C10 Datasheet
179Kb / 6P
   Z-BEND DOMILED Surface mount LED.
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com