Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDEP147NP-3R1M Datasheet(PDF) 1 Page - Sumida Corporation

Part # CDEP147NP-3R1M
Description  POWER INDUCTORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDEP147NP-3R1M Datasheet(HTML) 1 Page - Sumida Corporation

  CDEP147NP-3R1M Datasheet HTML 1Page - Sumida Corporation CDEP147NP-3R1M Datasheet HTML 2Page - Sumida Corporation CDEP147NP-3R1M Datasheet HTML 3Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
POWER INDUCTORS <SMD Type: CDEP Series>
Type: CDEP147
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/3
Product Description
14.9×14.9mm Max.(L×W), 8.0mm Max. Height.
Standard type, Low D.C.R Type and High Power Type are available.
Inductance range: 0.5~12μH(Low D.C.R type); 0.4~9.5μH (standard type );
0.3~7.3μH(High Power type).
Saturation Current range: 8.0~39.6A(Low D.C.R type); 11.2~52.8A(Standard type ) ;
14.6~70A (High Power type).
Temperature rise current range: 8.5~23.0A
In addition to the standards versions shown here, custom inductors are also available to
meet your exact requirements.
Feature
Super high current inductors .
Mn-Zn core used, Flat wire used.
Ideally used in portable computer CPU power supply.
RoHS Compliance
Dimensions (mm)
Land Pattern (mm)
Schematics (Bottom)
10.5
MA X.8 .0
14.5 ±0.4
10.2
15.5


Similar Part No. - CDEP147NP-3R1M

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDEP147NP-3R1MC-125 SUMIDA-CDEP147NP-3R1MC-125 Datasheet
183Kb / 5P
   SMD Power Inductor
More results

Similar Description - CDEP147NP-3R1M

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
Sumida Corporation
CMD89 SUMIDA-CMD89 Datasheet
235Kb / 1P
   POWER INDUCTORS
CDH53 SUMIDA-CDH53 Datasheet
172Kb / 2P
   POWER INDUCTORS
CDRH3D14 SUMIDA-CDRH3D14 Datasheet
161Kb / 3P
   POWER INDUCTORS
CDRH2D11 SUMIDA-CDRH2D11_1 Datasheet
207Kb / 2P
   Power Inductors
CDRH5D14 SUMIDA-CDRH5D14 Datasheet
183Kb / 3P
   Power Inductors
CDRH4D22 SUMIDA-CDRH4D22_06 Datasheet
149Kb / 3P
   POWER INDUCTORS
CDRH6D12 SUMIDA-CDRH6D12_06 Datasheet
164Kb / 2P
   POWER INDUCTORS
CDRH125 SUMIDA-CDRH125_06 Datasheet
163Kb / 3P
   POWER INDUCTORS
CDRH125B SUMIDA-CDRH125B Datasheet
169Kb / 1P
   POWER INDUCTORS
logo
XFMRS Inc.
XFHCLTH XFMRS-XFHCLTH Datasheet
66Kb / 1P
   POWER INDUCTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com