Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDEP12D38NP-2R2M Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDEP12D38NP-2R2M
Description  POWER INDUCTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDEP12D38NP-2R2M Datasheet(HTML) 2 Page - Sumida Corporation

  CDEP12D38NP-2R2M Datasheet HTML 1Page - Sumida Corporation CDEP12D38NP-2R2M Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Type: CDEP12D38
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2
POWER INDUCTORS <SMD Type: CDEP Series>
Specification(Standard Type)
Saturation current
(A)※1
Part Name
Stamp
Inductance
Within]
100kHz/1V
D.C.R.
(mΩ)
Max.(Typ.)
(at 20℃)
(at 20℃)
(at105℃)
Temperature
rise current
(A)※2
CDEP12D38NP-ØR5M□-12Ø 0R5ML 0.5μH±20%
1.5(1.19)
19.2(24.0)
15.6(19.5)
20.0
CDEP12D38NP-1R1M□-12Ø
1R1ML 1.1μH±20%
2.7(2.20)
12.8(16.0)
10.8(13.5)
16.0
CDEP12D38NP-1R9M□-12Ø
1R9ML 1.9μH±20%
4.8(4.00)
9.6(12.0)
8.0(10.0)
12.5
CDEP12D38NP-3RØM□-12Ø
3R0ML 3.0μH±20%
7.7(6.40)
7.6(9.5)
6.4(8.0)
10.5
CDEP12D38NP-4R3M□-12Ø
4R3ML 4.3μH±20%
11.2(9.30)
6.4(8.0)
5.2(6.5)
8.5
CDEP12D38NP-5R9M□-12Ø
5R9ML 5.9μH±20%
13.3(11.0)
5.6(7.0)
4.5(5.6)
7.5
CDEP12D38NP-7R7M□-12Ø
7R7ML 7.7μH±20%
21.0(17.5)
4.8(6.0)
4.0(5.0)
5.5
Specification(High Power Type)
saturation current
(A) Max.(Typ.)※1
Part Name
Stamp
Inductance
Within]
100kHz/1V
D.C.R.
(mΩ)
Max.(Typ.)
(at 20℃)
(at 20℃)
(at105℃)
Temperature
rise current
(A)※2
CDEP12D38NP-ØR3M□-88
0R3MS
0.35μH±20%
1.5(1.19)
27.2(34.0)
22.0(27.5)
20.0
CDEP12D38NP-ØR8M□-88
0R8MS
0.8μH±20%
2.7(2.20)
18.0(22.5)
14.8(18.5)
16.0
CDEP12D38NP-1R4M□-88
1R4MS
1.4μH±20%
4.8(4.00)
13.2(16.5)
11.0(13.8)
12.5
CDEP12D38NP-2R2M□-88
2R2MS
2.2μH±20%
7.7(6.40)
10.8(13.5)
8.8(11.0)
10.5
CDEP12D38NP-3R2M□-88
3R2MS
3.2μH±20%
11.2(9.30)
9.2(11.5)
7.4(9.2)
8.5
CDEP12D38NP-4R3M□-88
4R3MS
4.3μH±20%
13.3(11.0)
7.8(9.7)
6.3(7.9)
7.5
CDEP12D38NP-5R6M□-88
5R6MS
5.6μH±20%
21.0(17.5)
6.8(8.5)
5.4(6.8)
5.5
Description of part name
1.Saturation Current: The DC current at which the inductance decreases to 75% of it's nominal value
2 Temperature rise current:The DC current at which the temperature rise is △t=40℃.(Ta=20℃)
D E P 1 2 D 3 8 N P - ØR 5 M □ - 12 Ø
Box
Carrier Tape


Similar Part No. - CDEP12D38NP-2R2M

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDEP12D38NP-2R2MC-88 SUMIDA-CDEP12D38NP-2R2MC-88 Datasheet
152Kb / 4P
   SMD Power Inductor
More results

Similar Description - CDEP12D38NP-2R2M

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
Sumida Corporation
CMD89 SUMIDA-CMD89 Datasheet
235Kb / 1P
   POWER INDUCTORS
CDH53 SUMIDA-CDH53 Datasheet
172Kb / 2P
   POWER INDUCTORS
CDRH3D14 SUMIDA-CDRH3D14 Datasheet
161Kb / 3P
   POWER INDUCTORS
CDRH2D11 SUMIDA-CDRH2D11_1 Datasheet
207Kb / 2P
   Power Inductors
CDRH5D14 SUMIDA-CDRH5D14 Datasheet
183Kb / 3P
   Power Inductors
CDRH4D22 SUMIDA-CDRH4D22_06 Datasheet
149Kb / 3P
   POWER INDUCTORS
CDRH6D12 SUMIDA-CDRH6D12_06 Datasheet
164Kb / 2P
   POWER INDUCTORS
CDRH125 SUMIDA-CDRH125_06 Datasheet
163Kb / 3P
   POWER INDUCTORS
CDRH125B SUMIDA-CDRH125B Datasheet
169Kb / 1P
   POWER INDUCTORS
logo
XFMRS Inc.
XFHCLTH XFMRS-XFHCLTH Datasheet
66Kb / 1P
   POWER INDUCTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com