Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDEP105NP-1R8M Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDEP105NP-1R8M
Description  POWER INDUCTORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDEP105NP-1R8M Datasheet(HTML) 2 Page - Sumida Corporation

  CDEP105NP-1R8M Datasheet HTML 1Page - Sumida Corporation CDEP105NP-1R8M Datasheet HTML 2Page - Sumida Corporation CDEP105NP-1R8M Datasheet HTML 3Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
POWER INDUCTORS <SMD Type: CDEP Series>
Type: CDEP105
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/3
Specification
1.Low D.C.R Type
Saturation Current
A)※1
Part Name
Stamp
Inductance
Within]
100kHz/1V
D.C.R.
(mΩ)
Max.(Typ.)
(at 20℃)
(at 20℃) (at100℃)
Temperature
Rise current
(A) ※2
CDEP1Ø5NP-ØR3N□-88
0R3NL 0.36μH±30%
1.7(1.4)
24.0
20.0
19.0
CDEP1Ø5NP-ØR8M□-88
0R8ML 0.80μH±20%
2.4(2.0)
16.0
13.2
17.7
CDEP1Ø5NP-1R4M□-88
1R4ML
1.4μH±20%
4.1(3.4)
12.0
10.0
13.0
CDEP1Ø5NP-2R2M□-88
2R2ML
2.2μH±20%
5.3(4.4)
9.6
8.0
11.2
CDEP1Ø5NP-3R2M□-88
3R2ML
3.2μH±20%
7.5(6.2)
7.8
6.6
9.0
CDEP1Ø5NP-4R3M□-88
4R3ML
4.3μH±20%
10.5(8.7)
6.8
5.7
7.8
CDEP1Ø5NP-5R7M□-88
5R7ML
5.7μH±20%
12.4(10.3)
5.8
4.9
7.4
CDEP1Ø5NP-7R2M□-88
7R2ML
7.2μH±20%
18.0(15.0)
5.3
4.2
6.2
CDEP1Ø5NP-8R8M□-88
8R8ML
8.8μH±20%
23.8(19.8)
4.8
4.0
4.9
2.Standard Type
Saturation Current
A)※1
Part Name
Stamp
Inductance
Within]
100kHz/1V
D.C.R.
(mΩ)
Max.(Typ.)
(at 20℃)
(at 20℃) (at100℃)
Temperature
Risecurrent
(A) ※2
CDEP1Ø5NP-ØR2N□-5Ø
0R2NS
0.22μH±30%
1.7(1.4)
40.0
30.9
19.0
CDEP1Ø5NP-ØR4M□-5Ø
0R4MS
0.45μH±20%
2.4(2.0)
26.4
21.2
17.7
CDEP1Ø5NP-ØR8M□-5Ø
0R8MS
0.8μH±20%
4.1(3.4)
20.8
16.7
13.0
CDEP1Ø5NP-1R3M□-5Ø
1R3MS
1.3μH±20%
5.3(4.4)
16.8
13.4
11.2
CDEP1Ø5NP-1R8M□-5Ø
1R8MS
1.8μH±20%
7.5(6.2)
13.8
11.0
9.0
CDEP1Ø5NP-2R5M□-5Ø
2R5MS
2.5μH±20%
10.5(8.7)
11.8
9.6
7.8
CDEP1Ø5NP-3R2M□-5Ø
3R2MS
3.2μH±20%
12.4(10.3)
10.5
8.4
7.4
CDEP1Ø5NP-4RØM□-5Ø
4R0MS
4.0μH±20%
18.0(15.0)
9.3
7.4
6.2
CDEP1Ø5NP-5RØM□-5Ø
5R0MS
5.0μH±20%
23.8(19.8)
8.4
6.7
4.9


Similar Part No. - CDEP105NP-1R8M

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDEP105NP-1R2MC-32 SUMIDA-CDEP105NP-1R2MC-32 Datasheet
183Kb / 5P
   SMD Power Inductor CDEP105
CDEP105NP-1R3MC-50 SUMIDA-CDEP105NP-1R3MC-50 Datasheet
183Kb / 5P
   SMD Power Inductor CDEP105
CDEP105NP-1R4MC-88 SUMIDA-CDEP105NP-1R4MC-88 Datasheet
183Kb / 5P
   SMD Power Inductor CDEP105
CDEP105NP-1R5MC-32 SUMIDA-CDEP105NP-1R5MC-32 Datasheet
183Kb / 5P
   SMD Power Inductor CDEP105
More results

Similar Description - CDEP105NP-1R8M

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
Sumida Corporation
CMD89 SUMIDA-CMD89 Datasheet
235Kb / 1P
   POWER INDUCTORS
CDH53 SUMIDA-CDH53 Datasheet
172Kb / 2P
   POWER INDUCTORS
CDRH3D14 SUMIDA-CDRH3D14 Datasheet
161Kb / 3P
   POWER INDUCTORS
CDRH2D11 SUMIDA-CDRH2D11_1 Datasheet
207Kb / 2P
   Power Inductors
CDRH5D14 SUMIDA-CDRH5D14 Datasheet
183Kb / 3P
   Power Inductors
CDRH4D22 SUMIDA-CDRH4D22_06 Datasheet
149Kb / 3P
   POWER INDUCTORS
CDRH6D12 SUMIDA-CDRH6D12_06 Datasheet
164Kb / 2P
   POWER INDUCTORS
CDRH125 SUMIDA-CDRH125_06 Datasheet
163Kb / 3P
   POWER INDUCTORS
CDRH125B SUMIDA-CDRH125B Datasheet
169Kb / 1P
   POWER INDUCTORS
logo
XFMRS Inc.
XFHCLTH XFMRS-XFHCLTH Datasheet
66Kb / 1P
   POWER INDUCTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com