Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDR7D43MNNP-330N Datasheet(PDF) 1 Page - Sumida Corporation

Part # CDR7D43MNNP-330N
Description  CDR7D43MN_06
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDR7D43MNNP-330N Datasheet(HTML) 1 Page - Sumida Corporation

  CDR7D43MNNP-330N Datasheet HTML 1Page - Sumida Corporation CDR7D43MNNP-330N Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Type: CDR7D43MN
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/2
POWER INDUCTORS <SMD Type: CDR***MN Series>
Product Description
7.6×7.6mm Max.(L×W), 4.5mm Max. Height.
Inductance Range: 3.7~100μH
Rated current range: 0.55~4.3A
In addition to the standard versions of inductors shown here, custom inductors
are available to meet your exact requirements.
Feature
Magnetically shielded construction.
Hybrid power inductors use Mn-Zn D.core & Ni-Zn R.core, used as general power inductors.
Higher saturation current characteristics than that of Ni-Zn inductors.
Usually used in LCD driver,DSC/DVC,Notebook PC or the other portable equipment,.
RoHS Compliance.
Dimensions (mm)
Land Pattern (mm)
TERMINAL
4.5MAX. (TYP.4.3)


Similar Part No. - CDR7D43MNNP-330N

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDR7D43MNNP-330NC SUMIDA-CDR7D43MNNP-330NC Datasheet
162Kb / 4P
   SMD Power Inductor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com