Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5506 Datasheet(PDF) 3 Page - Sumida Corporation

Part # 5506
Description  Wire Wound Chip Inductors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

5506 Datasheet(HTML) 3 Page - Sumida Corporation

  5506 Datasheet HTML 1Page - Sumida Corporation 5506 Datasheet HTML 2Page - Sumida Corporation 5506 Datasheet HTML 3Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PAGE
Wire Wound Chip Inductors
——
O-Series 0603(1608)/5506
3/3
*All specifications are subject to change without notice.
Electrical Characteristic Curves
Typical Q factor vs. frequency
Typical Inductance vs. frequency
Climatic category acc. to DIN IEC 68-1:55/125/56
Test equipment : Inductance and Q: Agilent 42286A+16193A.
Resonant Frequency : Agilent 8753E.
D.C.R. : Burst Resistomat 2329.(at20℃)


Similar Part No. - 5506

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
5506 MOLEX11-5506 Datasheet
23Kb / 1P
   J5800-001 INSERTION TOOL PRODUCT SPECIFICATION
logo
List of Unclassifed Man...
5506 ETC-5506 Datasheet
31Kb / 1P
   High Current RF Chokes
logo
Bourns Electronic Solut...
5506-RC BOURNS-5506-RC Datasheet
469Kb / 1P
   High Current Chokes
logo
Cornell Dubilier Electr...
550602T350DF2B CDE-550602T350DF2B Datasheet
454Kb / 8P
   High Ripple, Long Life, Computer Grade
550602U100AC2B CDE-550602U100AC2B Datasheet
454Kb / 8P
   High Ripple, Long Life, Computer Grade
More results

Similar Description - 5506

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
5501 SUMIDA-5501 Datasheet
355Kb / 4P
   Wire Wound Chip Inductors
5514 SUMIDA-5514 Datasheet
382Kb / 3P
   Wire Wound Chip Inductors
logo
Taiyo Yuden (U.S.A.), I...
LB2518T220K TAIYO-YUDEN-LB2518T220K Datasheet
137Kb / 1P
   Wire-wound Chip Inductors
LB2518T221M TAIYO-YUDEN-LB2518T221M Datasheet
143Kb / 1P
   Wire-wound Chip Inductors
LB3218T331M TAIYO-YUDEN-LB3218T331M Datasheet
143Kb / 1P
   Wire-wound Chip Inductors
LB2518T331M TAIYO-YUDEN-LB2518T331M Datasheet
143Kb / 1P
   Wire-wound Chip Inductors
logo
Central Technologies
CT0603HCF CT-CT0603HCF Datasheet
377Kb / 1P
   Wire-wound Chip Inductors
logo
Taiyo Yuden (U.S.A.), I...
LB2016T100M TAIYO-YUDEN-LB2016T100M Datasheet
143Kb / 1P
   Wire-wound Chip Inductors
LB2016T150K TAIYO-YUDEN-LB2016T150K Datasheet
143Kb / 1P
   Wire-wound Chip Inductors
LB2016T330K TAIYO-YUDEN-LB2016T330K Datasheet
137Kb / 1P
   Wire-wound Chip Inductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com