Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDR6D28MNNP-680N Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDR6D28MNNP-680N
Description  Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDR6D28MNNP-680N Datasheet(HTML) 2 Page - Sumida Corporation

  CDR6D28MNNP-680N Datasheet HTML 1Page - Sumida Corporation CDR6D28MNNP-680N Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Type: CDR6D28MN
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2
Power Inductors <SMD Type: CDR***MN Series>
Specification
Saturation Current
(A)※1
Part Name
Stamp
Inductance
(100kHz/1V)
D.C.R.(mΩ)
Max.(Typ.)
( 20℃)
( 20℃)
(105℃)
Temperature
Rise Current
(A)※2
CDR6D28MNNP-1R5N□
1R5
1.5μH±25%
31.5(25)
5.90
4.55
3.0
CDR6D28MNNP-2R0N□
2R0
2.0μH±25%
37.5(30)
4.75
3.90
2.9
CDR6D28MNNP-2R7N□
2R7
2.7μH±25%
43.8(35)
4.30
3.45
2.7
CDR6D28MNNP-3R6N□
3R6
3.6μH±25%
50.0(40)
3.90
3.05
2.5
CDR6D28MNNP-4R5N□
4R5
4.5μH±25%
57.5(46)
3.55
2.75
2.4
CDR6D28MNNP-5R5N□
5R5
5.5μH±25%
63.8(51)
3.15
2.50
2.2
CDR6D28MNNP-6R5N□
6R5
6.5μH±25%
70.0(56)
3.05
2.40
2.1
CDR6D28MNNP-7R7N□
7R7
7.7μH±25%
76.3(61)
2.85
2.30
2.0
CDR6D28MNNP-9R0N□
9R0
9.0μH±25%
82.5(66)
2.60
2.10
1.9
CDR6D28MNNP-100N□
100
10μH±25%
88.8(71)
2.50
2.00
1.8
CDR6D28MNNP-120N□
120
12μH±25%
120.0(96)
2.30
1.75
1.5
CDR6D28MNNP-150N□
150
15μH±25%
135.0(108)
2.10
1.55
1.4
CDR6D28MNNP-180N□
180
18μH±25%
150.0(121)
1.75
1.45
1.3
CDR6D28MNNP-220N□
220
22μH±25%
198.8(159)
1.65
1.25
1.1
CDR6D28MNNP-270N□
270
27μH±25%
231.2(185)
1.45
1.15
0.98
CDR6D28MNNP-330N□
330
33μH±25%
308.8(247)
1.25
1.05
0.94
CDR6D28MNNP-390N□
390
39μH±25%
335.0(268)
1.15
0.95
0.90
CDR6D28MNNP-470N□
470
47μH±25%
458.8(367)
1.05
0.90
0.72
CDR6D28MNNP-560N□
560
56μH±25%
501.3(401)
1.00
0.80
0.68
CDR6D28MNNP-680N□
680
68μH±25%
561.3(449)
0.90
0.75
0.65
CDR6D28MNNP-820N□
820
82μH±25%
837.5(670)
0.80
0.65
0.53
CDR6D28MNNP-101N□
101
100μH±25%
936.3(749)
0.75
0.60
0.50
CDR6D28MNNP-121N□
121
120μH±25%
1028.8(823)
0.70
0.55
0.46
Description of part name
CDR6D28MNNP-1R5N□
1. Saturation current: The DC current at which the inductance decreases to 65% of it’s nominal value.
2. Temperature rise current: The DC current at which the temperature rise is △t=40℃.(Ta=20℃).
B Box
C Carrier Tape


Similar Part No. - CDR6D28MNNP-680N

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDR6D28MNNP-680NC SUMIDA-CDR6D28MNNP-680NC Datasheet
229Kb / 5P
   SMD Power Inductor
More results

Similar Description - CDR6D28MNNP-680N

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
Sumida Corporation
CMD89 SUMIDA-CMD89 Datasheet
235Kb / 1P
   POWER INDUCTORS
CDH53 SUMIDA-CDH53 Datasheet
172Kb / 2P
   POWER INDUCTORS
CDRH3D14 SUMIDA-CDRH3D14 Datasheet
161Kb / 3P
   POWER INDUCTORS
CDRH2D11 SUMIDA-CDRH2D11_1 Datasheet
207Kb / 2P
   Power Inductors
CDRH5D14 SUMIDA-CDRH5D14 Datasheet
183Kb / 3P
   Power Inductors
CDRH4D22 SUMIDA-CDRH4D22_06 Datasheet
149Kb / 3P
   POWER INDUCTORS
CDRH6D12 SUMIDA-CDRH6D12_06 Datasheet
164Kb / 2P
   POWER INDUCTORS
CDRH125 SUMIDA-CDRH125_06 Datasheet
163Kb / 3P
   POWER INDUCTORS
CDRH125B SUMIDA-CDRH125B Datasheet
169Kb / 1P
   POWER INDUCTORS
logo
XFMRS Inc.
XFHCLTH XFMRS-XFHCLTH Datasheet
66Kb / 1P
   POWER INDUCTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com