Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDH38D09NP-1R2M Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDH38D09NP-1R2M
Description  POWER INDUCTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDH38D09NP-1R2M Datasheet(HTML) 2 Page - Sumida Corporation

  CDH38D09NP-1R2M Datasheet HTML 1Page - Sumida Corporation CDH38D09NP-1R2M Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
POWER INDUCTORS <SMD Type: CDH Series>
Type: CDH38D09
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2
B Box
C Carrier Tape
Specification
Saturation Current
A)※1
Part Name
Stamp
Inductance
(μH)[Within]
100kHz/1V
D.C.R.(Ω)
Max.(Typ.)
(at 20℃)
at 20℃
at105℃
Temperature
Rise current
(A) ※2
CDH38DØ9NP-1R2M□
1R2
1.2±20%
0.14(0.11)
1.90
1.60
1.35
CDH38DØ9NP-1R5M□
1R5
1.5±20%
0.16(0.13)
1.70
1.40
1.25
CDH38DØ9NP-2R2M□
2R2
2.2±20%
0.19(0.15)
1.50
1.25
1.15
CDH38DØ9NP-2R7M□
2R7
2.7±20%
0.21(0.17)
1.35
1.15
1.10
CDH38DØ9NP-3R3M□
3R3
3.3±20%
0.24(0.19)
1.25
1.00
1.00
CDH38DØ9NP-4R7M□
4R7
4.7±20%
0.30(0.24)
1.10
0.85
0.95
CDH38DØ9NP-6R8M□
6R8
6.8±20%
0.39(0.31)
0.90
0.72
0.85
CDH38DØ9NP-8R2M□
8R2
8.2±20%
0.50(0.40)
0.80
0.65
0.75
CDH38DØ9NP-1ØØM□
100
10.0±20%
0.58(0.47)
0.7
0.60
0.70
CDH38DØ9NP-15ØM□
150
15.0±20%
0.87(0.69)
0.60
0.50
0.55
CDH38DØ9NP-22ØM□
220
22.0±20%
1.14(0.91)
0.50
0.40
0.45
Description of part name
CDH38DØ9NP-1R2M□
1.Saturation Current: The DC current at which the inductance decreases to 65% of it's nominal value.
2 Temperature rise current:The DC current at which the temperature rise is △t=40℃.(Ta=20℃)


Similar Part No. - CDH38D09NP-1R2M

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH38D11 SUMIDA-CDH38D11 Datasheet
185Kb / 3P
   POWER INDUCTORS
logo
Skyworks Solutions Inc.
CDH38D11-S SKYWORKS-CDH38D11-S Datasheet
2Mb / 17P
   1.5A Single Flash LED Driver IC
logo
Sumida Corporation
CDH38D11B SUMIDA-CDH38D11B Datasheet
141Kb / 2P
   POWER INDUCTORS
CDH38D11BNP-100M SUMIDA-CDH38D11BNP-100M Datasheet
141Kb / 2P
   POWER INDUCTORS
CDH38D11BNP-1R5M SUMIDA-CDH38D11BNP-1R5M Datasheet
141Kb / 2P
   POWER INDUCTORS
More results

Similar Description - CDH38D09NP-1R2M

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
Sumida Corporation
CMD89 SUMIDA-CMD89 Datasheet
235Kb / 1P
   POWER INDUCTORS
CDH53 SUMIDA-CDH53 Datasheet
172Kb / 2P
   POWER INDUCTORS
CDRH3D14 SUMIDA-CDRH3D14 Datasheet
161Kb / 3P
   POWER INDUCTORS
CDRH2D11 SUMIDA-CDRH2D11_1 Datasheet
207Kb / 2P
   Power Inductors
CDRH5D14 SUMIDA-CDRH5D14 Datasheet
183Kb / 3P
   Power Inductors
CDRH4D22 SUMIDA-CDRH4D22_06 Datasheet
149Kb / 3P
   POWER INDUCTORS
CDRH6D12 SUMIDA-CDRH6D12_06 Datasheet
164Kb / 2P
   POWER INDUCTORS
CDRH125 SUMIDA-CDRH125_06 Datasheet
163Kb / 3P
   POWER INDUCTORS
CDRH125B SUMIDA-CDRH125B Datasheet
169Kb / 1P
   POWER INDUCTORS
logo
XFMRS Inc.
XFHCLTH XFMRS-XFHCLTH Datasheet
66Kb / 1P
   POWER INDUCTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com