Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDH74NP-121J Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDH74NP-121J
Description  POWER INDUCTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDH74NP-121J Datasheet(HTML) 2 Page - Sumida Corporation

  CDH74NP-121J Datasheet HTML 1Page - Sumida Corporation CDH74NP-121J Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
POWER INDUCTORS <SMD Type: CDH Series>
Type: CDH74
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2
B Box
C Carrier Tape
Specification
Part Name
Stamp
Inductance
Within]
1 kHz
D.C.R.(Ω)
Max.(Typ.)
(at 20℃)
Rated current
(A) ※1
CDH74NP-1ØØL□
CDH74NP-12ØL□
100
120
10μH ± 15%
12μH ± 15%
56m (43m)
65m (50m)
2.75
2.45
CDH74NP-15ØL□
CDH74NP-18ØL□
150
180
15μH ± 15%
18μH ± 15%
83m (64m)
94m (72m)
2.10
1.95
CDH74NP-22ØL□
CDH74NP-27ØK□
220
270
22μH ± 15%
27μH ± 10%
0.13(0.10)
0.16(0.12)
1.70
1.55
CDH74NP-33ØK□
CDH74NP-39ØK□
330
390
33μH ± 10%
39μH ± 10%
0.17(0.13)
0.21(0.16)
1.45
1.30
CDH74NP-47ØK□
CDH74NP-56ØK□
470
560
47μH ± 10%
56μH ± 10%
0.23(0.18)
0.26(0.20)
1.20
1.15
CDH74NP-68ØK□
CDH74NP-82ØJ□
680
820
68μH ± 10%
82μH ± 5%
0.35(0.27)
0.48(0.37)
1.00
0.92
CDH74NP-1Ø1J□
CDH74NP-121J□
101
121
100μH ± 5%
120μH ± 5%
0.55(0.42)
0.62(0.48)
0.81
0.73
CDH74NP-151J□
CDH74NP-181J□
151
181
150μH ± 5%
180μH ± 5%
0.72(0.55)
0.82(0.63)
0.71
0.66
CDH74NP-221J□
CDH74NP-271J□
221
271
220μH ± 5%
270μH ± 5%
1.08(0.83)
1.38(1.10)
0.55
0.48
CDH74NP-331J□
CDH74NP-391J□
331
391
330μH ± 5%
390μH ± 5%
1.55(1.24)
2.09(1.67)
0.40
0.38
CDH74NP-471J□
471
470μH ± 5%
2.39(1.91)
0.33
Description of part name
CDH74NP-1ØØL□
1 Rated current: The DC current at which the inductance decreases to 90% of it's initial value
or when △t=40℃, whichever is lower(Ta=20℃).


Similar Part No. - CDH74NP-121J

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH74 SUMIDA-CDH74 Datasheet
127Kb / 2P
   POWER INDUCTORS
More results

Similar Description - CDH74NP-121J

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
Sumida Corporation
CMD89 SUMIDA-CMD89 Datasheet
235Kb / 1P
   POWER INDUCTORS
CDH53 SUMIDA-CDH53 Datasheet
172Kb / 2P
   POWER INDUCTORS
CDRH3D14 SUMIDA-CDRH3D14 Datasheet
161Kb / 3P
   POWER INDUCTORS
CDRH2D11 SUMIDA-CDRH2D11_1 Datasheet
207Kb / 2P
   Power Inductors
CDRH5D14 SUMIDA-CDRH5D14 Datasheet
183Kb / 3P
   Power Inductors
CDRH4D22 SUMIDA-CDRH4D22_06 Datasheet
149Kb / 3P
   POWER INDUCTORS
CDRH6D12 SUMIDA-CDRH6D12_06 Datasheet
164Kb / 2P
   POWER INDUCTORS
CDRH125 SUMIDA-CDRH125_06 Datasheet
163Kb / 3P
   POWER INDUCTORS
CDRH125B SUMIDA-CDRH125B Datasheet
169Kb / 1P
   POWER INDUCTORS
logo
XFMRS Inc.
XFHCLTH XFMRS-XFHCLTH Datasheet
66Kb / 1P
   POWER INDUCTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com