Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDH37D10SLDNP-1R8M Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDH37D10SLDNP-1R8M
Description  POWER INDUCTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDH37D10SLDNP-1R8M Datasheet(HTML) 2 Page - Sumida Corporation

  CDH37D10SLDNP-1R8M Datasheet HTML 1Page - Sumida Corporation CDH37D10SLDNP-1R8M Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
POWER INDUCTORS <SMD Type: CDH Series>
Type: CDH37D10/SLD
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2
Specification
Saturation Current
A)※1
Part Name
Stamp
Inductance
(μH)
Within]
100kHz/1V
D.C.R.(mΩ)
Max.(Typ.)
(at 20℃)
at 20℃
at105℃
Temperature
Rise current
(A) ※2
CDH37D10SLDNP-1R0M□
1R0
1.0±20%
47.3(37.8)
2.2
1.86
2.55
CDH37D10SLDNP-1R5M□
1R5
1.5±20%
57.4(45.9)
1.8
1.57
2.45
CDH37D10SLDNP-1R8M□
1R8
1.8±20%
67.5(54.0)
1.72
1.47
2.40
CDH37D10SLDNP-2R2M□
2R2
2.2±20%
87.3(69.8)
1.52
1.32
2.05
CDH37D10SLDNP-3R3M□
3R3
3.3±20%
113.7(91.0)
1.27
1.08
1.85
CDH37D10SLDNP-4R7M□
4R7
4.7±20%
178.3(142.6)
1.08
0.9
1.43
CDH37D10SLDNP-5R6M□
5R6
5.6±20%
197.9(158.3)
0.96
0.83
1.35
CDH37D10SLDNP-6R8M□
6R8
6.8±20%
256.8(205.4)
0.86
0.74
1.20
CDH37D10SLDNP-8R2M□
8R2
8.2±20%
279.1(223.3)
0.76
0.67
1.13
CDH37D10SLDNP-100M□
100
10.0±20%
335.3(268.2)
0.74
0.63
1.05
CDH37D10SLDNP-120M□
120
12.0±20%
410.8(328.6)
0.66
0.57
0.9
CDH37D10SLDNP-150M□
150
15.0±20%
468.6(374.9)
0.59
0.51
0.85
CDH37D10SLDNP-220M□
220
22.0±20%
722.1(577.7)
0.49
0.45
0.72
CDH37D10SLDNP-330M□
330
33.0±20%
1105(920.6)
0.41
0.37
0.55
CDH37D10SLDNP-470M□
470
47.0±20%
1630(1357.9)
0.34
0.26
0.45
Description of part name
CDH37D1OSLDNP-1R0M□
1.Saturation Current: The DC current at which the inductance decreases to 65% of it's nominal value.
2 Temperature rise current: The DC current at which the temperature rise is △t=40℃.(Ta=20℃)
B Box
C Carrier Tape


Similar Part No. - CDH37D10SLDNP-1R8M

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CDH300 CENTRAL-CDH300 Datasheet
68Kb / 1P
   SILICON LOW LEAKAGE DIODE
CDH300 CENTRAL-CDH300 Datasheet
72Kb / 1P
   Silicon Low Leakage Diode
CDH300 CENTRAL-CDH300_15 Datasheet
72Kb / 1P
   Silicon Low Leakage Diode
logo
Sumida Corporation
CDH30D11D SUMIDA-CDH30D11D Datasheet
144Kb / 3P
   SMD Power Inductor
CDH30D11DMB SUMIDA-CDH30D11DMB Datasheet
146Kb / 3P
   SMD Power Inductor
More results

Similar Description - CDH37D10SLDNP-1R8M

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
Sumida Corporation
CMD89 SUMIDA-CMD89 Datasheet
235Kb / 1P
   POWER INDUCTORS
CDH53 SUMIDA-CDH53 Datasheet
172Kb / 2P
   POWER INDUCTORS
CDRH3D14 SUMIDA-CDRH3D14 Datasheet
161Kb / 3P
   POWER INDUCTORS
CDRH2D11 SUMIDA-CDRH2D11_1 Datasheet
207Kb / 2P
   Power Inductors
CDRH5D14 SUMIDA-CDRH5D14 Datasheet
183Kb / 3P
   Power Inductors
CDRH4D22 SUMIDA-CDRH4D22_06 Datasheet
149Kb / 3P
   POWER INDUCTORS
CDRH6D12 SUMIDA-CDRH6D12_06 Datasheet
164Kb / 2P
   POWER INDUCTORS
CDRH125 SUMIDA-CDRH125_06 Datasheet
163Kb / 3P
   POWER INDUCTORS
CDRH125B SUMIDA-CDRH125B Datasheet
169Kb / 1P
   POWER INDUCTORS
logo
XFMRS Inc.
XFHCLTH XFMRS-XFHCLTH Datasheet
66Kb / 1P
   POWER INDUCTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com