Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDH38D11SLDNP-5R1M Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDH38D11SLDNP-5R1M
Description  POWER INDUCTORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDH38D11SLDNP-5R1M Datasheet(HTML) 2 Page - Sumida Corporation

  CDH38D11SLDNP-5R1M Datasheet HTML 1Page - Sumida Corporation CDH38D11SLDNP-5R1M Datasheet HTML 2Page - Sumida Corporation CDH38D11SLDNP-5R1M Datasheet HTML 3Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
POWER INDUCTORS <SMD Type: CDH Series>
Type: CDH38D11/SLD, CDH38D11/S
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/3
Specification(CDH38D11/SLD)
Part Name
Stamp
Inductance
(μ
H)
Within]
100kHz
D.C.R.(Ω)
Max.(Typ.)
(at 20℃)
Saturation
Current
A)※1
(at 20℃)
Temperature
rise
current
(A)※2
CDH38D11SLDNP-R72M□
R72
0.72±20%
36.3m(29m)
2.40
3.40
CDH38D11SLDNP-1R0M□
1R0
1.0±20%
41.3m(33m)
2.00
3.30
CDH38D11SLDNP-1R4M□
1R4
1.4±20%
55.0m(44m)
1.80
2.70
CDH38D11SLDNP-1R9M□
1R9
1.9±20%
66.3m(53m)
1.45
2.30
CDH38D11SLDNP-2R4M□
2R4
2.4±20%
93.8m(75m)
1.30
1.88
CDH38D11SLDNP-2R9M□
2R9
2.9±20%
97.5m(78m)
1.20
1.86
CDH38D11SLDNP-3R6M□
3R6
3.6±20%
129.6m(108m)
1.10
1.47
CDH38D11SLDNP-4R2M□
4R2
4.2±20%
135.6m(113m)
1.00
1.41
CDH38D11SLDNP-5R1M□
5R1
5.1±20%
171.6m(143m)
0.90
1.30
CDH38D11SLDNP-5R8M□
5R8
5.8±20%
182.4m(152m)
0.84
1.25
CDH38D11SLDNP-7R2M□
7R2
7.2±20%
228m(190m)
0.75
0.92
CDH38D11SLDNP-8R2M□
8R2
8.2±20%
252m(210m)
0.70
0.86
CDH38D11SLDNP-100M□
100
10±20%
336m(280m)
0.64
0.78
CDH38D11SLDNP-120M□
120
12±20%
0.38(0.32)
0.60
0.75
CDH38D11SLDNP-150M□
150
15±20%
0.49(0.41)
0.52
0.67
CDH38D11SLDNP-180M□
180
18±20%
0.55(0.46)
0.48
0.57
CDH38D11SLDNP-220M□
220
22±20%
0.73(0.61)
0.44
0.49
CDH38D11SLDNP-270M□
270
27±20%
0.84(0.70)
0.42
0.46
CDH38D11SLDNP-330M□
330
33±20%
1.0(0.83)
0.36
0.45


Similar Part No. - CDH38D11SLDNP-5R1M

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH38D11SLDNP-5R1MC SUMIDA-CDH38D11SLDNP-5R1MC Datasheet
231Kb / 5P
   SMD Power Inductor
More results

Similar Description - CDH38D11SLDNP-5R1M

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
Sumida Corporation
CMD89 SUMIDA-CMD89 Datasheet
235Kb / 1P
   POWER INDUCTORS
CDH53 SUMIDA-CDH53 Datasheet
172Kb / 2P
   POWER INDUCTORS
CDRH3D14 SUMIDA-CDRH3D14 Datasheet
161Kb / 3P
   POWER INDUCTORS
CDRH2D11 SUMIDA-CDRH2D11_1 Datasheet
207Kb / 2P
   Power Inductors
CDRH5D14 SUMIDA-CDRH5D14 Datasheet
183Kb / 3P
   Power Inductors
CDRH4D22 SUMIDA-CDRH4D22_06 Datasheet
149Kb / 3P
   POWER INDUCTORS
CDRH6D12 SUMIDA-CDRH6D12_06 Datasheet
164Kb / 2P
   POWER INDUCTORS
CDRH125 SUMIDA-CDRH125_06 Datasheet
163Kb / 3P
   POWER INDUCTORS
CDRH125B SUMIDA-CDRH125B Datasheet
169Kb / 1P
   POWER INDUCTORS
logo
XFMRS Inc.
XFHCLTH XFMRS-XFHCLTH Datasheet
66Kb / 1P
   POWER INDUCTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com