Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDH63NP-151K Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDH63NP-151K
Description  POWER INDUCTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDH63NP-151K Datasheet(HTML) 2 Page - Sumida Corporation

  CDH63NP-151K Datasheet HTML 1Page - Sumida Corporation CDH63NP-151K Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
POWER INDUCTORS <SMD Type: CDH Series>
Type: CDH63
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2
B Box
C Carrier Tape
Specification
Saturation Current
A)※1
Part Name
Stamp
Inductance
Within]
100kHz/1V
D.C.R.(Ω)
Max.(Typ.)
(at 20℃)
at 20℃
at 105℃
Temperature
Rise current
(A) ※2
CDH63NP-1R4M□
B
1.4μH ±20%
35m(27.5m)
3.20
2.30
2.55
CDH63NP-2RØM□
C
2.0μH ±20%
51m(41.0m)
2.60
2.00
2.30
CDH63NP-3R3M□
D
3.3μH ±20%
70m(56m)
2.20
1.70
1.80
CDH63NP-3R9M□
E
3.9μH ±20%
92m(73m)
2.00
1.40
1.65
CDH63NP-4R7M□
F
4.7μH ±20%
105m(84m)
1.80
1.30
1.55
CDH63NP-5R6M□
G
5.6μH ±20%
136m(109m)
1.60
1.15
1.35
CDH63NP-6R8M□
H
6.8μH ±20%
144m(115m)
1.50
1.05
1.30
CDH63NP-8R2M□
I
8.2μH ±20%
184m(147m)
1.28
1.00
1.20
CDH63NP-1ØØM□
J
10μH ±20%
209m(167m)
1.20
0.93
1.10
CDH63NP-12ØM□
K
12μH ±20%
239m(191m)
1.15
0.85
1.00
CDH63NP-15ØM□
L
15μH ±20%
275m(220m)
1.10
0.76
0.78
CDH63NP-18ØM□
M
18μH ±20%
0.38(0.30)
0.94
0.73
0.75
CDH63NP-22ØM□
N
22μH ±20%
0.45(0.36)
0.85
0.70
0.70
CDH63NP-27ØM□
O
27μH ±20%
0.58(0.46)
0.75
0.61
0.63
CDH63NP-33ØM□
P
33μH ±20%
0.66(0.53)
0.68
0.56
0.59
CDH63NP-39ØM□
Q
39μH ±20%
0.78(0.62)
0.64
0.49
0.53
CDH63NP-47ØK□
R
47μH ±10%
1.00(0.80)
0.59
0.46
0.48
CDH63NP-56ØK□
S
56μH ±10%
1.13(0.90)
0.53
0.40
0.42
CDH63NP-68ØK□
T
68μH ±10%
1.48(1.18)
0.48
0.37
0.39
CDH63NP-82ØK□
U
82μH ±10%
1.60(1.33)
0.44
0.35
0.36
CDH63NP-1Ø1K□
V
100μH ±10%
1.81(1.51)
0.39
0.31
0.34
CDH63NP-121K□
W
120μH ±10%
2.40(2.00)
0.37
0.28
0.30
CDH63NP-151K□
X
150μH ±10%
3.24(2.70)
0.31
0.24
0.23
CDH63NP-181K□
Y
180μH ±10%
3.60(3.00)
0.29
0.22
0.21
CDH63NP-221K□
Z
220μH ±10%
4.33(3.61)
0.27
0.20
0.19
Description of part name
CDH63NP-1R4M□
1.Saturation Current: The DC current at which the inductance decreases to 90% of it's initial value.
2 Temperature rise current:The DC current at which the temperature rise is △t=40℃.(Ta=20℃)


Similar Part No. - CDH63NP-151K

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
CDH-04 ADAM-TECH-CDH-04 Datasheet
108Kb / 1P
   .100 LATCHING HEADER & HOUSING
CDH-C-MT-R ADAM-TECH-CDH-C-MT-R Datasheet
72Kb / 1P
   CRIMP CONTACT
CDH-C-R ADAM-TECH-CDH-C-R Datasheet
108Kb / 1P
   .100 LATCHING HEADER & HOUSING
CDH-C-X ADAM-TECH-CDH-C-X Datasheet
34Kb / 1P
   CRIMP CONTACT
CDH-CB ADAM-TECH-CDH-CB Datasheet
117Kb / 1P
   .100 LATCHING HEADER & HOUSING
More results

Similar Description - CDH63NP-151K

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
Sumida Corporation
CMD89 SUMIDA-CMD89 Datasheet
235Kb / 1P
   POWER INDUCTORS
CDH53 SUMIDA-CDH53 Datasheet
172Kb / 2P
   POWER INDUCTORS
CDRH3D14 SUMIDA-CDRH3D14 Datasheet
161Kb / 3P
   POWER INDUCTORS
CDRH2D11 SUMIDA-CDRH2D11_1 Datasheet
207Kb / 2P
   Power Inductors
CDRH5D14 SUMIDA-CDRH5D14 Datasheet
183Kb / 3P
   Power Inductors
CDRH4D22 SUMIDA-CDRH4D22_06 Datasheet
149Kb / 3P
   POWER INDUCTORS
CDRH6D12 SUMIDA-CDRH6D12_06 Datasheet
164Kb / 2P
   POWER INDUCTORS
CDRH125 SUMIDA-CDRH125_06 Datasheet
163Kb / 3P
   POWER INDUCTORS
CDRH125B SUMIDA-CDRH125B Datasheet
169Kb / 1P
   POWER INDUCTORS
logo
XFMRS Inc.
XFHCLTH XFMRS-XFHCLTH Datasheet
66Kb / 1P
   POWER INDUCTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com