Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDH20D10NP-3R3M Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDH20D10NP-3R3M
Description  Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDH20D10NP-3R3M Datasheet(HTML) 2 Page - Sumida Corporation

  CDH20D10NP-3R3M Datasheet HTML 1Page - Sumida Corporation CDH20D10NP-3R3M Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Type: CDH20D10
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2
Power Inductors <SMD Type: CDH Series>
B: Box
C: Carrier Tape
Specification
Part Name
Stamp
Inductance
(μH)
100kHz/1V
D.C.R.(Ω)
Max.(Typ.)
(at 20℃)
Saturation
Current
A)※1
Temperature
Rise Current
(A) ※2
CDH20D10NP-R50M□
A
0.5±20%
83m(66m)
2.01(2.52)
1.65(1.84)
CDH20D10NP-R68M□
B
0.68±20%
94m(75m)
1.75(2.19)
1.47(1.68)
CDH20D10NP-R80M□
C
0.8±20%
104m(83m)
1.63(2.04)
1.43(1.62)
CDH20D10NP-1R0M□
D
1.0±20%
0.139(0.111)
1.45(1.82)
1.18(1.34)
CDH20D10NP-1R2M□
E
1.2±20%
0.158(0.126)
1.44(1.80)
1.16(1.32)
CDH20D10NP-1R5M□
F
1.5±20%
0.173(0.138)
1.27(1.59)
1.08(1.22)
CDH20D10NP-1R8M□
G
1.8±20%
0.235(0.188)
1.08(1.36)
0.90(1.02)
CDH20D10NP-2R0M□
J
2.0±20%
0.252(0.201)
1.04(1.30)
0.88(1.01)
CDH20D10NP-2R2M□
K
2.2±20%
0.276(0.221)
1.00(1.26)
0.87(0.98)
CDH20D10NP-2R7M□
L
2.7±20%
0.370(0.295)
0.89(1.12)
0.74(0.82)
CDH20D10NP-3R3M□
M
3.3±20%
0.425(0.339)
0.81(1.02)
0.70(0.79)
CDH20D10NP-3R9M□
P
3.9±20%
0.463(0.370)
0.72(0.92)
0.58(0.65)
CDH20D10NP-4R7M□
R
4.7±20%
0.53(0.42)
0.70(0.87)
0.53(0.61)
CDH20D10NP-5R6M□
T
5.6±20%
0.75(0.60)
0.63(0.79)
0.49(0.55)
Description of part name
CDH20D10NP-R50M□
1. Saturation Current: The DC current at which the inductance decreases to 90% of its nominal value.
2. Temperature Rise Current: The DC current at which the temperature rise is △t=40℃ (Ta=20℃) .


Similar Part No. - CDH20D10NP-3R3M

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH20D10NP-3R3MC SUMIDA-CDH20D10NP-3R3MC Datasheet
434Kb / 4P
   Small size inductor 2.2mm Max square and 1.1mm Max height
More results

Similar Description - CDH20D10NP-3R3M

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
Sumida Corporation
CMD89 SUMIDA-CMD89 Datasheet
235Kb / 1P
   POWER INDUCTORS
CDH53 SUMIDA-CDH53 Datasheet
172Kb / 2P
   POWER INDUCTORS
CDRH3D14 SUMIDA-CDRH3D14 Datasheet
161Kb / 3P
   POWER INDUCTORS
CDRH2D11 SUMIDA-CDRH2D11_1 Datasheet
207Kb / 2P
   Power Inductors
CDRH5D14 SUMIDA-CDRH5D14 Datasheet
183Kb / 3P
   Power Inductors
CDRH4D22 SUMIDA-CDRH4D22_06 Datasheet
149Kb / 3P
   POWER INDUCTORS
CDRH6D12 SUMIDA-CDRH6D12_06 Datasheet
164Kb / 2P
   POWER INDUCTORS
CDRH125 SUMIDA-CDRH125_06 Datasheet
163Kb / 3P
   POWER INDUCTORS
CDRH125B SUMIDA-CDRH125B Datasheet
169Kb / 1P
   POWER INDUCTORS
logo
XFMRS Inc.
XFHCLTH XFMRS-XFHCLTH Datasheet
66Kb / 1P
   POWER INDUCTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com