Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDRH2D23HPNP-6R3N Datasheet(PDF) 1 Page - Sumida Corporation

Part # CDRH2D23HPNP-6R3N
Description  Power Inductor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH2D23HPNP-6R3N Datasheet(HTML) 1 Page - Sumida Corporation

  CDRH2D23HPNP-6R3N Datasheet HTML 1Page - Sumida Corporation CDRH2D23HPNP-6R3N Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Power Inductor< SMD Type: CDRH Series>
Type: CDRH2D23/HP
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/2
Product Description
3.2×3.2mm Max.(L×W),2.5mm Max. Height.
Inductance range: 1.7~2.2μH
Rated current range:0.57A-2.05A
In addition to the standard versions of inductors shown here, custom inductors are available
to meet your exact requirements.
Feature
Magnetically shielded construction.
Ideally used in Mobilephone,PDA,MP3,DSC/DVC,Portable DVD,etc as DC-DC Converter inductors.
RoHS Compliance.
Dimensions (mm)
Not including terminal dimension.
Land Pattern (mm)


Similar Part No. - CDRH2D23HPNP-6R3N

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH2D09 SUMIDA-CDRH2D09 Datasheet
192Kb / 2P
   Power Inductors
CDRH2D09C SUMIDA-CDRH2D09C Datasheet
192Kb / 2P
   Power Inductors
CDRH2D09CNP-100NB SUMIDA-CDRH2D09CNP-100NB Datasheet
192Kb / 2P
   Power Inductors
CDRH2D09CNP-100NC SUMIDA-CDRH2D09CNP-100NC Datasheet
192Kb / 2P
   Power Inductors
CDRH2D09CNP-100NC SUMIDA-CDRH2D09CNP-100NC Datasheet
167Kb / 4P
   SMD Power Inductor
More results

Similar Description - CDRH2D23HPNP-6R3N

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQH2HP_G0 MURATA-LQH2HP_G0 Datasheet
73Kb / 2P
   Chip Inductor Power Inductor
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
XFMRS Inc.
XFRCR875D-102M XFMRS-XFRCR875D-102M_15 Datasheet
59Kb / 1P
   Power Inductor
XFHCL2-1R8M XFMRS-XFHCL2-1R8M Datasheet
37Kb / 1P
   Power Inductor
XFRCH654-102M XFMRS-XFRCH654-102M Datasheet
59Kb / 1P
   Power Inductor
XFRCRH875-100M XFMRS-XFRCRH875-100M Datasheet
59Kb / 1P
   Power Inductor
XFRCR110D-102M XFMRS-XFRCR110D-102M_15 Datasheet
58Kb / 1P
   Power Inductor
9XFXXX6-S3P XFMRS-9XFXXX6-S3P Datasheet
49Kb / 1P
   POWER INDUCTOR
XFHCL2-1R6M XFMRS-XFHCL2-1R6M Datasheet
60Kb / 1P
   POWER INDUCTOR
XFRLH875-101M XFMRS-XFRLH875-101M Datasheet
32Kb / 1P
   POWER INDUCTOR
XFRCRH875-100M XFMRS-XFRCRH875-100M_15 Datasheet
59Kb / 1P
   Power Inductor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com