Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C6414CGLZA5E0 Datasheet(PDF) 3 Page - Texas Instruments

Part # TMS320C6414CGLZA5E0
Description  FIXED-POINT DIGITAL SIGNAL PROCESSORS
Download  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6414CGLZA5E0 Datasheet(HTML) 3 Page - Texas Instruments

  TMS320C6414CGLZA5E0 Datasheet HTML 1Page - Texas Instruments TMS320C6414CGLZA5E0 Datasheet HTML 2Page - Texas Instruments TMS320C6414CGLZA5E0 Datasheet HTML 3Page - Texas Instruments TMS320C6414CGLZA5E0 Datasheet HTML 4Page - Texas Instruments TMS320C6414CGLZA5E0 Datasheet HTML 5Page - Texas Instruments TMS320C6414CGLZA5E0 Datasheet HTML 6Page - Texas Instruments TMS320C6414CGLZA5E0 Datasheet HTML 7Page - Texas Instruments TMS320C6414CGLZA5E0 Datasheet HTML 8Page - Texas Instruments TMS320C6414CGLZA5E0 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 139 page
background image
TMS320C6414, TMS320C6415, TMS320C6416
FIXEDPOINT DIGITAL SIGNAL PROCESSORS
SPRS146L − FEBRUARY 2001 − REVISED JULY 2004
3
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
PAGE(S)
NO.
ADDITIONS/CHANGES/DELETIONS
7
Description section:
“The C6416 device has two high-performance embedded coprocessors [Viterbi Decoder Coprocessor (VCP) and Turbo
Decoder Coprocessor (TCP)] that ...” paragraph
Changed “The VCP operating at CPU clock divided-by-4 can decode over 500 7.95-Kbps adaptive multi-rate ...” sentence to
“The VCP operating at CPU clock divided-by-4 can decode over 600 7.95-Kbps adaptive multi-rate ...”
Changed “The TCP operating at CPU clock divided-by-2 can decode up to thirty-six 384-Kbps or six 2-Mbps turbo encoded
channels ...” sentence to “The TCP operating at CPU clock divided-by-2 can decode up to forty-three 384-Kbps or seven
2-Mbps turbo encoded channels ...”
16
L2 architecture expanded section:
Added new section
Added Figure 2, TMS320C6414/C6415/C6416 L2 Architecture Memory Configuration
18
Peripheral register descriptions section:
Table 6, L2 Cache Registers:
Updated the “ACRONYM” and “REGISTER NAME” columns for the “0184 4000 through 0184 5004” HEX ADDRESS
RANGE
Added rows “0184 4018” and “0184 401C”
Changed the “0184 4038 − 0184 4FFC” HEX ADDRESS RANGE for the “Reserved” row to “0184 4038 − 0184 4044”
Added rows “0184 4048” and “0184 404C”
Added “Reserved” row “0184 4050 − 0184 4FFC”
22
Peripheral register descriptions section:
EDMA Parameter RAM table:
Updated associated table footnote from “The C64x device ...” to “The C6414/C6415/C6416 device ...”
66
Added “device support” section title (new)
66−67
Device and development-support tool nomenclature section:
Updated/changed “Table 30 displays the device part numbers and ordering information for ...” paragraph
Deleted Table 30, TMS320C6414/C6415/C6416 Device Part Numbers (P/Ns) and Ordering Information
Deleted the “TMX and TMP devices and TMDX development-support tools are shipped with ...” paragraph
Figure 5, TMS320C64x
 DSP Device Nomenclature (Including the C6414, C6415, and C6416 Devices):
Updated/changed the “For the actual device part numbers (P/Ns) and ordering information, ...” footnote
Added, below Figure 5, “For additional information, see the TMS320C6414, TMS320C6415, and TMS320C6416 Digital
Signal Processors Silicon Errata (literature number SPRZ011)” paragraph (new)
68
Documentation support section:
Updated/moved the “How To Begin Development Today With the TMS320C6414, TMS320C6415, and TMS320C6416 DSPs
application report (literature number SPRA718)” document reference
76
Power-supply decoupling section:
Updated/changed the “In order to properly decouple the supply planes from system noise, place as many capacitors ...”
paragraph
Added two subsequent paragraphs
78
Reset section:
Added new section
77
IEEE 1149.1 JTAG compatibility statement section:
Updated/added paragraphs for clarity


Similar Part No. - TMS320C6414CGLZA5E0

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6414 TI-TMS320C6414 Datasheet
2Mb / 141P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6414 TI-TMS320C6414 Datasheet
2Mb / 141P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6414 TI-TMS320C6414 Datasheet
1Mb / 145P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6414EGLZ5E0 TI-TMS320C6414EGLZ5E0 Datasheet
2Mb / 141P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6414EGLZ5E0 TI-TMS320C6414EGLZ5E0 Datasheet
2Mb / 141P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
More results

Similar Description - TMS320C6414CGLZA5E0

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320VC5407 TI-TMS320VC5407 Datasheet
1Mb / 110P
[Old version datasheet]   Fixed-Point Digital Signal Processors
TMS320C6211B TI-TMS320C6211B Datasheet
1Mb / 83P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
SM320C6414-EP TI1-SM320C6414-EP Datasheet
1,019Kb / 93P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
SMJ320C6414 TI1-SMJ320C6414_16 Datasheet
1Mb / 134P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6202 TI-TMS320C6202 Datasheet
1Mb / 86P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6202 TI1-TMS320C6202_16 Datasheet
2Mb / 110P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C54X TI1-TMS320C54X_16 Datasheet
1Mb / 118P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320VC5510 TI1-TMS320VC5510_17 Datasheet
1Mb / 90P
[Old version datasheet]   Fixed-Point Digital Signal Processors
SM320C6414-EP TI1-SM320C6414-EP_16 Datasheet
1,010Kb / 93P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6416TBGLZA8 TI-TMS320C6416TBGLZA8 Datasheet
2Mb / 148P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com