Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDRH2D11 Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDRH2D11
Description  Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH2D11 Datasheet(HTML) 2 Page - Sumida Corporation

  CDRH2D11_1 Datasheet HTML 1Page - Sumida Corporation CDRH2D11_1 Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Power Inductors <SMD Type: CDRH Series>
Type: CDRH2D11, CDRH2D11/HP, CDRH2D11B
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2
Specification(CDRH2D11)
Saturation current
(A)※1
Part Name
Stamp
Inductance
(μH)
100kHz/1V
D.C.R. (mΩ)
Max.(Typ.)
( 20℃)
20℃
100℃
Temperature
rise current
(A)※2
CDRH2D11NP-1R5N□
A
1.5±30%
68(54)
0.90
0.68
1.48
CDRH2D11NP-2R2N□
C
2.2±30%
98(78)
0.78
0.58
1.27
CDRH2D11NP-3R3N□
E
3.3±30%
123(98)
0.60
0.45
1.02
CDRH2D11NP-4R7N□
G
4.7±30%
170(135)
0.50
0.37
0.88
CDRH2D11NP-6R8N□
I
6.8±30%
260(210)
0.44
0.33
0.80
CDRH2D11NP-100N□
K
10.0±30%
400(320)
0.35
0.26
0.65
Specification (CDRH2D11/HP)
Saturation current
(A)※1
Part Name
Stamp
Inductance
(μH)
100kHz/1V
D.C.R. (mΩ)
Max.(Typ.)
(20℃)
20℃
100℃
Temperature
rise current
(A)※2
CDRH2D11/HPNP-1R5N□
A
1.5±30%
80(64)
1.35
1.0
1.60
CDRH2D11/HPNP-2R2N□
C
2.2±30%
120(96)
1.10
0.72
1.30
CDRH2D11/HPNP-3R3N□
E
3.3±30%
173(138)
0.90
0.65
0.90
CDRH2D11/HPNP-4R7N□
G
4.7±30%
238(190)
0.75
0.52
0.85
CDRH2D11/HPNP-6R8N□
I
6.8±30%
371(297)
0.63
0.45
0.65
CDRH2D11/HPNP-100N□
K
10.0±30%
559(447)
0.52
0.37
0.52
Specification (CDRH2D11B)
Saturation current
(A)※1
Part Name
Stamp
Inductance
(μH)
100kHz/1V
D.C.R. (mΩ)
Max.(Typ.)
(20℃)
20℃
100℃
Temperature
rise current
(A)※2
CDRH2D11BNP-1R0N□
A
1.0±25%
62.6(50.1)
1.50
1.25
1.70
CDRH2D11BNP-1R5N□
B
1.5±25%
84.3(67.4)
1.25
1.05
1.45
CDRH2D11BNP-2R2N□
C
2.2±25%
95.5(76.4)
1.10
0.9
1.40
CDRH2D11BNP-2R7N□
D
2.7±25%
120(95.6)
0.92
0.75
1.20
CDRH2D11BNP-3R3N□
E
3.3±25%
154(123)
0.88
0.70
1.00
CDRH2D11BNP-4R7N□
F
4.7±25%
248(198)
0.70
0.56
0.80
CDRH2D11BNP-5R6N□
G
5.6±25%
264(211)
0.65
0.54
0.75
CDRH2D11BNP-6R8N□
H
6.8±25%
284(227)
0.60
0.50
0.72
CDRH2D11BNP-8R2N□
I
8.2±25%
376(301)
0.52
0.44
0.60
CDRH2D11BNP-100N□
J
10.0±25%
428(342)
0.48
0.40
0.58
CDRH2D11BNP-150N□
K
15.0±25%
663(530)
0.40
0.33
0.46
CDRH2D11BNP-180N□
L
18.0±25%
730(584)
0.36
0.30
0.43
CDRH2D11BNP-220N□
M
22.0±25%
801(641)
0.35
0.26
0.42
Description of part name
CDRH2D11BNP-1R0N□
1.Saturation Current: The DC current at which the inductance decreases to 65% of it's nominal value.
2.Temperature rise current: The DC current at which the temperature rise is △t=40℃.(Ta=20℃).
B Box
C Carrier Tape


Similar Part No. - CDRH2D11_1

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH2D11-100NC SUMIDA-CDRH2D11-100NC Datasheet
446Kb / 1P
   POWER INDUCTORS
CDRH2D11-1R5NC SUMIDA-CDRH2D11-1R5NC Datasheet
446Kb / 1P
   POWER INDUCTORS
CDRH2D11 SUMIDA-CDRH2D11_13 Datasheet
136Kb / 4P
   Magnetically shielded construction.
CDRH2D11 SUMIDA-CDRH2D11_14 Datasheet
170Kb / 2P
   SMD Power Inductor
More results

Similar Description - CDRH2D11_1

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
Sumida Corporation
CMD89 SUMIDA-CMD89 Datasheet
235Kb / 1P
   POWER INDUCTORS
CDH53 SUMIDA-CDH53 Datasheet
172Kb / 2P
   POWER INDUCTORS
CDRH3D14 SUMIDA-CDRH3D14 Datasheet
161Kb / 3P
   POWER INDUCTORS
CDRH5D14 SUMIDA-CDRH5D14 Datasheet
183Kb / 3P
   Power Inductors
CDRH4D22 SUMIDA-CDRH4D22_06 Datasheet
149Kb / 3P
   POWER INDUCTORS
CDRH6D12 SUMIDA-CDRH6D12_06 Datasheet
164Kb / 2P
   POWER INDUCTORS
CDRH125 SUMIDA-CDRH125_06 Datasheet
163Kb / 3P
   POWER INDUCTORS
CDRH125B SUMIDA-CDRH125B Datasheet
169Kb / 1P
   POWER INDUCTORS
logo
XFMRS Inc.
XFHCLTH XFMRS-XFHCLTH Datasheet
66Kb / 1P
   POWER INDUCTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com