Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDRH3D28 Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDRH3D28
Description  POWER INDUCTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH3D28 Datasheet(HTML) 2 Page - Sumida Corporation

  CDRH3D28_06 Datasheet HTML 1Page - Sumida Corporation CDRH3D28_06 Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Type: CDRH3D28, CDRH3D28/LD
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2
POWER INDUCTORS <SMD Type: CDRH Series>
Specification(CDRH3D28)
Saturation Current
A)※1
Part Name
Stamp
Inductance
(μH)
Within]
100kHz/1V
D.C.R.(mΩ)
Max.(Typ.)
(at 20℃)
(at 20℃)
(at100℃)
Temperature
rise current
(A) ※2
CDRH3D28NP-3R3N□
A
3.3±30%
72.1(57.7)
2.00
1.48
1.85
CDRH3D28NP-4R7N□
B
4.7±30%
88.3(70.6)
1.65
1.28
1.62
CDRH3D28NP-6R8N□
C
6.8±30%
119(95.0)
1.24
0.94
1.32
CDRH3D28NP-1ØØN□
D
10±30%
145(116)
1.05
0.80
1.18
CDRH3D28NP-15ØN□
E
15±30%
213(170)
0.90
0.64
1.02
CDRH3D28NP-22ØN□
F
22±30%
335(268)
0.76
0.55
0.74
CDRH3D28NP-33ØN□
G
33±30%
481(385)
0.58
0.44
0.63
CDRH3D28NP-47ØN□
H
47±30%
599(479)
0.48
0.36
0.56
Specification(CDRH3D28/LD)
Saturation Current
A)※1
Part Name
Stamp
Inductance
(μH)
Within]
100kHz/1V
D.C.R.(mΩ)
Max.(Typ.)
(at 20℃)
(at20℃)
(at105℃)
Temperature
Rise current
(A) ※2
CDRH3D28/LDNP-1ØØN□
A
10±30%
95(73)
0.50
0.43
1.52
CDRH3D28/LDNP-12ØN□
B
12±30%
100(80)
0.45
0.38
1.48
CDRH3D28/LDNP-15ØN□
C
15±30%
115(90)
0.40
0.33
1.44
CDRH3D28/LDNP-18ØN□
D
18±30%
125(100)
0.35
0.30
1.37
CDRH3D28/LDNP-22ØN□
E
22±30%
145(117)
0.33
0.28
1.28
CDRH3D28/LDNP-27ØN□
F
27±30%
175(140)
0.29
0.26
1.18
CDRH3D28/LDNP-33ØN□
G
33±30%
215(170)
0.28
0.23
1.15
CDRH3D28/LDNP-39ØN□
H
39±30%
225(180)
0.25
0.21
1.00
CDRH3D28/LDNP-47ØN□
J
47±30%
305(245)
0.23
0.19
0.81
CDRH3D28/LDNP-56ØN□
K
56±30%
325(260)
0.20
0.17
0.76
CDRH3D28/LDNP-68ØN□
L
68±30%
470(375)
0.185
0.156
0.60
CDRH3D28/LDNP-82ØN□
M
82±30%
540(430)
0.172
0.142
0.58
CDRH3D28/LDNP-1Ø1N□
N
100±30%
610(485)
0.160
0.128
0.52
CDRH3D28/LDNP-121N□
P
120±30%
755(605)
0.136
0.116
0.50
CDRH3D28/LDNP-151N□
Q
150±30%
880(705)
0.124
0.106
0.48
CDRH3D28/LDNP-181N□
R
180±30%
1130(905)
0.119
0.095
0.42
CDRH3D28/LDNP-221N□
S
220±30%
1270(1015)
0.116
0.087
0.36
Description of Part Name
CDRH3D28/LDNP-1ØØN□
1.Saturation Current: The DC current at which the inductance decreases to 65% of it's nominal value
2 Temperature rise current:The DC current at which the temperature rise is △t=40℃.(Ta=20℃)
B Box
C Carrier Tape


Similar Part No. - CDRH3D28_06

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH3D28/LDNP-100NC SUMIDA-CDRH3D28/LDNP-100NC Datasheet
164Kb / 4P
   SMD Power Inductor
CDRH3D28/LDNP-101NC SUMIDA-CDRH3D28/LDNP-101NC Datasheet
164Kb / 4P
   SMD Power Inductor
CDRH3D28/LDNP-120NC SUMIDA-CDRH3D28/LDNP-120NC Datasheet
164Kb / 4P
   SMD Power Inductor
CDRH3D28/LDNP-121NC SUMIDA-CDRH3D28/LDNP-121NC Datasheet
164Kb / 4P
   SMD Power Inductor
CDRH3D28/LDNP-150NC SUMIDA-CDRH3D28/LDNP-150NC Datasheet
164Kb / 4P
   SMD Power Inductor
More results

Similar Description - CDRH3D28_06

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
Sumida Corporation
CMD89 SUMIDA-CMD89 Datasheet
235Kb / 1P
   POWER INDUCTORS
CDH53 SUMIDA-CDH53 Datasheet
172Kb / 2P
   POWER INDUCTORS
CDRH3D14 SUMIDA-CDRH3D14 Datasheet
161Kb / 3P
   POWER INDUCTORS
CDRH2D11 SUMIDA-CDRH2D11_1 Datasheet
207Kb / 2P
   Power Inductors
CDRH5D14 SUMIDA-CDRH5D14 Datasheet
183Kb / 3P
   Power Inductors
CDRH4D22 SUMIDA-CDRH4D22_06 Datasheet
149Kb / 3P
   POWER INDUCTORS
CDRH6D12 SUMIDA-CDRH6D12_06 Datasheet
164Kb / 2P
   POWER INDUCTORS
CDRH125 SUMIDA-CDRH125_06 Datasheet
163Kb / 3P
   POWER INDUCTORS
CDRH125B SUMIDA-CDRH125B Datasheet
169Kb / 1P
   POWER INDUCTORS
logo
XFMRS Inc.
XFHCLTH XFMRS-XFHCLTH Datasheet
66Kb / 1P
   POWER INDUCTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com