Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDRH3D23NP-150M Datasheet(PDF) 1 Page - Sumida Corporation

Part # CDRH3D23NP-150M
Description  Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH3D23NP-150M Datasheet(HTML) 1 Page - Sumida Corporation

  CDRH3D23NP-150M Datasheet HTML 1Page - Sumida Corporation CDRH3D23NP-150M Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Power Inductors <SMD Type: CDRH Series>
Type: CDRH3D23; CDH3D23/HP
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/2
※3.8±0.12
(2.3)
2.5 Max.
Electrode
Product Description
3.92×3.92mm Max.(L×W), 2.5mm Max. Height.
Inductance range: 1.0~47.0μH
Rated current range: 0.35~2.8A(CDRH3D23);0.53~2.55A(CDRH3D23/HP)
Custom design is available.
Feature
Magnetically shielded construction.
Ideally used in Mobilephone,PDA,MP3,DSC/DVC etc as DC-DC Converter inductors.
RoHS Compliance.
Dimensions (mm)
Land Pattern (mm)
Specification (CDRH3D23)
Saturation Current
A)※1
Part Name
Stamp
Inductance
(μ
H)
100kHz/1V
D.C.R.(mΩ)
Max.(Typ.)
(at 20℃)
(at 20℃)
(at 100℃)
Temperature
Rise Current
(A)※2
CDRH3D23NP-1R0P□
A
1.0µH±25%
25.0(20)
2.80
2.00
3.10
CDRH3D23NP-1R5P□
B
1.5µH±25%
29.0(24)
2.20
1.65
2.90
CDRH3D23NP-2R2P□
C
2.2µH±25%
38.3(31)
1.80
1.30
2.50
CDRH3D23NP-3R3P□
D
3.3µH±25%
56.3(45)
1.45
1.10
2.20
CDRH3D23NP-4R7P□
E
4.7µH±25%
68.8(55)
1.30
0.95
1.90
CDRH3D23NP-5R6P□
F
5.6µH±25%
75.0(60)
1.10
0.80
1.80
CDRH3D23NP-6R8P□
G
6.8µH±25%
87.8(72)
1.00
0.75
1.70
CDRH3D23NP-8R2P□
H
8.2µH±25%
94.8(77)
0.95
0.70
1.60
CDRH3D23NP-100M□
I
10.0µH±20%
117(95)
0.85
0.60
1.40
CDRH3D23NP-150M□
J
15.0µH±20%
191(154)
0.70
0.50
0.85
CDRH3D23NP-220M□
K
22.0µH±20%
270(219)
0.55
0.40
0.75
CDRH3D23NP-330M□
L
33.0µH±20%
381(307)
0.50
0.35
0.6
CDRH3D23NP-470M□
M
47.0µH±20%
546(441)
0.35
0.25
0.55


Similar Part No. - CDRH3D23NP-150M

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH3D23NP-150MC SUMIDA-CDRH3D23NP-150MC Datasheet
173Kb / 5P
   Ferrite drum core construction.
CDRH3D23NP-150MC SUMIDA-CDRH3D23NP-150MC Datasheet
173Kb / 4P
   SMD Power Inductor
More results

Similar Description - CDRH3D23NP-150M

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
Sumida Corporation
CMD89 SUMIDA-CMD89 Datasheet
235Kb / 1P
   POWER INDUCTORS
CDH53 SUMIDA-CDH53 Datasheet
172Kb / 2P
   POWER INDUCTORS
CDRH3D14 SUMIDA-CDRH3D14 Datasheet
161Kb / 3P
   POWER INDUCTORS
CDRH2D11 SUMIDA-CDRH2D11_1 Datasheet
207Kb / 2P
   Power Inductors
CDRH5D14 SUMIDA-CDRH5D14 Datasheet
183Kb / 3P
   Power Inductors
CDRH4D22 SUMIDA-CDRH4D22_06 Datasheet
149Kb / 3P
   POWER INDUCTORS
CDRH6D12 SUMIDA-CDRH6D12_06 Datasheet
164Kb / 2P
   POWER INDUCTORS
CDRH125 SUMIDA-CDRH125_06 Datasheet
163Kb / 3P
   POWER INDUCTORS
CDRH125B SUMIDA-CDRH125B Datasheet
169Kb / 1P
   POWER INDUCTORS
logo
XFMRS Inc.
XFHCLTH XFMRS-XFHCLTH Datasheet
66Kb / 1P
   POWER INDUCTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com