Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDRH4D11NP-150MC Datasheet(PDF) 1 Page - Sumida Corporation

Part # CDRH4D11NP-150MC
Description  Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH4D11NP-150MC Datasheet(HTML) 1 Page - Sumida Corporation

  CDRH4D11NP-150MC Datasheet HTML 1Page - Sumida Corporation CDRH4D11NP-150MC Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Power Inductors <SMD Type: CDRH Series>
Type: CDRH4D11
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/2
2.
9
Product Description
4.8×4.8mm Max.(L×W), 1.2mm Max. Height.
Inductance range: 0.6~47μH.
Rated current range: 0.31~2.6A.
Custom design is available.
Feature
Magnetically shielded construction.
Ideally used in Mobile phone,PDA,MP3,DSC/DVC,HDD,portable DVD etc as DC-DC converter
inductors.
RoHS Compliance.
Dimensions (mm)
Land Pattern (mm)
Elec trode
4.6±0.2
1.2 Max.


Similar Part No. - CDRH4D11NP-150MC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH4D14 SUMIDA-CDRH4D14 Datasheet
118Kb / 2P
   POWER INDUCTORS
CDRH4D14HP SUMIDA-CDRH4D14HP Datasheet
118Kb / 2P
   POWER INDUCTORS
CDRH4D14LD SUMIDA-CDRH4D14LD Datasheet
159Kb / 4P
   SMD Power Inductor
CDRH4D14LDNP-100MC SUMIDA-CDRH4D14LDNP-100MC Datasheet
159Kb / 4P
   SMD Power Inductor
CDRH4D14LDNP-101MC SUMIDA-CDRH4D14LDNP-101MC Datasheet
159Kb / 4P
   SMD Power Inductor
More results

Similar Description - CDRH4D11NP-150MC

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
Sumida Corporation
CMD89 SUMIDA-CMD89 Datasheet
235Kb / 1P
   POWER INDUCTORS
CDH53 SUMIDA-CDH53 Datasheet
172Kb / 2P
   POWER INDUCTORS
CDRH3D14 SUMIDA-CDRH3D14 Datasheet
161Kb / 3P
   POWER INDUCTORS
CDRH2D11 SUMIDA-CDRH2D11_1 Datasheet
207Kb / 2P
   Power Inductors
CDRH5D14 SUMIDA-CDRH5D14 Datasheet
183Kb / 3P
   Power Inductors
CDRH4D22 SUMIDA-CDRH4D22_06 Datasheet
149Kb / 3P
   POWER INDUCTORS
CDRH6D12 SUMIDA-CDRH6D12_06 Datasheet
164Kb / 2P
   POWER INDUCTORS
CDRH125 SUMIDA-CDRH125_06 Datasheet
163Kb / 3P
   POWER INDUCTORS
CDRH125B SUMIDA-CDRH125B Datasheet
169Kb / 1P
   POWER INDUCTORS
logo
XFMRS Inc.
XFHCLTH XFMRS-XFHCLTH Datasheet
66Kb / 1P
   POWER INDUCTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com