Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDRH4D18NP-270N Datasheet(PDF) 3 Page - Sumida Corporation

Part # CDRH4D18NP-270N
Description  Power Inductors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH4D18NP-270N Datasheet(HTML) 3 Page - Sumida Corporation

  CDRH4D18NP-270N Datasheet HTML 1Page - Sumida Corporation CDRH4D18NP-270N Datasheet HTML 2Page - Sumida Corporation CDRH4D18NP-270N Datasheet HTML 3Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Power Inductors <SMD Type: CDRH Series>
Type: CDRH4D18 , CDRH4D18C , CDRH4D18C/LD
Please refer to the sales offices on our website for a representative near you
www.sumida.com
3/3
Specification (CDRH4D18C)
Part No.
Stamp
Inductance
100kHz/1V
D.C.R.(Ω)
Max.(Typ.)
( 20℃)
Rated Current
(A)※1-1
CDRH4D18CNP-1R1P□
A
1.1µH±25%
29m(23m)
2.4
CDRH4D18CNP-2R2P□
B
2.2µH±25%
39m(31m)
1.7
CDRH4D18CNP-3R0P□
C
3.0µH±25%
61m(49m)
1.5
CDRH4D18CNP-4R7P□
D
4.7µH±25%
110m(88m)
1.15
CDRH4D18CNP-6R8P□
E
6.8µH±25%
125m(100m)
1.05
CDRH4D18CNP-100P□
F
10µH±25%
156m(125m)
830m
CDRH4D18CNP-150P□
G
15µH±25%
194m(155m)
700m
CDRH4D18CNP-220P□
H
22µH±25%
323m(258m)
600m
CDRH4D18CNP-330P□
I
33µH±25%
550m(440m)
460m
CDRH4D18CNP-470P□
J
47µH±25%
783m(626m)
410m
CDRH4D18CNP-680P□
K
68µH±25%
1.16(925m)
305m
CDRH4D18CNP-101P□
L
100µH±25%
1.51(1.21)
250m
Specification (CDRH4D18C/LD)
Part No.
Stamp
Inductance
100kHz/1V
D.C.R.(mΩ)
Max.(Typ.)
( 20℃)
Saturation
Current(A)
1-2
Temperature
rise current
(A) ※2
CDRH4D18CLDNP-1R1P□
A
1.1µH±25%
24(19)
2.10
3.50
CDRH4D18CLDNP-2R2P□
B
2.2µH±25%
31(25)
1.30
2.80
CDRH4D18CLDNP-3R3P□
C
3.3µH±25%
49(39)
1.10
2.20
CDRH4D18CLDNP-4R7P□
D
4.7µH±25%
61(49)
0.90
2.00
CDRH4D18CLDNP-6R3P□
E
6.3µH±25%
74(59)
0.75
1.60
CDRH4D18CLDNP-100P□
F
10µH±25%
110(88)
0.60
1.20
CDRH4D18CLDNP-150P□
G
15µH±25%
151(121)
0.50
1.05
CDRH4D18CLDNP-220P□
H
22µH±25%
202(162)
0.42
0.90
CDRH4D18CLDNP-330P□
I
33µH±25%
327(262)
0.35
0.69
CDRH4D18CLDNP-470P□
J
47µH±25%
456(365)
0.31
0.57
CDRH4D18CLDNP-680P□
K
68µH±25%
632(506)
0.26
0.46
CDRH4D18CLDNP-101P□
L
100µH±25%
962(770)
0.20
0.35
Description of part name
CDRH4D18CLDNP-1R1P□
1-2.Saturation Current: The DC current at which the inductance decreases to 65% of it's nominal value
2
Temperature rise current: The DC current at which the temperature rise is △t=40℃.(Ta=20℃)
B Box
C Carrier Tape


Similar Part No. - CDRH4D18NP-270N

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH4D18NP-270NC SUMIDA-CDRH4D18NP-270NC Datasheet
272Kb / 5P
   SMD Power Inductor
More results

Similar Description - CDRH4D18NP-270N

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
Sumida Corporation
CMD89 SUMIDA-CMD89 Datasheet
235Kb / 1P
   POWER INDUCTORS
CDH53 SUMIDA-CDH53 Datasheet
172Kb / 2P
   POWER INDUCTORS
CDRH3D14 SUMIDA-CDRH3D14 Datasheet
161Kb / 3P
   POWER INDUCTORS
CDRH2D11 SUMIDA-CDRH2D11_1 Datasheet
207Kb / 2P
   Power Inductors
CDRH5D14 SUMIDA-CDRH5D14 Datasheet
183Kb / 3P
   Power Inductors
CDRH4D22 SUMIDA-CDRH4D22_06 Datasheet
149Kb / 3P
   POWER INDUCTORS
CDRH6D12 SUMIDA-CDRH6D12_06 Datasheet
164Kb / 2P
   POWER INDUCTORS
CDRH125 SUMIDA-CDRH125_06 Datasheet
163Kb / 3P
   POWER INDUCTORS
CDRH125B SUMIDA-CDRH125B Datasheet
169Kb / 1P
   POWER INDUCTORS
logo
XFMRS Inc.
XFHCLTH XFMRS-XFHCLTH Datasheet
66Kb / 1P
   POWER INDUCTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com