Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN50FC3MPX Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # FAN50FC3MPX
Description  8-Bit Programmable, 2- to 3-Phase FastvCore??Buck Controller
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN50FC3MPX Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button FAN50FC3MPX Datasheet HTML 3Page - Fairchild Semiconductor FAN50FC3MPX Datasheet HTML 4Page - Fairchild Semiconductor FAN50FC3MPX Datasheet HTML 5Page - Fairchild Semiconductor FAN50FC3MPX Datasheet HTML 6Page - Fairchild Semiconductor FAN50FC3MPX Datasheet HTML 7Page - Fairchild Semiconductor FAN50FC3MPX Datasheet HTML 8Page - Fairchild Semiconductor FAN50FC3MPX Datasheet HTML 9Page - Fairchild Semiconductor FAN50FC3MPX Datasheet HTML 10Page - Fairchild Semiconductor FAN50FC3MPX Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN50FC3 Rev. 1.0.0
7 of 21
Electrical Characteristics (Continued)
VCC = 12V, FBRTN = GND, and TA = +25°C. The • denotes specifications which apply over the full operating
temperature range.
Symbol
Parameter
Conditions
Min. Typ. Max. Unit
Current-Sense Amplifier (Continued)
Output Voltage Range
• 0.05
3.20
V
ICSCOMP
Output Current
1
mA
Current Balance Circuit
VSW(x)CM
Common Mode Range
(3)
• -600
+200
mV
RSW(x)
Input Resistance
SW(x) = 0V
• 35
50
65
k
Ω
ISW(x)
Input Current
SW(x) = 0V
• 1.6
3.3
5.0
µA
ΔISW(x)
Input Current Matching
SW(x) = 0V
-5
+5
%
Current Limit Comparator
VILIMIT
Output Voltage
RILIMT = 143kΩ
• 1.6
1.7
1.8
V
IILIMIT
Output Current
RILIMT = 143kΩ
12
µA
Maximum Output Current
• 60
µA
VCL
Current Limit Threshold Voltage
VCSREF − VCSCOMP, RILIMT = 143kΩ
• 100 120 140
mV
Current Limit Setting Ratio
VCL / IILIMT
10
mV/µA
Delay Timer
IDELAY
Normal Mode Output Current
• 12
15
18
µA
IDELAY(CL)
Output Current in Current Limit
• 3.00 3.75 4.50
µA
VDELAY(TH)
Threshold Voltage
• 1.6
1.7
1.8
V
Soft-Start
I(SS)
Output Current
During Start-up
• 12
15
18
µA
Enable Input
VTH(EN)
Threshold Voltage
• 800 850 900
mV
VHYS(EN)
Threshold Hysteresis
• 80
100
130
mV
IIN(EN)
Enable Input Current
1
µA
tDELAY(EN)
Turn-On Delay
Start-up sequence, EN>950mV,
CDELAY = 10nF
2
ms
#OD Output
VOL(ODB)
Output Voltage LOW
IPWM(SINK) = 400μA
160
400
mV
VOH(ODB)
Output Voltage HIGH
IPWM(SOURCE) = 400μA
4
5
V
Power-Good Comparator
VPWRGD(UV)
Under-Voltage Threshold
Relative to Nominal DAC Output
• -300 -250 -200
mV
VPWRGD(OV)
Over-Voltage Threshold
Relative to Nominal DAC Output
• 100 150 200
mV
VOL(PWRGD)
Output Low Voltage
IPWRGD(SINK) = -4mA
200
300
mV
t1PG(DLY)
Power Good Delay Time 1
Start-up Sequence; CDELAY = 10nF;
Power Good Blanking Time
2
ms
t2PG(DLY)
Power Good Delay Time 2
VID Code Changing; CDELAY = 10nF;
Power Good Blanking Time
• 100 250
µs
t3PG(DLY)
Power Good Delay Time 3
(3)
VID Code Static; CDELAY = 10nF;
Power Good Blanking Time
• 100 200
ns


Similar Part No. - FAN50FC3MPX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5009 FAIRCHILD-FAN5009 Datasheet
167Kb / 13P
   Dual Bootstrapped 12V MOSFET Driver
FAN5009M FAIRCHILD-FAN5009M Datasheet
167Kb / 13P
   Dual Bootstrapped 12V MOSFET Driver
FAN5009MPX FAIRCHILD-FAN5009MPX Datasheet
167Kb / 13P
   Dual Bootstrapped 12V MOSFET Driver
FAN5009MX FAIRCHILD-FAN5009MX Datasheet
167Kb / 13P
   Dual Bootstrapped 12V MOSFET Driver
FAN5018B FAIRCHILD-FAN5018B Datasheet
509Kb / 30P
   6-Bit VID Controller 2-4 Phase VR10.X Controller
More results

Similar Description - FAN50FC3MPX

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADP3193A ONSEMI-ADP3193A Datasheet
577Kb / 29P
   8-Bit, Programmable, 2- to 3-Phase, Synchronous Buck Controller
February 2008 ??Rev. 1
logo
Analog Devices
ADP3193A AD-ADP3193A Datasheet
1,007Kb / 32P
   8-Bit, Programmable, 2- to 3-Phase, Synchronous Buck Controller
REV. 0
logo
Fairchild Semiconductor
FAN5033 FAIRCHILD-FAN5033 Datasheet
873Kb / 39P
   8-Bit Programmable, 2- to 3-Phase, Synchronous Buck Controller
logo
ON Semiconductor
ADP3293 ONSEMI-ADP3293 Datasheet
456Kb / 30P
   8-Bit, Programmable 2- to 3-Phase Synchronous Buck Controller
July, 2009 ??Rev. 3
logo
Fairchild Semiconductor
FAN5031 FAIRCHILD-FAN5031 Datasheet
424Kb / 3P
   8-Bit Programmable, 2 to 4 Phase, Synchronous Buck Controller
logo
Analog Devices
ADP3189 AD-ADP3189 Datasheet
1Mb / 36P
   8-Bit Programmable 2- to 5-Phase Synchronous Buck Controller
REV. 0
logo
Fairchild Semiconductor
FAN5029 FAIRCHILD-FAN5029 Datasheet
443Kb / 3P
   8-Bit Programmable 2- to 5-Phase Synchronous Buck Controller
logo
Analog Devices
ADP3198 AD-ADP3198 Datasheet
1Mb / 32P
   8-Bit Programmable 2- to 4-Phase Synchronous Buck Controller
REV. A
logo
Fairchild Semiconductor
FAN5029 FAIRCHILD-FAN5029_07 Datasheet
139Kb / 3P
   8-Bit Programmable 2- to 5-Phase Synchronous Buck Controller
logo
Analog Devices
ADP3192A AD-ADP3192A Datasheet
1Mb / 32P
   8-Bit Programmable 2- to 4-Phase Synchronous Buck Controller
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com