Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMX3C6411ZLZA5E0 Datasheet(PDF) 11 Page - Texas Instruments

Part # TMX3C6411ZLZA5E0
Description  FIXED-POINT DIGITAL SIGNAL PROCESSORS
Download  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMX3C6411ZLZA5E0 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TMX3C6411ZLZA5E0 Datasheet HTML 7Page - Texas Instruments TMX3C6411ZLZA5E0 Datasheet HTML 8Page - Texas Instruments TMX3C6411ZLZA5E0 Datasheet HTML 9Page - Texas Instruments TMX3C6411ZLZA5E0 Datasheet HTML 10Page - Texas Instruments TMX3C6411ZLZA5E0 Datasheet HTML 11Page - Texas Instruments TMX3C6411ZLZA5E0 Datasheet HTML 12Page - Texas Instruments TMX3C6411ZLZA5E0 Datasheet HTML 13Page - Texas Instruments TMX3C6411ZLZA5E0 Datasheet HTML 14Page - Texas Instruments TMX3C6411ZLZA5E0 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 139 page
background image
TMS320C6414, TMS320C6415, TMS320C6416
FIXEDPOINT DIGITAL SIGNAL PROCESSORS
SPRS146L − FEBRUARY 2001 − REVISED JULY 2004
11
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
CPU (DSP core) description
The CPU fetches VelociTI
 advanced very-long instruction words (VLIWs) (256 bits wide) to supply up to eight
32-bit instructions to the eight functional units during every clock cycle. The VelociTI
 VLIW architecture
features controls by which all eight units do not have to be supplied with instructions if they are not ready to
execute. The first bit of every 32-bit instruction determines if the next instruction belongs to the same execute
packet as the previous instruction, or whether it should be executed in the following clock as a part of the next
execute packet. Fetch packets are always 256 bits wide; however, the execute packets can vary in size. The
variable-length execute packets are a key memory-saving feature, distinguishing the C64x CPUs from other
VLIW architectures. The C64x
 VelociTI.2 extensions add enhancements to the TMS320C62x DSP
VelociTI
 architecture. These enhancements include:
D Register file enhancements
D Data path extensions
D Quad 8-bit and dual 16-bit extensions with data flow enhancements
D Additional functional unit hardware
D Increased orthogonality of the instruction set
D Additional instructions that reduce code size and increase register flexibility
The CPU features two sets of functional units. Each set contains four units and a register file. One set contains
functional units .L1, .S1, .M1, and .D1; the other set contains units .D2, .M2, .S2, and .L2. The two register files
each contain 32 32-bit registers for a total of 64 general-purpose registers. In addition to supporting the packed
16-bit and 32-/40-bit fixed-point data types found in the C62x
 VelociTI VLIW architecture, the C64x register
files also support packed 8-bit data and 64-bit fixed-point data types. The two sets of functional units, along with
two register files, compose sides A and B of the CPU [see the functional block and CPU (DSP core) diagram,
and Figure 1]. The four functional units on each side of the CPU can freely share the 32 registers belonging to
that side. Additionally, each side features a “data cross path”—a single data bus connected to all the registers
on the other side, by which the two sets of functional units can access data from the register files on the opposite
side. The C64x CPU pipelines data-cross-path accesses over multiple clock cycles. This allows the same
register to be used as a data-cross-path operand by multiple functional units in the same execute packet. All
functional units in the C64x CPU can access operands via the data cross path. Register access by functional
units on the same side of the CPU as the register file can service all the units in a single clock cycle. On the C64x
CPU, a delay clock is introduced whenever an instruction attempts to read a register via a data cross path if that
register was updated in the previous clock cycle.
In addition to the C62x
 DSP fixed-point instructions, the C64x DSP includes a comprehensive collection of
quad 8-bit and dual 16-bit instruction set extensions. These VelociTI.2
 extensions allow the C64x CPU to
operate directly on packed data to streamline data flow and increase instruction set efficiency.
Another key feature of the C64x CPU is the load/store architecture, where all instructions operate on registers
(as opposed to data in memory). Two sets of data-addressing units (.D1 and .D2) are responsible for all data
transfers between the register files and the memory. The data address driven by the .D units allows data
addresses generated from one register file to be used to load or store data to or from the other register file. The
C64x .D units can load and store bytes (8 bits), half-words (16 bits), and words (32 bits) with a single instruction.
And with the new data path extensions, the C64x .D unit can load and store doublewords (64 bits) with a single
instruction. Furthermore, the non-aligned load and store instructions allow the .D units to access words and
doublewords on any byte boundary. The C64x CPU supports a variety of indirect addressing modes using either
linear- or circular-addressing with 5- or 15-bit offsets. All instructions are conditional, and most can access any
one of the 64 registers. Some registers, however, are singled out to support specific addressing modes or to
hold the condition for conditional instructions (if the condition is not automatically “true”).
TMS320C62x is a trademark of Texas Instruments.


Similar Part No. - TMX3C6411ZLZA5E0

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMX320BC203PAGA TI-TMX320BC203PAGA Datasheet
1Mb / 389P
[Old version datasheet]   CPU and Instruction Set
June 1999
TMX320BC203PAGL TI-TMX320BC203PAGL Datasheet
1Mb / 389P
[Old version datasheet]   CPU and Instruction Set
June 1999
TMX320BC203PAGQ TI-TMX320BC203PAGQ Datasheet
1Mb / 389P
[Old version datasheet]   CPU and Instruction Set
June 1999
TMX320BC203PAGS TI-TMX320BC203PAGS Datasheet
1Mb / 389P
[Old version datasheet]   CPU and Instruction Set
June 1999
TMX320BC203PGEA TI-TMX320BC203PGEA Datasheet
1Mb / 389P
[Old version datasheet]   CPU and Instruction Set
June 1999
More results

Similar Description - TMX3C6411ZLZA5E0

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320VC5407 TI-TMS320VC5407 Datasheet
1Mb / 110P
[Old version datasheet]   Fixed-Point Digital Signal Processors
TMS320C6211B TI-TMS320C6211B Datasheet
1Mb / 83P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
SM320C6414-EP TI1-SM320C6414-EP Datasheet
1,019Kb / 93P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
SMJ320C6414 TI1-SMJ320C6414_16 Datasheet
1Mb / 134P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6202 TI-TMS320C6202 Datasheet
1Mb / 86P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6202 TI1-TMS320C6202_16 Datasheet
2Mb / 110P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C54X TI1-TMS320C54X_16 Datasheet
1Mb / 118P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320VC5510 TI1-TMS320VC5510_17 Datasheet
1Mb / 90P
[Old version datasheet]   Fixed-Point Digital Signal Processors
SM320C6414-EP TI1-SM320C6414-EP_16 Datasheet
1,010Kb / 93P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6416TBGLZA8 TI-TMS320C6416TBGLZA8 Datasheet
2Mb / 148P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com