Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS51221RTVR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS51221RTVR
Description  Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS51221RTVR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS51221RTVR Datasheet HTML 5Page - Texas Instruments TPS51221RTVR Datasheet HTML 6Page - Texas Instruments TPS51221RTVR Datasheet HTML 7Page - Texas Instruments TPS51221RTVR Datasheet HTML 8Page - Texas Instruments TPS51221RTVR Datasheet HTML 9Page - Texas Instruments TPS51221RTVR Datasheet HTML 10Page - Texas Instruments TPS51221RTVR Datasheet HTML 11Page - Texas Instruments TPS51221RTVR Datasheet HTML 12Page - Texas Instruments TPS51221RTVR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
0
3
6
9
12
15
-50
0
50
100
150
TJ-JunctionTemperature-°C
V
=12V
IN
0
3
6
9
12
15
5
10
15
20
25
30
VIN-VINInputVoltage-V
RT
0
20
40
60
80
100
120
-50
0
50
100
150
TJ-JunctionTemperature-°C
0
20
40
60
80
100
120
5
10
15
20
25
30
VIN-VINInputVoltage-V
TPS51221
SLVS786 – NOVEMBER 2007
VIN SHUTDOWN CURRENT
VIN SHUTDOWN CURRENT
vs
vs
INPUT VOLTAGE
JUNCTION TEMPERATURE
Figure 1.
Figure 2.
VIN STANDBY CURRENT
VIN STANDBY CURRENT
vs
vs
JUNCTION TEMPERATURE
INPUT VOLTAGE
Figure 3.
Figure 4.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TPS51221


Similar Part No. - TPS51221RTVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51221 TI-TPS51221_15 Datasheet
865Kb / 40P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
More results

Similar Description - TPS51221RTVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51220A TI-TPS51220A Datasheet
838Kb / 45P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51220A-Q1 TI-TPS51220A-Q1_15 Datasheet
1Mb / 51P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51220 TI-TPS51220_15 Datasheet
1Mb / 43P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51221 TI-TPS51221_15 Datasheet
865Kb / 40P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51220 TI-TPS51220 Datasheet
1Mb / 37P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51220A-Q1 TI1-TPS51220A-Q1 Datasheet
1Mb / 50P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51220A TI-TPS51220A_15 Datasheet
1Mb / 53P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51220 TI1-TPS51220_16 Datasheet
1Mb / 43P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51220A TI1-TPS51220A_16 Datasheet
1Mb / 51P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51222 TI1-TPS51222 Datasheet
1Mb / 42P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com