Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDRH10D43FBNP-6R4M Datasheet(PDF) 1 Page - Sumida Corporation

Part # CDRH10D43FBNP-6R4M
Description  POWER INDUCTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH10D43FBNP-6R4M Datasheet(HTML) 1 Page - Sumida Corporation

  CDRH10D43FBNP-6R4M Datasheet HTML 1Page - Sumida Corporation CDRH10D43FBNP-6R4M Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
POWER INDUCTORS <SMD Type: CDRH**F Series>
Type: CDRH10D43FB
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/2
10±0.3
Max.4.5
6.6±0.4
1.7±0.2
5.0
11.0
◆ Product Description
・10.3×10.3mm Max.(L×W ) , 4.5mm Max. Height.
・Inductance Range: 1.0~ 33μH
・Rated current range: 2.0~ 10.8A
・In addition to the standards versions shown here, custom inductors are also available to
meet your exact requirements.
Feature
・Magnetically shielded construction.
・Flat Wire used, Lower Heating Loss Type.
・Ideally used in Notebook PC, Game machine, DSC/DVC,DVD,LCD TV,STB etc as DC-DC
Converter inductors.
・RoHS Compliance.
◆ Dimensions (mm)
◆ Land Pattern (mm)
Sample Submission is forbidden,
Transferred to CDRH10D43R


Similar Part No. - CDRH10D43FBNP-6R4M

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH10D43F SUMIDA-CDRH10D43F Datasheet
132Kb / 2P
   POWER INDUCTORS
More results

Similar Description - CDRH10D43FBNP-6R4M

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
Sumida Corporation
CMD89 SUMIDA-CMD89 Datasheet
235Kb / 1P
   POWER INDUCTORS
CDH53 SUMIDA-CDH53 Datasheet
172Kb / 2P
   POWER INDUCTORS
CDRH3D14 SUMIDA-CDRH3D14 Datasheet
161Kb / 3P
   POWER INDUCTORS
CDRH2D11 SUMIDA-CDRH2D11_1 Datasheet
207Kb / 2P
   Power Inductors
CDRH5D14 SUMIDA-CDRH5D14 Datasheet
183Kb / 3P
   Power Inductors
CDRH4D22 SUMIDA-CDRH4D22_06 Datasheet
149Kb / 3P
   POWER INDUCTORS
CDRH6D12 SUMIDA-CDRH6D12_06 Datasheet
164Kb / 2P
   POWER INDUCTORS
CDRH125 SUMIDA-CDRH125_06 Datasheet
163Kb / 3P
   POWER INDUCTORS
CDRH125B SUMIDA-CDRH125B Datasheet
169Kb / 1P
   POWER INDUCTORS
logo
XFMRS Inc.
XFHCLTH XFMRS-XFHCLTH Datasheet
66Kb / 1P
   POWER INDUCTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com