Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC34701 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MC34701
Description  1.5A Switch-Mode Power Supply with Linear Regulator
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34701 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MC34701 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC34701 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC34701 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC34701 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC34701 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC34701 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC34701 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC34701 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC34701 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
Analog Integrated Circuit Device Data
4
Freescale Semiconductor
34701
PIN CONNECTIONS
20
CS
Current Sense
Current sense pin of the LDO. Over-current protection of the linear regulator external
power MOSFET. The voltage drop over the LDO current sense resistor RS is sensed
between the CS and LDO pins. The LDO current limit can be adjusted by selecting
the proper value of the current sensing resistor RS.
21
LDRV
Linear Drive
LDO gate drive of the external pass N-channel MOSFET.
22
VIN1
Input Voltage 1
The input supply pin for the integrated circuit. The internal circuits of the IC are
supplied through this pin.
23
VDDI
Power Supply
Internal supply voltage. A ceramic low ESR 1uF 6V X5R or X7R capacitor is
recommended.
26
ADDR
Address
I2C address selection. This pin can either be left open, tied to VDDI, or grounded
through a 10k
Ω resistor.
27
EN1
Enable 1
Enable 1 Input. The combination of the logic state of the Enable 1 and Enable 2
inputs determines operation mode and type of power sequencing of the IC.
28
EN2
Enable 2
Enable 2 Input. The combination of the logic state of the Enable 1 and Enable 2
inputs determines operation mode and type of power sequencing of the IC.
29
RT
Reset Timer
This pin allows programming of the power-ON reset delay by means of an external
RC network.
30
RST
Reset Output
(Active LOW)
The reset control circuit monitors both the switching regulator and the LDO feedback
voltages. It is an open drain output and has to be pulled up to some supply voltage
(e.g., the output of the LDO) by an external resistor.
31
CLKSEL
Clock Selection
This pin sets the CLKSYN pin as either an oscillator output or a synchronization input
pin. The CLKSEL pin is also used for the I2C address selection.
32
CLKSYN
Clock Synchronization
Oscillator output/synchronization input pin.
Table 1.
Pin Function Description (continued)
A functional description of each pin can be found in the FUNCTIONAL PIN DESCRIPTION section beginning on page 16.
Pin
Pin Name
Formal Name
Definition


Similar Part No. - MC34701

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC34701EK FREESCALE-MC34701EK Datasheet
739Kb / 38P
   1.5 A Switch-Mode Power Supply with Linear Regulator
MC34701EK FREESCALE-MC34701EK Datasheet
860Kb / 38P
   1.5 A Switch-Mode Power Supply with Linear Regulator
MC34701EKR2 FREESCALE-MC34701EKR2 Datasheet
860Kb / 38P
   1.5 A Switch-Mode Power Supply with Linear Regulator
MC34701R2 FREESCALE-MC34701R2 Datasheet
739Kb / 38P
   1.5 A Switch-Mode Power Supply with Linear Regulator
More results

Similar Description - MC34701

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC34702 FREESCALE-MC34702 Datasheet
773Kb / 39P
   3.0A Switch-Mode Power Supply with Linear Regulator
MC34701EK FREESCALE-MC34701EK Datasheet
739Kb / 38P
   1.5 A Switch-Mode Power Supply with Linear Regulator
logo
Motorola, Inc
33702 MOTOROLA-33702 Datasheet
841Kb / 24P
   3.0 A Switch-Mode Power Supply with Linear Regulator
logo
Freescale Semiconductor...
34701 FREESCALE-34701_07 Datasheet
860Kb / 38P
   1.5 A Switch-Mode Power Supply with Linear Regulator
34702 FREESCALE-34702 Datasheet
863Kb / 38P
   3.0 A Switch-Mode Power Supply with Linear Regulator
33730 FREESCALE-33730_12 Datasheet
687Kb / 28P
   Switch Mode Power Supply with Multiple Linear Regulators
33730 FREESCALE-33730_10 Datasheet
854Kb / 26P
   Switch Mode Power Supply with Multiple Linear Regulators
MCZ33730EK FREESCALE-MCZ33730EK Datasheet
687Kb / 28P
   Switch Mode Power Supply with Multiple Linear Regulators
MC34703 FREESCALE-MC34703 Datasheet
1Mb / 46P
   10A Switch-Mode Power Supply with LDO Regulator
logo
SHANGHAI BELLING CO., L...
BL8071 BELLING-BL8071 Datasheet
947Kb / 5P
   1.5A Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com