Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9238BCPZRL-40 Datasheet(PDF) 7 Page - Analog Devices

Part # AD9238BCPZRL-40
Description  12-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9238BCPZRL-40 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9238BCPZRL-40 Datasheet HTML 3Page - Analog Devices AD9238BCPZRL-40 Datasheet HTML 4Page - Analog Devices AD9238BCPZRL-40 Datasheet HTML 5Page - Analog Devices AD9238BCPZRL-40 Datasheet HTML 6Page - Analog Devices AD9238BCPZRL-40 Datasheet HTML 7Page - Analog Devices AD9238BCPZRL-40 Datasheet HTML 8Page - Analog Devices AD9238BCPZRL-40 Datasheet HTML 9Page - Analog Devices AD9238BCPZRL-40 Datasheet HTML 10Page - Analog Devices AD9238BCPZRL-40 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
AD9238
Rev. B | Page 7 of 48
ABSOLUTE MAXIMUM RATINGS1
Table 5.
Parameter
Rating
Pin Name
With Respect To
Min
Max
Unit
ELECTRICAL
AVDD
AGND
−0.3
+3.9
V
DRVDD
DRGND
−0.3
+3.9
V
AGND
DRGND
−0.3
+0.3
V
AVDD
DRVDD
−3.9
+3.9
V
Digital Outputs CLK, DCS, MUX_SELECT, SHARED_REF
DRGND
−0.3
DRVDD + 0.3
V
OEB, DFS
AGND
−0.3
AVDD + 0.3
V
VINA, VINB
AGND
−0.3
AVDD + 0.3
V
VREF
AGND
−0.3
AVDD + 0.3
V
SENSE
AGND
−0.3
AVDD + 0.3
V
REFB, REFT
AGND
−0.3
AVDD + 0.3
V
PDWN
AGND
−0.3
AVDD + 0.3
V
ENVIRONMENTAL2
Operating Temperature
−45
+85
°C
Junction Temperature
150
°C
Lead Temperature (10 sec)
300
°C
Storage Temperature
−65
+150
°C
1 Absolute maximum ratings are limiting values to be applied individually, and beyond which the serviceability of the circuit may be impaired. Functional operability is
not necessarily implied. Exposure to absolute maximum rating conditions for an extended period of time may affect device reliability.
2 Typical thermal impedances: 64-lead LQFP, θJA = 54°C/W; 64-lead LFCSP, θJA = 26.4°C/W with heat slug soldered to ground plane. These measurements were taken on a
4-layer board in still air, in accordance with EIA/JESD51-7.
EXPLANATION OF TEST LEVELS
I
100% production tested.
II
100% production tested at 25°C and sample tested at specified temperatures.
III
Sample tested only.
IV
Parameter is guaranteed by design and characterization testing.
V
Parameter is a typical value only.
VI
100% production tested at 25°C; guaranteed by design and characterization testing for industrial temperature range; 100% production
tested at temperature extremes for military devices.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate
on the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.


Similar Part No. - AD9238BCPZRL-40

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9238BCPZRL-40 AD-AD9238BCPZRL-40 Datasheet
1Mb / 49P
   Dual A/D Converter
More results

Similar Description - AD9238BCPZRL-40

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9238 AD-AD9238_15 Datasheet
1Mb / 48P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. C
AD9248BSTZ-65 AD-AD9248BSTZ-65 Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9248 AD-AD9248_15 Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9248BSTZ-40 AD-AD9248BSTZ-40 Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9248BSTZ-20 AD-AD9248BSTZ-20 Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9238 AD-AD9238 Datasheet
1Mb / 24P
   12-Bit, 20/40/65 MSPS Dual A/D Converter
REV. A
AD9237 AD-AD9237 Datasheet
1,005Kb / 28P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS 3 V Low Power A/D Converter
REV. 0
AD9237 AD-AD9237_15 Datasheet
570Kb / 24P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS 3 V Low Power A/D Converter
REV. C
AD9245 AD-AD9245_15 Datasheet
810Kb / 32P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 3 V A/D Converter
Rev. E
AD9244 AD-AD9244_15 Datasheet
1Mb / 36P
   14-Bit, 40 MSPS/65 MSPS A/D Converter
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com