Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD54HC192F3A Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # CD54HC192F3A
Description  High-Speed CMOS Logic Presettable Synchronous 4-Bit Up/Down Counters
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD54HC192F3A Datasheet(HTML) 3 Page - Texas Instruments

  CD54HC192F3A Datasheet HTML 1Page - Texas Instruments CD54HC192F3A Datasheet HTML 2Page - Texas Instruments CD54HC192F3A Datasheet HTML 3Page - Texas Instruments CD54HC192F3A Datasheet HTML 4Page - Texas Instruments CD54HC192F3A Datasheet HTML 5Page - Texas Instruments CD54HC192F3A Datasheet HTML 6Page - Texas Instruments CD54HC192F3A Datasheet HTML 7Page - Texas Instruments CD54HC192F3A Datasheet HTML 8Page - Texas Instruments CD54HC192F3A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
3
Absolute Maximum Ratings
Thermal Information
DC Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to 7V
DC Input Diode Current, IIK
For VI < -0.5V or VI > VCC + 0.5V . . . . . . . . . . . . . . . . . . . . . .±20mA
DC Output Diode Current, IOK
For VO < -0.5V or VO > VCC + 0.5V . . . . . . . . . . . . . . . . . . . .±20mA
DC Output Source or Sink Current per Output Pin, IO
For VO > -0.5V or VO < VCC + 0.5V . . . . . . . . . . . . . . . . . . . .±25mA
DC VCC or Ground Current, ICC or IGND . . . . . . . . . . . . . . . . . .±50mA
Operating Conditions
Temperature Range (TA) . . . . . . . . . . . . . . . . . . . . . -55
oC to 125oC
Supply Voltage Range, VCC
HC Types . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .2V to 6V
HCT Types . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .4.5V to 5.5V
DC Input or Output Voltage, VI, VO . . . . . . . . . . . . . . . . . 0V to VCC
Input Rise and Fall Time
2V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1000ns (Max)
4.5V. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 500ns (Max)
6V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 400ns (Max)
Package Thermal Impedance,
θJA (see Note 1):
E (PDIP) Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 67oC/W
M (SOIC) Package. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 73oC/W
NS (SOP) Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 64oC/W
PW (TSSOP) Package . . . . . . . . . . . . . . . . . . . . . . . . . 108oC/W
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . 150oC
Maximum Storage Temperature Range . . . . . . . . . .-65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300oC
(SOIC - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1. The package thermal impedance is calculated in accordance with JESD 51-7.
DC Electrical Specifications
PARAMETER
SYMBOL
TEST
CONDITIONS
25oC
-40oC TO 85oC
-55oC TO 125oC
UNITS
VI (V)
IO (mA) VCC (V)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
HC TYPES
High Level Input
Voltage
VIH
-
-
2
1.5
-
-
1.5
-
1.5
-
V
4.5
3.15
-
-
3.15
-
3.15
-
V
6
4.2
-
-
4.2
-
4.2
-
V
Low Level Input
Voltage
VIL
-
-
2
-
-
0.5
-
0.5
-
0.5
V
4.5
-
-
1.35
-
1.35
-
1.35
V
6
-
-
1.8
-
1.8
-
1.8
V
High Level Output
Voltage
CMOS Loads
VOH
VIH or
VIL
-0.02
2
1.9
-
-
1.9
-
1.9
-
V
-0.02
4.5
4.4
-
-
4.4
-
4.4
-
V
-0.02
6
5.9
-
-
5.9
-
5.9
-
V
High Level Output
Voltage
TTL Loads
-4
4.5
3.98
-
-
3.84
-
3.7
-
V
-5.2
6
5.48
-
-
5.34
-
5.2
-
V
Low Level Output
Voltage
CMOS Loads
VOL
VIH or
VIL
0.02
2
-
-
0.1
-
0.1
-
0.1
V
0.02
4.5
-
-
0.1
-
0.1
-
0.1
V
0.02
6
-
-
0.1
-
0.1
-
0.1
V
Low Level Output
Voltage
TTL Loads
4
4.5
-
-
0.26
-
0.33
-
0.4
V
5.2
6
-
-
0.26
-
0.33
-
0.4
V
Input Leakage
Current
II
VCC or
GND
-6
-
-
±0.1
-
±1-
±1
µA
Quiescent Device
Current
ICC
VCC or
GND
0
6
-
-
8
-
80
-
160
µA
CD54/74HC192, CD54/74HC193, CD54/74HCT193


Similar Part No. - CD54HC192F3A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC192F3A TI-CD54HC192F3A Datasheet
355Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic Presettable Synchronous 4-Bit Up/Down Counters
CD54HC192F3A TI-CD54HC192F3A Datasheet
512Kb / 20P
[Old version datasheet]   High-Speed CMOS Logic Presettable Synchronous 4-Bit Up/Down Counters
CD54HC192F3A TI-CD54HC192F3A Datasheet
653Kb / 21P
[Old version datasheet]   High-Speed CMOS Logic Presettable Synchronous 4-Bit Up/Down Counters
More results

Similar Description - CD54HC192F3A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC192 TI-CD54HC192 Datasheet
355Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic Presettable Synchronous 4-Bit Up/Down Counters
CD74HC192 TI-CD74HC192 Datasheet
67Kb / 11P
[Old version datasheet]   High Speed CMOS Logic Presettable Synchronous 4-Bit Up/Down Counters
CD54HC192 TI-CD54HC192_07 Datasheet
512Kb / 20P
[Old version datasheet]   High-Speed CMOS Logic Presettable Synchronous 4-Bit Up/Down Counters
CD54HC192 TI-CD54HC192_1 Datasheet
653Kb / 21P
[Old version datasheet]   High-Speed CMOS Logic Presettable Synchronous 4-Bit Up/Down Counters
logo
Intersil Corporation
CD54AC191 INTERSIL-CD54AC191 Datasheet
11Kb / 1P
   Presettable Synchronous 4-Bit Binary Up/Down Counters
June 1997
logo
Pericom Semiconductor C...
PI74FCT191T PERICOM-PI74FCT191T Datasheet
212Kb / 6P
   High Speed CMOS Presettable Synchronous 4-Bit Binary Counters
logo
Texas Instruments
CD74HC161 TI-CD74HC161 Datasheet
65Kb / 10P
[Old version datasheet]   High Speed CMOS Logic Presettable Counters
CD54HCT161 TI-CD54HCT161_08 Datasheet
434Kb / 19P
[Old version datasheet]   High-Speed CMOS Logic Presettable Counters
CD54HCT161 TI-CD54HCT161 Datasheet
285Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic Presettable Counters
CD40192B TI1-CD40192B_15 Datasheet
1Mb / 15P
[Old version datasheet]   CMOs Presettable Up/Down counters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com