Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS3C6414DGLZ5E0 Datasheet(PDF) 7 Page - Texas Instruments

Part # TMS3C6414DGLZ5E0
Description  FIXED-POINT DIGITAL SIGNAL PROCESSORS
Download  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS3C6414DGLZ5E0 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMS3C6414DGLZ5E0 Datasheet HTML 3Page - Texas Instruments TMS3C6414DGLZ5E0 Datasheet HTML 4Page - Texas Instruments TMS3C6414DGLZ5E0 Datasheet HTML 5Page - Texas Instruments TMS3C6414DGLZ5E0 Datasheet HTML 6Page - Texas Instruments TMS3C6414DGLZ5E0 Datasheet HTML 7Page - Texas Instruments TMS3C6414DGLZ5E0 Datasheet HTML 8Page - Texas Instruments TMS3C6414DGLZ5E0 Datasheet HTML 9Page - Texas Instruments TMS3C6414DGLZ5E0 Datasheet HTML 10Page - Texas Instruments TMS3C6414DGLZ5E0 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 139 page
background image
TMS320C6414, TMS320C6415, TMS320C6416
FIXEDPOINT DIGITAL SIGNAL PROCESSORS
SPRS146L − FEBRUARY 2001 − REVISED JULY 2004
7
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
description
The TMS320C64x
 DSPs (including the TMS320C6414, TMS320C6415, and TMS320C6416 devices) are the
highest-performance fixed-point DSP generation in the TMS320C6000
 DSP platform. The TMS320C64x
(C64x
) device is based on the second-generation high-performance, advanced VelociTI
very-long-instruction-word (VLIW) architecture (VelociTI.2
) developed by Texas Instruments (TI), making
these DSPs an excellent choice for multichannel and multifunction applications. The C64x
 is a
code-compatible member of the C6000
 DSP platform.
With performance of up to 5760 million instructions per second (MIPS) at a clock rate of 720 MHz, the C64x
devices offer cost-effective solutions to high-performance DSP programming challenges. The C64x DSPs
possess the operational flexibility of high-speed controllers and the numerical capability of array processors.
The C64x
 DSP core processor has 64 general-purpose registers of 32-bit word length and eight highly
independent functional units—two multipliers for a 32-bit result and six arithmetic logic units (ALUs)— with
VelociTI.2
 extensions. The VelociTI.2 extensions in the eight functional units include new instructions to
accelerate the performance in key applications and extend the parallelism of the VelociTI
 architecture. The
C64x can produce four 16-bit multiply-accumulates (MACs) per cycle for a total of 2880 million MACs per
second (MMACS), or eight 8-bit MACs per cycle for a total of 5760 MMACS. The C64x DSP also has
application-specific hardware logic, on-chip memory, and additional on-chip peripherals similar to the other
C6000
 DSP platform devices.
The C6416 device has two high-performance embedded coprocessors [Viterbi Decoder Coprocessor (VCP)
and Turbo Decoder Coprocessor (TCP)] that significantly speed up channel-decoding operations on-chip. The
VCP operating at CPU clock divided-by-4 can decode over 600 7.95-Kbps adaptive multi-rate (AMR) [K = 9,
R = 1/3] voice channels. The VCP supports constraint lengths K = 5, 6, 7, 8, and 9, rates R = 1/2, 1/3, and 1/4,
and flexible polynomials, while generating hard decisions or soft decisions. The TCP operating at CPU clock
divided-by-2 can decode up to forty-three 384-Kbps or seven 2-Mbps turbo encoded channels (assuming 6
iterations). The TCP implements the max*log-map algorithm and is designed to support all polynomials and
rates required by Third-Generation Partnership Projects (3GPP and 3GPP2), with fully programmable frame
length and turbo interleaver. Decoding parameters such as the number of iterations and stopping criteria are
also programmable. Communications between the VCP/TCP and the CPU are carried out through the EDMA
controller.
The C64x uses a two-level cache-based architecture and has a powerful and diverse set of peripherals. The
Level 1 program cache (L1P) is a 128-Kbit direct mapped cache and the Level 1 data cache (L1D) is a 128-Kbit
2-way set-associative cache. The Level 2 memory/cache (L2) consists of an 8-Mbit memory space that is
shared between program and data space. L2 memory can be configured as mapped memory or combinations
of cache (up to 256K bytes) and mapped memory. The peripheral set includes three multichannel buffered serial
ports (McBSPs); an 8-bit Universal Test and Operations PHY Interface for Asynchronous Transfer Mode (ATM)
Slave [UTOPIA Slave] port (C6415/C6416 only); three 32-bit general-purpose timers; a user-configurable 16-bit
or 32-bit host-port interface (HPI16/HPI32); a peripheral component interconnect (PCI) [C6415/C6416 only];
a general-purpose input/output port (GPIO) with 16 GPIO pins; and two glueless external memory interfaces
(64-bit EMIFA and 16-bit EMIFB), both of which are capable of interfacing to synchronous and asynchronous
memories and peripherals.
The C64x has a complete set of development tools which includes: an advanced C compiler with C64x-specific
enhancements, an assembly optimizer to simplify programming and scheduling, and a Windows
 debugger
interface for visibility into source code execution.
TMS320C6000, C64x, and C6000 are trademarks of Texas Instruments.
Windows is a registered trademark of the Microsoft Corporation.
All trademarks are the property of their respective owners.
† Throughout the remainder of this document, the TMS320C6414, TMS320C6415, and TMS320C6416 shall be referred to as TMS320C64x or
C64x where generic, and where specific, their individual full device part numbers will be used or abbreviated as C6414, C6415, or C6416.
‡ These C64x devices have two EMIFs (64-bit EMIFA and 16-bit EMIFB). The prefix “A” in front of a signal name indicates it is an EMIFA signal
whereas a prefix “B” in front of a signal name indicates it is an EMIFB signal. Throughout the rest of this document, in generic EMIF areas of
discussion, the prefix “A” or “B” may be omitted from the signal name.


Similar Part No. - TMS3C6414DGLZ5E0

ManufacturerPart #DatasheetDescription
logo
Telecommunication Elec...
TMS300 TELTRON-TMS300 Datasheet
785Kb / 2P
   microwave motion sensor
logo
Texas Instruments
TMS3000 TI-TMS3000 Datasheet
345Kb / 6P
[Old version datasheet]   DUAL 25-BIT STATIC SHIFT REGISTER
TMS3000LR TI-TMS3000LR Datasheet
345Kb / 6P
[Old version datasheet]   DUAL 25-BIT STATIC SHIFT REGISTER
TMS3001 TI-TMS3001 Datasheet
345Kb / 6P
[Old version datasheet]   DUAL 25-BIT STATIC SHIFT REGISTER
TMS3001LR TI-TMS3001LR Datasheet
345Kb / 6P
[Old version datasheet]   DUAL 25-BIT STATIC SHIFT REGISTER
More results

Similar Description - TMS3C6414DGLZ5E0

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320VC5407 TI-TMS320VC5407 Datasheet
1Mb / 110P
[Old version datasheet]   Fixed-Point Digital Signal Processors
TMS320C6211B TI-TMS320C6211B Datasheet
1Mb / 83P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
SM320C6414-EP TI1-SM320C6414-EP Datasheet
1,019Kb / 93P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
SMJ320C6414 TI1-SMJ320C6414_16 Datasheet
1Mb / 134P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6202 TI-TMS320C6202 Datasheet
1Mb / 86P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6202 TI1-TMS320C6202_16 Datasheet
2Mb / 110P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C54X TI1-TMS320C54X_16 Datasheet
1Mb / 118P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320VC5510 TI1-TMS320VC5510_17 Datasheet
1Mb / 90P
[Old version datasheet]   Fixed-Point Digital Signal Processors
SM320C6414-EP TI1-SM320C6414-EP_16 Datasheet
1,010Kb / 93P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6416TBGLZA8 TI-TMS320C6416TBGLZA8 Datasheet
2Mb / 148P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com