Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD54HCT4046A Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # CD54HCT4046A
Description  High-Speed CMOS Logic Phase-Locked Loop with VCO
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD54HCT4046A Datasheet(HTML) 4 Page - Texas Instruments

  CD54HCT4046A Datasheet HTML 1Page - Texas Instruments CD54HCT4046A Datasheet HTML 2Page - Texas Instruments CD54HCT4046A Datasheet HTML 3Page - Texas Instruments CD54HCT4046A Datasheet HTML 4Page - Texas Instruments CD54HCT4046A Datasheet HTML 5Page - Texas Instruments CD54HCT4046A Datasheet HTML 6Page - Texas Instruments CD54HCT4046A Datasheet HTML 7Page - Texas Instruments CD54HCT4046A Datasheet HTML 8Page - Texas Instruments CD54HCT4046A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
4
The frequency capture range (2fC) is defined as the
frequency range of input signals on which the PLL will lock if
it was initially out-of-lock. The frequency lock range (2fL)is
defined as the frequency range of input signals on which the
loop will stay locked if it was initially in lock. The capture
range is smaller or equal to the lock range.
With PC1, the capture range depends on the low-pass filter
characteristics and can be made as large as the lock range.
This configuration retains lock behavior even with very noisy
input signals. Typical of this type of phase comparator is that
it can lock to input frequencies close to the harmonics of the
VCO center frequency.
Phase Comparator 2 (PC2)
This is a positive edge-triggered phase and frequency
detector. When the PLL is using this comparator, the loop
is controlled by positive signal transitions and the duty
factors of SIGIN and COMPIN are not important. PC2
comprises two D-type flip-flops, control-gating and a three-
state output stage. The circuit functions as an up-down
counter (Figure 1) where SIGIN causes an up-count and
COMPIN a down-count. The transfer function of PC2,
assuming ripple (fr = fi) is suppressed, is:
VDEMOUT =(VCC/4π)(φSIGIN - φCOMPIN) where
VDEMOUT is the demodulator output at pin 10;
VDEMOUT =VPC2OUT (via low-pass filter).
The average output voltage from PC2, fed to the VCO via the
low-pass filter and seen at the demodulator output at pin 10
(VDEMOUT), is the resultant of the phase differences of
SIGIN and COMPIN as shown in Figure 4. Typical waveforms
for the PC2 loop locked at fo are shown in Figure 5.
When the frequencies of SIGIN and COMPIN are equal but
the phase of SIGIN leads that of COMPIN, the p-type output
driver at PC2OUT is held “ON” for a time corresponding to
the phase difference (
φDEMOUT). When the phase of SIGIN
lags that of COMPIN, the n-type driver is held “ON”.
When the frequency of SIGIN is higher than that of
COMPIN, the p-type output driver is held “ON” for most of
the input signal cycle time, and for the remainder of the
cycle both n- and p-type drivers are “OFF” (three-state). If
the SIGIN frequency is lower than the COMPIN frequency,
then it is the n-type driver that is held “ON” for most of the
cycle. Subsequently, the voltage at the capacitor (C2) of
the low-pass filter connected to PC2OUT varies until the
signal and comparator inputs are equal in both phase and
FIGURE 2. PHASE COMPARATOR 1: AVERAGE OUTPUT
VOLTAGE vs INPUT PHASE DIFFERENCE:
VDEMOUT = VPC1OUT = (VCC/π) (φSIGIN -
φCOMPIN); φDEMOUT =(φSIGIN - φCOMPIN)
VCC
VDEMOUT (AV)
1/2 VCC
0
0o
90o
φ
DEMOUT
180o
FIGURE 3. TYPICAL WAVEFORMS FOR PLL USING PHASE
COMPARATOR 1, LOOP LOCKED AT fo
SIGIN
COMPIN
VCOOUT
PC1OUT
VCOIN
VCC
GND
FIGURE 4. PHASE COMPARATOR 2: AVERAGE OUTPUT
VOLTAGE vs INPUT PHASE DIFFERENCE:
VDEMOUT = VPC2OUT
= (VCC/4π) (φSIGIN - φCOMPIN);
φDEMOUT =(φSIGIN - φCOMPIN)
VCC
VDEMOUT (AV)
1/2 VCC
0
-360o
0o
φ
DEMOUT
360o
FIGURE 5. TYPICAL WAVEFORMS FOR PLL USING PHASE
COMPARATOR 2, LOOP LOCKED AT fo
SIGIN
COMPIN
VCOOUT
PC2OUT
VCOIN
VCC
GND
PCPOUT
HIGH IMPEDANCE OFF - STATE
CD54HC4046A, CD74HC4046A, CD54HCT4046A, CD74HCT4046A
CD54HC4046A, CD74HC4046A, CD54HCT4046A, CD74HCT4046A


Similar Part No. - CD54HCT4046A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HCT4046A TI-CD54HCT4046A Datasheet
316Kb / 28P
[Old version datasheet]   High-Speed CMOS Logic Phase-Locked Loop with VCO
CD54HCT4046A TI-CD54HCT4046A Datasheet
505Kb / 32P
[Old version datasheet]   High-Speed CMOS Logic Phase-Locked Loop with VCO
CD54HCT4046AF3A TI-CD54HCT4046AF3A Datasheet
316Kb / 28P
[Old version datasheet]   High-Speed CMOS Logic Phase-Locked Loop with VCO
CD54HCT4046AF3A TI-CD54HCT4046AF3A Datasheet
505Kb / 32P
[Old version datasheet]   High-Speed CMOS Logic Phase-Locked Loop with VCO
More results

Similar Description - CD54HCT4046A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC4046A TI-CD74HC4046A Datasheet
316Kb / 28P
[Old version datasheet]   High-Speed CMOS Logic Phase-Locked Loop with VCO
SN74LV4046A TI-SN74LV4046A_10 Datasheet
503Kb / 15P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC PHASE-LOCKED LOOP WITH VCO
SN74LV4046A TI-SN74LV4046A_08 Datasheet
536Kb / 15P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC PHASE-LOCKED LOOP WITH VCO
CD54HC4046A TI-CD54HC4046A_07 Datasheet
505Kb / 32P
[Old version datasheet]   High-Speed CMOS Logic Phase-Locked Loop with VCO
SN74LV4046A TI-SN74LV4046A Datasheet
297Kb / 12P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC PHASE-LOCKED LOOP WITH VCO
SN74LV4046A TI1-SN74LV4046A_15 Datasheet
1Mb / 26P
[Old version datasheet]   High-Speed CMOS Logic Phase-Locked Loop
CD74HC297 TI1-CD74HC297 Datasheet
255Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Digital Phase-Locked Loop
CD54HC297 TI1-CD54HC297_14 Datasheet
251Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Digital Phase-Locked Loop
CD54HC297 TI-CD54HC297 Datasheet
243Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic Digital Phase-Locked Loop
CD74HC297 TI-CD74HC297 Datasheet
97Kb / 11P
[Old version datasheet]   High-Speed CMOS Logic Digital Phase-Locked-Loop
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com