Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CR43NP-5R6MC Datasheet(PDF) 2 Page - Sumida Corporation

Part # CR43NP-5R6MC
Description  POWER INDUCTORS Type: CR Series>
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CR43NP-5R6MC Datasheet(HTML) 2 Page - Sumida Corporation

  CR43NP-5R6MC Datasheet HTML 1Page - Sumida Corporation CR43NP-5R6MC Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Type: CR43
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2
POWER INDUCTORS <SMD Type: CR Series>
Specification
Part Name
Stamp
Inductance
[Within] (μH)
※1
D.C.R. (Ω)
[MAX.]
(at 20℃)
Rated
Current
(A)※2
S.R.F.
(MHz)
[TYP.]
CR43NP-1RØM□
CR43NP-1R4M□
CR43NP-1R8M□
1R0
1R4
1R8
1.0 ± 20%
1.4 ± 20%
1.8 ± 20%
48.7m
56.2m
63.7m
2.56
2.52
1.95
152.8
112.7
77.8
CR43NP-2R2M□
CR43NP-2R7M□
CR43NP-3R3M□
2R2
2R7
3R3
2.2 ± 20%
2.7 ± 20%
3.3 ± 20%
71.2m
78.7m
86.2m
1.75
1.58
1.44
68.3
64.0
60.0
CR43NP-3R9M□
CR43NP-4R7M□
CR43NP-5R6M□
3R9
4R7
5R6
3.9 ± 20%
4.7 ± 20%
5.6 ± 20%
93.7m
108.7m
125.7m
1.33
1.15
0.99
52.6
49.3
44.2
CR43NP-6R8M□
CR43NP-8R2M□
6R8
8R2
6.8 ± 20%
8.2 ± 20%
131.2m
146.2m
0.95
0.84
42.3
34.8
CR43NP-1ØØM□
CR43NP-12ØM□
CR43NP-15ØM□
100
120
150
10 ± 20 %
12 ± 20 %
15 ± 20 %
0.182
0.210
0.235
1.04
0.97
0.85
34.8
30.5
28.0
CR43NP-18ØM□
CR43NP-22ØM□
CR43NP-27ØM□
180
220
270
18 ± 20 %
22 ± 20 %
27 ± 20 %
0.338
0.378
0.522
0.74
0.68
0.62
26.8
23.0
20.6
CR43NP-33ØK□
CR43NP-39ØK□
CR43NP-47ØK□
330
390
470
33 ± 10 %
39 ± 10 %
47 ± 10 %
0.540
0.587
0.844
0.56
0.52
0.44
19.3
17.3
16.6
CR43NP-56ØK□
CR43NP-68ØK□
560
680
56 ± 10 %
68 ± 10 %
0.937
1.117
0.42
0.37
14.5
13.3
※ Description of part name
CR43NP-1RØM□
※1:Measuring frequency
1.0μH ∼ 8.2μH
at 7.96 MHz
10μH ∼ 68μH
at 2.52 MHz
※2: Rated current: The D.C. current at which the inductance decreases to 90% of it’s initial value or when
△t=40℃, whichever is lower(Ta=20℃).
B Box
C Carrier Tape


Similar Part No. - CR43NP-5R6MC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CR43 SUMIDA-CR43 Datasheet
124Kb / 2P
   XCCCPOWER INDUCTORS
logo
Linear Technology
CR43-150 LINER-CR43-150 Datasheet
426Kb / 12P
   1.2MHz/2.2MHz Inverting DC/DC Converters in ThinSOT
CR43-220 LINER-CR43-220 Datasheet
426Kb / 12P
   1.2MHz/2.2MHz Inverting DC/DC Converters in ThinSOT
CR43-3R3 LINER-CR43-3R3 Datasheet
207Kb / 20P
   True Color PWM Delivers Constant Color with 400:1 Dimming Range
logo
Monolithic Power System...
CR43-4R7 MPS-CR43-4R7 Datasheet
270Kb / 8P
   1MHz, 800mA Synchronous Step-Down Converter
More results

Similar Description - CR43NP-5R6MC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CR54 SUMIDA-CR54 Datasheet
40Kb / 2P
   POWER INDUCTORS
CR32 SUMIDA-CR32 Datasheet
97Kb / 2P
   POWER INDUCTORS
CR105 SUMIDA-CR105 Datasheet
104Kb / 2P
   POWER INDUCTORS
CR5D11 SUMIDA-CR5D11_06 Datasheet
188Kb / 2P
   POWER INDUCTORS
CR75 SUMIDA-CR75_06 Datasheet
160Kb / 2P
   POWER INDUCTORS
RCP-195D SUMIDA-RCP-195D Datasheet
156Kb / 2P
   POWER INDUCTORS
CMD-6L SUMIDA-CMD-6L Datasheet
131Kb / 2P
   Power Inductors
CEP12D38 SUMIDA-CEP12D38_06 Datasheet
158Kb / 2P
   POWER INDUCTORS
CDRH8D43 SUMIDA-CDRH8D43_1 Datasheet
162Kb / 2P
   POWER INDUCTORS < SMD Type: CDRH Series>
CDRH8D38 SUMIDA-CDRH8D38_1 Datasheet
136Kb / 2P
   POWER INDUCTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com