Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMD6NNP-680K Datasheet(PDF) 3 Page - Sumida Corporation

Part # CMD6NNP-680K
Description  General Power Transformer
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CMD6NNP-680K Datasheet(HTML) 3 Page - Sumida Corporation

  CMD6NNP-680K Datasheet HTML 1Page - Sumida Corporation CMD6NNP-680K Datasheet HTML 2Page - Sumida Corporation CMD6NNP-680K Datasheet HTML 3Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
General Power Transformer <SMD Type: CMD Series>
Type: CMD-6N
Please refer to the sales offices on our website for a representative near you
www.sumida.com
3/3
◆ Specification-2 (for inductors)
Part Name
Stamp
Inductance
Within]
1
D.C.R.(Ω)
[Max.]
(at 20℃)
Rate Current
(A)※2
Qu
[Min.]
1
S.R.F.
(MHz)
Min.]
CMD6NNP-220K□B
220K
22µH ± 10%
0.11
1.1
56
18
CMD6NNP-270K□B
270K
27µH ± 10%
0.13
1
54
17
CMD6NNP-330K□B
330K
33µH ± 10%
0.15
910m
51
15
CMD6NNP-390K□B
390K
39µH ± 10%
0.17
840m
46
13
CMD6NNP-470K□B
470K
47µH ± 10%
0.21
740m
44
12
CMD6NNP-560K□B
560K
56µH ± 10%
0.24
710m
34
11
CMD6NNP-680K□B
680K
68 µH ±10%
0.31
660m
41
10
CMD6NNP-820K□B
820K
82 µH ±10%
0.36
600m
33
9.3
CMD6NNP-101K□B
101K
100 µH ±10%
0.5
560m
48
8.1
CMD6NNP-121K□B
121K
120 µH ±10%
0.57
460m
58
7.7
CMD6NNP-151K□B
151K
150 µH ±10%
0.67
430m
73
6
CMD6NNP-181K□B
181K
180 µH ±10%
0.95
400m
72
5.8
CMD6NNP-221K□B
221K
220 µH ±10%
1.11
370m
80
5.5
CMD6NNP-271K□B
271K
270 µH ±10%
1.4
300m
79
5
CMD6NNP-331K□B
331K
330 µH ±10%
1.62
270m
91
4.5
CMD6NNP-391K□B
391K
390 µH ±10%
2.16
240m
91
4.2
CMD6NNP-471K□B
471K
470 µH ±10%
2.46
230m
86
3.3
CMD6NNP-561K□B
561K
560 µH ±10%
2.8
200m
92
2.9
CMD6NNP-681K□B
681K
680 µH ±10%
3.22
180m
99
2.8
CMD6NNP-821K□B
821K
820 µH ±10%
4.48
160m
100
2.5
CMD6NNP-102K□B
102K
1.0 mH ±10%
5.18
150m
108
2.4
※ Description of part name
CMD6NNP-220K□
1: Measuring Frequency
Inductance
22μH ∼ 82μH
at 2.52MHz
Qu
22μH ∼ 82μH
at 2.52MHz
100μH ∼ 1.0mH
at 100kHz
1.2mH ∼ 10mH
at 50kHz
100μH ∼ 10mH
at 1kHz
2. Rated current: The D.C. current at which the inductance decreases to 90% of it’s initial value or when
t=40℃, whichever is lower(Ta=20℃).
B Box
C Carrier Tape


Similar Part No. - CMD6NNP-680K

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CMD6NP-101MB SUMIDA-CMD6NP-101MB Datasheet
124Kb / 2P
   General Power Transformer
CMD6NP-101MC SUMIDA-CMD6NP-101MC Datasheet
124Kb / 2P
   General Power Transformer
CMD6NP-102MB SUMIDA-CMD6NP-102MB Datasheet
124Kb / 2P
   General Power Transformer
CMD6NP-102MC SUMIDA-CMD6NP-102MC Datasheet
124Kb / 2P
   General Power Transformer
CMD6NP-103MB SUMIDA-CMD6NP-103MB Datasheet
124Kb / 2P
   General Power Transformer
More results

Similar Description - CMD6NNP-680K

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CLQ7D23 SUMIDA-CLQ7D23_06 Datasheet
120Kb / 1P
   General Power Transformer
CM-5N SUMIDA-CM-5N Datasheet
35Kb / 2P
   General Power Transformer
CMD-8N SUMIDA-CMD-8N Datasheet
149Kb / 2P
   General Power Transformer
CLS74 SUMIDA-CLS74 Datasheet
28Kb / 1P
   General Power Transformer
CLQ72B SUMIDA-CLQ72B_06 Datasheet
124Kb / 1P
   General Power Transformer
LC-12U SUMIDA-LC-12U Datasheet
114Kb / 1P
   General Power Transformer
MC-100C SUMIDA-MC-100C Datasheet
112Kb / 1P
   General Power Transformer
ERH3530 SUMIDA-ERH3530 Datasheet
148Kb / 1P
   General Power Transformer
EP2013 SUMIDA-EP2013 Datasheet
56Kb / 1P
   General Power Transformer
PQ2019 SUMIDA-PQ2019 Datasheet
51Kb / 1P
   General Power Transformer
ER4029 SUMIDA-ER4029 Datasheet
135Kb / 1P
   General Power Transformer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com