Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMD8LNNP-151K Datasheet(PDF) 2 Page - Sumida Corporation

Part # CMD8LNNP-151K
Description  General Power Transformer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CMD8LNNP-151K Datasheet(HTML) 2 Page - Sumida Corporation

  CMD8LNNP-151K Datasheet HTML 1Page - Sumida Corporation CMD8LNNP-151K Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
General Power Transformer <SMD Type: CMD Series>
Type: CMD-8LN
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2
Specification (for inductors)
Part Name
Stamp
Inductance
Within]
1
D.C.R.(Ω)
[Max.]
(at 20℃)
Rate Current
(A)※2
S.R.F.
(MHz)
Min.]
CMD8LNNP-22ØK□
220K
22μH±10%
0.14
1.65
20.0
CMD8LNNP-27ØK□
270K
27μH±10%
0.16
1.55
16.0
CMD8LNNP-33ØK□
330K
33μH±10%
0.18
1.40
15.5
CMD8LNNP-39ØK□
390K
39μH±10%
0.19
1.30
14.8
CMD8LNNP-47ØK□
470K
47μH±10%
0.21
1.25
12.6
CMD8LNNP-56ØK□
560K
56μH±10%
0.25
1.15
11.5
CMD8LNNP-68ØK□
680K
68μH±10%
0.30
1.01
11.4
CMD8LNNP-82ØK□
820K
82μH±10%
0.35
0.96
9.7
CMD8LNNP-1Ø1K□
101K
100μH±10%
0.40
0.83
8.4
CMD8LNNP-121K□
121K
120μH±10%
0.45
0.77
8.0
CMD8LNNP-151K□
151K
150μH±10%
0.50
0.68
7.7
CMD8LNNP-181K□
181K
180μH±10%
0.65
0.62
6.6
CMD8LNNP-221K□
221K
220μH±10%
0.75
0.56
6.0
CMD8LNNP-271K□
271K
270μH±10%
1.00
0.53
5.2
CMD8LNNP-331K□
331K
330μH±10%
1.15
0.46
4.9
CMD8LNNP-391K□
391K
390μH±10%
1.35
0.43
4.1
CMD8LNNP-471K□
471K
470μH±10%
1.70
0.40
3.9
CMD8LNNP-561K□
561K
560μH±10%
1.95
0.37
3.6
CMD8LNNP-681K□
681K
680μH±10%
2.55
0.32
3.4
CMD8LNNP-821K□
821K
820μH±10%
2.95
0.30
3.2
CMD8LNNP-1Ø2K□
102K
1.0mH±10%
3.85
0.26
2.7
Description of part name
Schematics (Bottom)
CMD8LNNP-22ØK□
“ S” is winding start.
1: Measuring Frequency : 22μH ~ 82μH
at 2.52MHz
100μH ~ 1.0mH
at 1kHz
2. Rated current: The D.C. current at which the inductance decreases to 90% of it’s initial value or when
t=40℃, whichever is lower(Ta=20℃).
B Box
C Carrier Tape
4
3
2
1
5
6
7
8
S


Similar Part No. - CMD8LNNP-151K

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
CMD810C830-875P10A SIPAT-CMD810C830-875P10A Datasheet
449Kb / 5P
   DIELECTRIC DUPLEXER SAMPLE SPECIFICATION
CMD810C830-875P10A SIPAT-CMD810C830-875P10A Datasheet
455Kb / 5P
   DIELECTRIC DUPLEXER SAMPLE SPECIFICATION
CMD810C830/875P10A SIPAT-CMD810C830/875P10A Datasheet
449Kb / 5P
   DIELECTRIC DUPLEXER SAMPLE SPECIFICATION
CMD810C897 SIPAT-CMD810C897 Datasheet
474Kb / 5P
   DIELECTRIC DUPLEXER SAMPLE
CMD810C897-942P24A SIPAT-CMD810C897-942P24A Datasheet
468Kb / 5P
   DIELECTRIC DUPLEXER SAMPLE SPECIFICATION
More results

Similar Description - CMD8LNNP-151K

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CLQ7D23 SUMIDA-CLQ7D23_06 Datasheet
120Kb / 1P
   General Power Transformer
CM-5N SUMIDA-CM-5N Datasheet
35Kb / 2P
   General Power Transformer
CMD-8N SUMIDA-CMD-8N Datasheet
149Kb / 2P
   General Power Transformer
CLS74 SUMIDA-CLS74 Datasheet
28Kb / 1P
   General Power Transformer
CLQ72B SUMIDA-CLQ72B_06 Datasheet
124Kb / 1P
   General Power Transformer
LC-12U SUMIDA-LC-12U Datasheet
114Kb / 1P
   General Power Transformer
MC-100C SUMIDA-MC-100C Datasheet
112Kb / 1P
   General Power Transformer
ERH3530 SUMIDA-ERH3530 Datasheet
148Kb / 1P
   General Power Transformer
EP2013 SUMIDA-EP2013 Datasheet
56Kb / 1P
   General Power Transformer
PQ2019 SUMIDA-PQ2019 Datasheet
51Kb / 1P
   General Power Transformer
ER4029 SUMIDA-ER4029 Datasheet
135Kb / 1P
   General Power Transformer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com