Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMD4D08NP-3R3M Datasheet(PDF) 2 Page - Sumida Corporation

Part # CMD4D08NP-3R3M
Description  Power Transformers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CMD4D08NP-3R3M Datasheet(HTML) 2 Page - Sumida Corporation

  CMD4D08NP-3R3M Datasheet HTML 1Page - Sumida Corporation CMD4D08NP-3R3M Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Power Transformers < SMD Type: CMD Series >
Type: CMD4D08
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2
Specification
Part No.
Stamp
Inductance
Within]
100kHz/1V
D.C.R.(mΩ)
Max.(Typ.)
(at 20℃)
Saturation
Current(mA)
(at 20℃)※1
Temperature
Rise current
(mA) ※2
CMD4D08NP-3R3M□
3R3
3.3µH±20%
160(123)
1200
850
CMD4D08NP-4R7M□
4R7
4.7µH±20%
194(149)
1000
800
CMD4D08NP-6R8M□
6R8
6.8μH±20%
276(212)
810
650
CMD4D08NP-100M□
100
10μH±20%
335(258)
710
570
CMD4D08NP-150M□
150
15μH±20%
508(391)
580
450
CMD4D08NP-220M□
220
22μH±20%
766(589)
480
370
CMD4D08NP-330M□
330
33μH±20%
1162(894)
370
280
CMD4D08NP-470M□
470
47μH±20%
1658(1326)
320
220
CMD4D08NP-680M□
680
68μH±20%
2534(2027)
260
180
CMD4D08NP-101M□
101
100μH±20%
3304(2643)
210
170
Description of Part No.
CMD4D08NP-3R3M□
1
.Saturation current: The DC current at which the inductance decreases to 90% of it’s initial value.
2
.Temperature rise current: The DC current at which the temperature rise is △t=40℃.(Ta=20℃)
B Box
C Carrier Tape


Similar Part No. - CMD4D08NP-3R3M

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CMD4D08 SUMIDA-CMD4D08 Datasheet
179Kb / 2P
   POWER INDUCTORS
More results

Similar Description - CMD4D08NP-3R3M

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CMD4D11 SUMIDA-CMD4D11_07 Datasheet
119Kb / 2P
   Power Transformers
logo
Frontier Electronics.
LAMINATED FRONTIER-LAMINATED Datasheet
133Kb / 1P
   Power Transformers
logo
List of Unclassifed Man...
N-9MG ETC2-N-9MG Datasheet
153Kb / 2P
   Power Transformers
logo
Sumida Corporation
CMD6D11B SUMIDA-CMD6D11B_07 Datasheet
121Kb / 2P
   Power Transformers
logo
List of Unclassifed Man...
P-8672 ETC2-P-8672 Datasheet
300Kb / 1P
   POWER TRANSFORMERS
logo
TRIAD MAGNETICS
F-55X TRIAD-F-55X Datasheet
241Kb / 3P
   Power Transformers
logo
Sumida Corporation
CMD5D13 SUMIDA-CMD5D13_07 Datasheet
134Kb / 2P
   Power Transformers
CMD4D13 SUMIDA-CMD4D13 Datasheet
122Kb / 2P
   Power Transformers
logo
Pulse A Technitrol Comp...
P5000NL PULSE-P5000NL Datasheet
66Kb / 1P
   POWER TRANSFORMERS
logo
List of Unclassifed Man...
N-68X ETC2-N-68X Datasheet
206Kb / 2P
   Power Transformers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com