Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMD6NNP-471K Datasheet(PDF) 1 Page - Sumida Corporation

Part # CMD6NNP-471K
Description  General Power Transformer
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CMD6NNP-471K Datasheet(HTML) 1 Page - Sumida Corporation

  CMD6NNP-471K Datasheet HTML 1Page - Sumida Corporation CMD6NNP-471K Datasheet HTML 2Page - Sumida Corporation CMD6NNP-471K Datasheet HTML 3Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
General Power Transformer <SMD Type: CMD Series>
Type: CMD-6N
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/
3
◆ Product Description
6.5×6.5mm Max.(L×W), 6.0mm Max. Height.
Inductance Range: 22μH∼1.0mH
Rated current range: 150mA∼1300mA.
7 Terminal pins’ type gives a flexible design as inductors or transformers.
Custom design is available.
◆ Feature
Magnetically unshielded construction.
Ideally used in portable devices such as Mobilephone,DSC/DVC,MP3,PDA, etc as DC-DC
Converter inductors or transformers, especially suitable for White LED drive.
RoHS Compliance
◆ Dimensions (mm)
◆ Land Pattern (mm)
◆ Specification (for transformers)
Rated current: The D.C. current at which the inductance decreases to 90% of it’s initial value or when
t=40℃, whichever is lower(Ta=20℃).
※ Schematics (Bottom)
“S”
is winding start.
Sample No.
Inductance (1-3)
1kHz/1V
Inductance (4-7)
1kHz/1V
D.C.R.
(1-3)
D.C.R.
(4-7)
Rated
Current
(1-3)
6305-JPS-038
258µH±10%
238µH(Ref)
2.5Ω Max.
3.4Ω Max.
240mA
2.0
7.35
2.0
6.0±0.5
6.0 Max.
8.2±0.5
6.5±0.5
S
3
2
1
4
5
6
7
S


Similar Part No. - CMD6NNP-471K

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CMD6NP-101MB SUMIDA-CMD6NP-101MB Datasheet
124Kb / 2P
   General Power Transformer
CMD6NP-101MC SUMIDA-CMD6NP-101MC Datasheet
124Kb / 2P
   General Power Transformer
CMD6NP-102MB SUMIDA-CMD6NP-102MB Datasheet
124Kb / 2P
   General Power Transformer
CMD6NP-102MC SUMIDA-CMD6NP-102MC Datasheet
124Kb / 2P
   General Power Transformer
CMD6NP-103MB SUMIDA-CMD6NP-103MB Datasheet
124Kb / 2P
   General Power Transformer
More results

Similar Description - CMD6NNP-471K

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CLQ7D23 SUMIDA-CLQ7D23_06 Datasheet
120Kb / 1P
   General Power Transformer
CM-5N SUMIDA-CM-5N Datasheet
35Kb / 2P
   General Power Transformer
CMD-8N SUMIDA-CMD-8N Datasheet
149Kb / 2P
   General Power Transformer
CLS74 SUMIDA-CLS74 Datasheet
28Kb / 1P
   General Power Transformer
CLQ72B SUMIDA-CLQ72B_06 Datasheet
124Kb / 1P
   General Power Transformer
LC-12U SUMIDA-LC-12U Datasheet
114Kb / 1P
   General Power Transformer
MC-100C SUMIDA-MC-100C Datasheet
112Kb / 1P
   General Power Transformer
ERH3530 SUMIDA-ERH3530 Datasheet
148Kb / 1P
   General Power Transformer
EP2013 SUMIDA-EP2013 Datasheet
56Kb / 1P
   General Power Transformer
PQ2019 SUMIDA-PQ2019 Datasheet
51Kb / 1P
   General Power Transformer
ER4029 SUMIDA-ER4029 Datasheet
135Kb / 1P
   General Power Transformer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com