Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLS5D11NP-220N Datasheet(PDF) 3 Page - Sumida Corporation

Part # CLS5D11NP-220N
Description  POWER INDUCTORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CLS5D11NP-220N Datasheet(HTML) 3 Page - Sumida Corporation

  CLS5D11NP-220N Datasheet HTML 1Page - Sumida Corporation CLS5D11NP-220N Datasheet HTML 2Page - Sumida Corporation CLS5D11NP-220N Datasheet HTML 3Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
POWER INDUCTORS < SMD Type: CLS Series >
Type: CLS5D11, CLS5D11/HP
Please refer to the sales offices on our website for a representative near you
www.sumida.com
3/3
Specification(CLS5D11)
Part Name
Stamp
Inductance
(μH)[Within]
100kHz/1V
D.C.R.(mΩ)
Max.(Typ.)
(at 20℃)
Saturation
current (mA)
(at 20℃)※1
Temperature
rise current
(mA) ※2
CLS5D11NP-4R7N□
4R7
4.7±30%
120(95)
1100
1100
CLS5D11NP-6R8N□
6R8
6.8±30%
160(130)
950
900
CLS5D11NP-1ØØN□
100
10±30%
210(170)
830
800
CLS5D11NP-15ØN□
150
15±30%
310(250)
700
650
CLS5D11NP-22ØN□
220
22±30%
450(360)
570
530
CLS5D11NP-33ØN□
330
33±30%
620(500)
450
420
CLS5D11NP-470N□
470
47±30%
930(750)
380
350
Specification(CLS5D11/HP)
Part Name
Stamp
Inductance
Within]
100kHz/1V
D.C.R.(mΩ)
Max.(Typ.)
(at 20℃)
Saturation
current (mA)
(at 20℃)※1
Temperature
rise current
(mA) ※2
CLS5D11HPNP-2R2N□
2R2
2.2μH±30%
70(55)
2000
1700
CLS5D11HPNP-3RØN□
3R0
3.0μH±30%
80(63)
1900
1550
CLS5D11HPNP-4R7N□
4R7
4.7μH±30%
120(95)
1500
1100
CLS5D11HPNP-6R8N□
6R8
6.8μH±30%
170(135)
1300
950
CLS5D11HPNP-1ØØN□
100
10μH±30%
240(190)
1000
750
CLS5D11HPNP-15ØN□
150
15μH±30%
390(310)
850
600
CLS5D11HPNP-22ØN□
220
22μH±30%
560(450)
650
450
CLS5D11HPNP-33ØN□
330
33μH±30%
920(730)
520
330
Description of Part Name
CLS5D11HPNP-2R2N□
1. Saturation current: The DC current at which the inductance decreases to 65% of it’s nominal value.
2
. Temperature rise current: The DC current at which the temperature rise is △t=40℃.(Ta=20℃).
B Box
C Carrier Tape


Similar Part No. - CLS5D11NP-220N

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CLS5D11 SUMIDA-CLS5D11 Datasheet
243Kb / 1P
   POWER INDUCTORS (SMD Type)
More results

Similar Description - CLS5D11NP-220N

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
Sumida Corporation
CMD89 SUMIDA-CMD89 Datasheet
235Kb / 1P
   POWER INDUCTORS
CDH53 SUMIDA-CDH53 Datasheet
172Kb / 2P
   POWER INDUCTORS
CDRH3D14 SUMIDA-CDRH3D14 Datasheet
161Kb / 3P
   POWER INDUCTORS
CDRH2D11 SUMIDA-CDRH2D11_1 Datasheet
207Kb / 2P
   Power Inductors
CDRH5D14 SUMIDA-CDRH5D14 Datasheet
183Kb / 3P
   Power Inductors
CDRH4D22 SUMIDA-CDRH4D22_06 Datasheet
149Kb / 3P
   POWER INDUCTORS
CDRH6D12 SUMIDA-CDRH6D12_06 Datasheet
164Kb / 2P
   POWER INDUCTORS
CDRH125 SUMIDA-CDRH125_06 Datasheet
163Kb / 3P
   POWER INDUCTORS
CDRH125B SUMIDA-CDRH125B Datasheet
169Kb / 1P
   POWER INDUCTORS
logo
XFMRS Inc.
XFHCLTH XFMRS-XFHCLTH Datasheet
66Kb / 1P
   POWER INDUCTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com