Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CR75NP-271KC Datasheet(PDF) 2 Page - Sumida Corporation

Part # CR75NP-271KC
Description  POWER INDUCTORS Type: CR Series>
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CR75NP-271KC Datasheet(HTML) 2 Page - Sumida Corporation

  CR75NP-271KC Datasheet HTML 1Page - Sumida Corporation CR75NP-271KC Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Type: CR75
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2
POWER INDUCTORS <SMD Type: CR Series>
Specification
Part Name
Stamp
Inductance
[Within]
※1
D.C.R. (mΩ)
[MAX.]
(at 20℃)
Rated
Current
(A)※2
S.R.F.
(MHz)
[TYP.]
CR75NP-1R2M□
CR75NP-1R5M□
CR75NP-2R2M□
1R2M
1R5M
2R2M
1.2μH ± 20 %
1.5μH ± 20 %
2.2μH ± 20 %
15.6m
17.0m
19.5m
6.0
5.5
4.5
53.7
45.6
36.4
CR75NP-2R7M□
CR75NP-3R3M□
CR75NP-3R9M□
2R7M
3R3M
3R9M
2.7μH ± 20 %
3.3μH ± 20 %
3.9μH ± 20 %
22.1m
24.7m
27.3m
4.2
3.7
3.5
31.1
26.8
24.6
CR75NP-4R7M□
CR75NP-5R6M□
CR75NP-6R8M□
4R7M
5R6M
6R8M
4.7μH ± 20 %
5.6μH ± 20 %
6.8μH ± 20 %
30.0m
32.5m
36.4m
3.1
2.8
2.7
20.4
20.0
19.6
CR75NP-8R2M□
8R2M
8.2μH ± 20 %
41.6m
2.5
18.0
CR75NP-1ØØK□
CR75NP-12ØK□
CR75NP-15ØK□
100K
120K
150K
10μH ± 10 %
12μH ± 10 %
15μH ± 10 %
0.07
0.08
0.09
2.3
2.0
1.8
28
23
22
CR75NP-18ØK□
CR75NP-22ØK□
CR75NP-27ØK□
180K
220K
270K
18μH ± 10 %
22μH ± 10 %
27μH ± 10 %
0.10
0.11
0.12
1.6
1.5
1.3
20
17
15
CR75NP-33ØK□
CR75NP-39ØK□
CR75NP-47ØK□
330K
390K
470K
33μH ± 10 %
39μH ± 10 %
47μH ± 10 %
0.13
0.16
0.18
1.2
1.1
1.1
15
14
13
CR75NP-56ØK□
CR75NP-68ØK□
CR75NP-82ØK□
560K
680K
820K
56μH ± 10 %
68μH ± 10 %
82μH ± 10 %
0.24
0.28
0.37
0.94
0.85
0.78
11
11
10
CR75NP-1Ø1K□
CR75NP-121K□
CR75NP-151K□
101K
121K
151K
100μH ± 10 %
120μH ± 10 %
150μH ± 10 %
0.43
0.47
0.64
0.72
0.66
0.58
9.2
7.7
6.1
CR75NP-181K□
CR75NP-221K□
CR75NP-271K□
181K
221K
271K
180μH ± 10 %
220μH ± 10 %
270μH ± 10 %
0.71
0.96
1.11
0.51
0.49
0.42
5.8
5.2
4.8
CR75NP-331K□
CR75NP-391K□
CR75NP-471K□
331K
391K
471K
330μH ± 10 %
390μH ± 10 %
470μH ± 10 %
1.26
1.77
1.96
0.40
0.36
0.34
4.3
4.3
3.8
Description of part name
CR75NP-1R2M□
1:Measuring frequency
1.2μH ~ 8.2μH ; at
7.96 MHz
10μH ~ 82μH ; at
2.52 MHz
100μH ~ 470μH ; at
1 kHz
2. Rated current: The D.C. current at which the inductance decreases to 90% of it’s initial value or when
t=40℃, whichever is lower(Ta=20℃).
B Box
C Carrier Tape


Similar Part No. - CR75NP-271KC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CR75 SUMIDA-CR75 Datasheet
113Kb / 2P
   POWER INDUCTORS
CR75 SUMIDA-CR75 Datasheet
113Kb / 2P
   POWER INDUCTORS
More results

Similar Description - CR75NP-271KC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CR54 SUMIDA-CR54 Datasheet
40Kb / 2P
   POWER INDUCTORS
CR32 SUMIDA-CR32 Datasheet
97Kb / 2P
   POWER INDUCTORS
CR105 SUMIDA-CR105 Datasheet
104Kb / 2P
   POWER INDUCTORS
CR5D11 SUMIDA-CR5D11_06 Datasheet
188Kb / 2P
   POWER INDUCTORS
CR43 SUMIDA-CR43 Datasheet
40Kb / 2P
   POWER INDUCTORS
RCP-195D SUMIDA-RCP-195D Datasheet
156Kb / 2P
   POWER INDUCTORS
CMD-6L SUMIDA-CMD-6L Datasheet
131Kb / 2P
   Power Inductors
CEP12D38 SUMIDA-CEP12D38_06 Datasheet
158Kb / 2P
   POWER INDUCTORS
CDRH8D43 SUMIDA-CDRH8D43_1 Datasheet
162Kb / 2P
   POWER INDUCTORS < SMD Type: CDRH Series>
CDRH8D38 SUMIDA-CDRH8D38_1 Datasheet
136Kb / 2P
   POWER INDUCTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com