Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WCDRH23D09HPNP-4R7N Datasheet(PDF) 2 Page - Sumida Corporation

Part # WCDRH23D09HPNP-4R7N
Description  Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

WCDRH23D09HPNP-4R7N Datasheet(HTML) 2 Page - Sumida Corporation

  WCDRH23D09HPNP-4R7N Datasheet HTML 1Page - Sumida Corporation WCDRH23D09HPNP-4R7N Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Type: WCDRH23D09/HP,WCDRH23D09
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2
Power Inductors <SMD Type: WCDRH Series>
Specification (WCDRH23D09/HP)
Part Name
Stamp
Inductance
100kHz/1V
D.C.R.(mΩ)
(at 20℃)
Saturation
Current
A)※1
Temperature
Rise Current
(A)※2
WCDRH23D09HPNP-1R1N□
A
1.1μH±30%
79±25%
1.35
1.36
WCDRH23D09HPNP-1R5N□
B
1.5μH±30%
92±25%
1.15
1.18
WCDRH23D09HPNP-2R2N□
C
2.2μH±30%
138±20%
0.95
0.95
WCDRH23D09HPNP-3R3N□
D
3.3μH±30%
200±20%
0.75
0.74
WCDRH23D09HPNP-4R7N□
E
4.7μH±30%
290±20%
0.65
0.56
WCDRH23D09HPNP-6R8N□
F
6.8μH±30%
375±20%
0.55
0.52
Specification (WCDRH23D09)
Part Name
Stamp
Inductance
100kHz/1V
D.C.R.(mΩ)
(at 20℃)
Saturation
Current
A)※1
Temperature
Rise Current
(A)※2
WCDRH23D09NP-2R2N□
B
2.2μH±30%
125±20%
0.84
1.12
WCDRH23D09NP-3R3N□
D
3.3μH±30%
155±20%
0.64
0.84
WCDRH23D09NP-4R7N□
F
4.7μH±30%
210±20%
0.54
0.72
WCDRH23D09NP-6R8N□
H
6.8μH±30%
275±20%
0.44
0.60
WCDRH23D09NP-100N□
K
10μH±30%
430±20%
0.36
0.48
Description of part name
WCDRH23D09HPNP-1R1N□
1. Saturation current: The DC current at which the inductance decreases to 65% of its nominal value.
2. Temperature rise current: The DC current at which the temperature rise is △t=40℃(Ta=20℃).
B Box
C Carrier Tape


Similar Part No. - WCDRH23D09HPNP-4R7N

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
WCDRH25D18 SUMIDA-WCDRH25D18 Datasheet
46Kb / 2P
   POWER INDUCTORS
WCDRH25D18NP-3R3N SUMIDA-WCDRH25D18NP-3R3N Datasheet
46Kb / 2P
   POWER INDUCTORS
WCDRH25D18NP-4R7N SUMIDA-WCDRH25D18NP-4R7N Datasheet
46Kb / 2P
   POWER INDUCTORS
WCDRH25D18NP-5R6N SUMIDA-WCDRH25D18NP-5R6N Datasheet
46Kb / 2P
   POWER INDUCTORS
More results

Similar Description - WCDRH23D09HPNP-4R7N

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
Sumida Corporation
CMD89 SUMIDA-CMD89 Datasheet
235Kb / 1P
   POWER INDUCTORS
CDH53 SUMIDA-CDH53 Datasheet
172Kb / 2P
   POWER INDUCTORS
CDRH3D14 SUMIDA-CDRH3D14 Datasheet
161Kb / 3P
   POWER INDUCTORS
CDRH2D11 SUMIDA-CDRH2D11_1 Datasheet
207Kb / 2P
   Power Inductors
CDRH5D14 SUMIDA-CDRH5D14 Datasheet
183Kb / 3P
   Power Inductors
CDRH4D22 SUMIDA-CDRH4D22_06 Datasheet
149Kb / 3P
   POWER INDUCTORS
CDRH6D12 SUMIDA-CDRH6D12_06 Datasheet
164Kb / 2P
   POWER INDUCTORS
CDRH125 SUMIDA-CDRH125_06 Datasheet
163Kb / 3P
   POWER INDUCTORS
CDRH125B SUMIDA-CDRH125B Datasheet
169Kb / 1P
   POWER INDUCTORS
logo
XFMRS Inc.
XFHCLTH XFMRS-XFHCLTH Datasheet
66Kb / 1P
   POWER INDUCTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com