Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AS876DWR Datasheet(PDF) 4 Page - Texas Instruments

Part # SN74AS876DWR
Description  DUAL 4-BIT D-TYPE EDGE-TRIGGERED FLIP-FLOPS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AS876DWR Datasheet(HTML) 4 Page - Texas Instruments

  SN74AS876DWR Datasheet HTML 1Page - Texas Instruments SN74AS876DWR Datasheet HTML 2Page - Texas Instruments SN74AS876DWR Datasheet HTML 3Page - Texas Instruments SN74AS876DWR Datasheet HTML 4Page - Texas Instruments SN74AS876DWR Datasheet HTML 5Page - Texas Instruments SN74AS876DWR Datasheet HTML 6Page - Texas Instruments SN74AS876DWR Datasheet HTML 7Page - Texas Instruments SN74AS876DWR Datasheet HTML 8Page - Texas Instruments SN74AS876DWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
SN54ALS874B, SN74ALS874B, SN74ALS876A
SN74AS874, SN74AS876
DUAL 4-BIT D-TYPE EDGE-TRIGGERED FLIP-FLOPS
SDAS061C – APRIL 1982 – REVISED JANUARY 1995
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions
SN54ALS874B
SN74ALS874B
SN74ALS876A
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
VCC
Supply voltage
4.5
5
5.5
4.5
5
5.5
V
VIH
High-level input voltage
2
2
V
VIL
Low-level input voltage
0.7
0.8
V
IOH
High-level output current
–1
– 2.6
mA
IOL
Low-level output current
12
24
mA
fclock
Clock frequency
0
25
0
30
MHz
PRE or CLR low
15
10
tw
Pulse duration
CLK high
20
16.5
ns
CLK low
20
16.5
t
Set p time before CLK
Data
15
15
ns
tsu
Setup time before CLK
PRE or CLR inactive
15
10
ns
th
Hold time, data after CLK
4
0
ns
TA
Operating free-air temperature
–55
125
0
70
°C
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
SN54ALS874B
SN74ALS874B
SN74ALS876A
UNIT
MIN
TYP†
MAX
MIN
TYP†
MAX
VIK
VCC = 4.5 V,
II = – 18 mA
– 1.2
– 1.2
V
VCC = 4.5 V to 5.5 V,
IOH = – 0.4 mA
VCC –2
VCC –2
VOH
VCC =4 5V
IOH = – 1 mA
2.4
3.3
V
VCC = 4.5 V
IOH = – 2.6 mA
2.4
3.2
VOL
VCC =4 5V
IOL = 12 mA
0.25
0.4
0.25
0.4
V
VOL
VCC = 4.5 V
IOL = 24 mA
0.35
0.5
V
IOZH
VCC = 5.5 V,
VO = 2.7 V
20
20
µA
IOZL
VCC = 5.5 V,
VO = 0.4 V
–20
–20
µA
II
VCC = 5.5 V,
VI = 7 V
0.1
0.1
mA
IIH
VCC = 5.5 V,
VI = 2.7 V
20
20
µA
IIL
VCC = 5.5 V,
VI = 0.4 V
– 0.2
– 0.2
mA
IO‡
VCC = 5.5 V,
VO = 2.25 V
–20
–112
–30
–112
mA
Outputs high
14
21
14
21
′ALS874B
VCC = 5.5 V
Outputs low
19
30
19
30
ICC
Outputs disabled
20
32
20
32
mA
ICC
Outputs high
14
21
mA
SN74ALS876A
VCC = 5.5 V
Outputs low
18
29
Outputs disabled
20
31
† All typical values are at VCC = 5 V, TA = 25°C.
‡ The output conditions have been chosen to produce a current that closely approximates one half of the true short-circuit output current, IOS.


Similar Part No. - SN74AS876DWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AS876DWR TI-SN74AS876DWR Datasheet
582Kb / 20P
[Old version datasheet]   DUAL 4-BIT D-TYPE EDGE-TRIGGERED FLIP-FLOPS
SN74AS876DWRE4 TI-SN74AS876DWRE4 Datasheet
582Kb / 20P
[Old version datasheet]   DUAL 4-BIT D-TYPE EDGE-TRIGGERED FLIP-FLOPS
SN74AS876DWRG4 TI-SN74AS876DWRG4 Datasheet
582Kb / 20P
[Old version datasheet]   DUAL 4-BIT D-TYPE EDGE-TRIGGERED FLIP-FLOPS
More results

Similar Description - SN74AS876DWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ALS874B TI-SN54ALS874B_08 Datasheet
582Kb / 20P
[Old version datasheet]   DUAL 4-BIT D-TYPE EDGE-TRIGGERED FLIP-FLOPS
SN54ALS874B TI-SN54ALS874B Datasheet
143Kb / 9P
[Old version datasheet]   DUAL 4-BIT D-TYPE EDGE-TRIGGERED FLIP-FLOPS
SN54LV74A TI-SN54LV74A Datasheet
444Kb / 16P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS
logo
Potato Semiconductor Co...
PO74G74A POTATO-PO74G74A_14 Datasheet
1Mb / 6P
   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS
logo
Texas Instruments
SN54LV74 TI1-SN54LV74_10 Datasheet
148Kb / 8P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS
SN54AC74 TI1-SN54AC74_15 Datasheet
1Mb / 22P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS
SN54HC74 TI1-SN54HC74_15 Datasheet
164Kb / 15P
[Old version datasheet]   Dual D-Type Positive-Edge-Triggered Flip-Flops
SN54LV74 TI-SN54LV74 Datasheet
137Kb / 7P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS
SN74LV74A-EP TI1-SN74LV74A-EP Datasheet
506Kb / 14P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS
SN54LV74A TI1-SN54LV74A_15 Datasheet
1Mb / 31P
[Old version datasheet]   Dual Positive-Edge-Triggered D-Type Flip-Flops
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com