Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AS876NTE4 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74AS876NTE4
Description  DUAL 4-BIT D-TYPE EDGE-TRIGGERED FLIP-FLOPS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AS876NTE4 Datasheet(HTML) 1 Page - Texas Instruments

  SN74AS876NTE4 Datasheet HTML 1Page - Texas Instruments SN74AS876NTE4 Datasheet HTML 2Page - Texas Instruments SN74AS876NTE4 Datasheet HTML 3Page - Texas Instruments SN74AS876NTE4 Datasheet HTML 4Page - Texas Instruments SN74AS876NTE4 Datasheet HTML 5Page - Texas Instruments SN74AS876NTE4 Datasheet HTML 6Page - Texas Instruments SN74AS876NTE4 Datasheet HTML 7Page - Texas Instruments SN74AS876NTE4 Datasheet HTML 8Page - Texas Instruments SN74AS876NTE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
SN54ALS874B, SN74ALS874B, SN74ALS876A
SN74AS874, SN74AS876
DUAL 4-BIT D-TYPE EDGE-TRIGGERED FLIP-FLOPS
SDAS061C – APRIL 1982 – REVISED JANUARY 1995
Copyright
© 1995, Texas Instruments Incorporated
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
3-State Buffer-Type Outputs Drive Bus
Lines Directly
Bus-Structured Pinout
Choice of True or Inverting Logic
– SN54ALS874B, SN74ALS874B,
SN74AS874 Have True Outputs
– SN74ALS876A, SN74AS876 Have
Inverting Outputs
Asynchronous Clear
Package Options Include Plastic
Small-Outline (DW) Packages, Plastic (FN)
and Ceramic (FK) Chip Carriers, and
Standard Plastic (NT) and Ceramic (JT)
300-mil DIPs
description
These dual 4-bit D-type edge-triggered flip-flops
feature 3-state outputs designed specifically as
bus drivers. They are particularly suitable for
implementing
buffer
registers,
I/O
ports,
bidirectional bus drivers, and working registers.
The edge-triggered flip-flops enter data on the
low-to-high transition of the clock (CLK) input.
The
SN54ALS874B,
SN74ALS874B,
and
SN74AS874 have
clear
(CLR)
inputs
and
noninverting Q outputs. The SN74ALS876A and
SN74AS876 have preset (PRE) inputs and
inverting Q outputs; taking PRE low causes the
four Q or Q outputs to go low independently of the
clock.
The SN54ALS874B is characterized for operation
over the full military temperature range of – 55
°C
to 125
°C. The SN74ALS874B, SN74ALS876A,
SN74AS874,
and
SN74AS876 devices
are
characterized for operation from 0
°C to 70°C.
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
1CLR
1OE
1D1
1D2
1D3
1D4
2D1
2D2
2D3
2D4
2OE
GND
VCC
1CLK
1Q1
1Q2
1Q3
1Q4
2Q1
2Q2
2Q3
2Q4
2CLK
2CLR
SN54ALS874B ...JT PACKAGE
SN74ALS874B, SN74AS874 . . . DW OR NT PACKAGE
(TOP VIEW)
32
1
13 14
5
6
7
8
9
10
11
1Q2
1Q3
1Q4
NC
2Q1
2Q2
2Q3
1D2
1D3
1D4
NC
2D1
2D2
2D3
4
15 16 17 18
SN54ALS874B . . . FK PACKAGE
(TOP VIEW)
28 27 26
25
24
23
22
21
20
19
12
NC – No internal connection
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
1PRE
1OE
1D1
1D2
1D3
1D4
2D1
2D2
2D3
2D4
2OE
GND
VCC
1CLK
1Q1
1Q2
1Q3
1Q4
2Q1
2Q2
2Q3
2Q4
2CLK
2PRE
SN74ALS876A, SN74AS876 . . . DW OR NT PACKAGE
(TOP VIEW)
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - SN74AS876NTE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AS876NTE4 TI-SN74AS876NTE4 Datasheet
582Kb / 20P
[Old version datasheet]   DUAL 4-BIT D-TYPE EDGE-TRIGGERED FLIP-FLOPS
More results

Similar Description - SN74AS876NTE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ALS874B TI-SN54ALS874B_08 Datasheet
582Kb / 20P
[Old version datasheet]   DUAL 4-BIT D-TYPE EDGE-TRIGGERED FLIP-FLOPS
SN54ALS874B TI-SN54ALS874B Datasheet
143Kb / 9P
[Old version datasheet]   DUAL 4-BIT D-TYPE EDGE-TRIGGERED FLIP-FLOPS
SN54LV74A TI-SN54LV74A Datasheet
444Kb / 16P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS
logo
Potato Semiconductor Co...
PO74G74A POTATO-PO74G74A_14 Datasheet
1Mb / 6P
   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS
logo
Texas Instruments
SN54LV74 TI1-SN54LV74_10 Datasheet
148Kb / 8P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS
SN54AC74 TI1-SN54AC74_15 Datasheet
1Mb / 22P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS
SN54HC74 TI1-SN54HC74_15 Datasheet
164Kb / 15P
[Old version datasheet]   Dual D-Type Positive-Edge-Triggered Flip-Flops
SN54LV74 TI-SN54LV74 Datasheet
137Kb / 7P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS
SN74LV74A-EP TI1-SN74LV74A-EP Datasheet
506Kb / 14P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS
SN54LV74A TI1-SN54LV74A_15 Datasheet
1Mb / 31P
[Old version datasheet]   Dual Positive-Edge-Triggered D-Type Flip-Flops
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com