Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-S5131 Datasheet(PDF) 2 Page - BRIGHT LED ELECTRONICS CORP

Part # BL-S5131
Description  GaP/GaP GaP/GaP Low power consumption.
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Direct Link  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BL-S5131 Datasheet(HTML) 2 Page - BRIGHT LED ELECTRONICS CORP

  BL-S5131 Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BL-S5131 Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP BL-S5131 Datasheet HTML 3Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
B
BR
RIIG
GH
HT
T L
LE
ED
D E
EL
LE
EC
CT
TR
RO
ON
NIIC
CS
S C
CO
OR
RP
P..
B
BL
L--S
S5
51
13
31
1
Ver.1.0 Page: 2 of 2
SINCE 1981
Electrical and optical characteristics(Ta=25℃)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Forward Voltage
VF
IF=20mA
-
2.3
2.6
V
Luminous Intensity
Iv
IF=20mA
-
1.2
-
mcd
Reverse Current
IR
VR=5V
-
-
100
µA
Peak Wave Length
λ
p
IF=20mA
-
700
-
nm
Dominant Wave Length
λ
d
IF=20mA
-
650
-
nm
Spectral Line Half-width
∆λ
IF=20mA
-
100
-
nm
Viewing Angle
1/2
IF=20mA
-
75
-
deg
● Typical Electro-Optical Characteristics Curves
Fig.3 Forward current vs. Forward voltage
Fig.4 Relative luminous intensity
1.5
0
0.5
1.0
Forward current (mA)
20
10
30
40
50
Fig.5 Relative luminous intensity
2.0
0
20
10
30
40
50
vs. Forward current
2
Forward voltage(V)
13
5
4
0.7
0.8
0.9
1.0
0.5
0.3
0.1
0.2
70
80
90
0.4
0.6
60
50
40
Ambient temperature Ta( )
vs. Ambient temperature
0.5
Fig.6 Radiation diagram
-40
0
010
-20
20
0
2.0
1.0
1.5
2.5
3.0
30
20
60
40
Fig.1 Relative intensity vs. Wavelength
600
0
0.5
1.0
Wavelength λ (nm)
700
800
Ambient temperature Ta( )
vs. Ambient temperature
Fig.2 Forward current derating curve
0
20
10
10
30
20
40
60
40
50
60
100
80


Similar Part No. - BL-S5131

ManufacturerPart #DatasheetDescription
logo
Yellow Stone Corp
BL-S5131 YSTONE-BL-S5131 Datasheet
508Kb / 2P
   STANDARD LED LAMPS
BL-S5131 YSTONE-BL-S5131 Datasheet
400Kb / 5P
   STANDARD LED LAMPS (CYLINDRICAL TYPES)
More results

Similar Description - BL-S5131

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BL-S2133 BRIGHT-BL-S2133 Datasheet
132Kb / 2P
   GaP/GaP Green Low power consumption.
BL-S2137 BRIGHT-BL-S2137 Datasheet
133Kb / 2P
   GaP/GaP Green Low power consumption.
BL-W2334B-S BRIGHT-BL-W2334B-S Datasheet
142Kb / 2P
   GaP/GaP Green Low power consumption.
BL-R2122 BRIGHT-BL-R2122 Datasheet
130Kb / 2P
   GaP /GaP Green Low power consumption.
BL-R2130N BRIGHT-BL-R2130N Datasheet
132Kb / 2P
   GaP/GaP Green Low power consumption
BL-R2132K BRIGHT-BL-R2132K Datasheet
137Kb / 2P
   GaP /GaP Green Low power consumption.
BL-R2132W BRIGHT-BL-R2132W Datasheet
131Kb / 2P
   GaP /GaP green Low power consumption.
BL-R2139A BRIGHT-BL-R2139A Datasheet
138Kb / 2P
   GaP/ GaP Green Low power consumption.
BL-S2131 BRIGHT-BL-S2131 Datasheet
128Kb / 2P
   GaP/GaP Green Low power consumption.
BL-R2136A BRIGHT-BL-R2136A Datasheet
131Kb / 2P
   GaP/GaP Green Low power consumption.
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com